PART |
Description |
Maker |
IRGB10B60KD IRGSL10B60KD IRGS10B60KD |
600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package
|
International Rectifier
|
IRG7RC07SDPBF |
600V Copack IGBT in a D-Pak package
|
International Rectifier
|
AM29827DM AM29828DM AM29828PCB AM29828ADC AM29828A |
Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1041LPBF with Standard Packaging 600V Non Punch Through, Short Circuit Rated IGBT in a D-Pak package.; Similar to IRGR3B60KD2 with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package; Similar to IRGB10B60KD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRGSL10B60KD with Lead Free Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D-Pak Package; A IPS1031R with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in an SO-8 Package; A IPS1052GPBF with Standard Packaging 600V Fast 1-8 kHz Copack IGBT in a TO-220AB package; Similar to IRG4BC20MD with Lead Free Packaging 600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package; A IRG4BC20KD-S with Standard Packaging 600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package; A IRG4PC30KD with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS7091GPBF with Standard Packaging Programmable Current Sense High Side Switch in a 5-Lead D2-Pak Package; A IR3314SPBF with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1051LPBF with Standard Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D2-Pak Package; A IPS1031S with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a TO-220 Package; A IPS7091PBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak Package; A IPS6031SPBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS6041GPBF with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; A IRG4PC50UD with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; Similar to IRG4PC50UD with Lead Free Packaging Programmable Current Sense High Side Switch in a 5-Lead TO-220 Package; A IR3315PBF with Standard Packaging 10位缓冲器/驱动 10-Bit Buffer/Driver 10位缓冲器/驱动
|
Fairchild Semiconductor, Corp. Advanced Micro Devices, Inc.
|
IRGR4045D IRGR4045DTRLPBF |
600V Low VCEon Copack IGBT in a D-Pak package
|
International Rectifier
|
IRG4PC30KD IRG4PC30KD-EPBF |
600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A) 28 A, 600 V, N-CHANNEL IGBT, TO-247AD TO-247AD, 3 PIN
|
IRF[International Rectifier] Vishay Intertechnology, Inc.
|
IRG4BC30KD-S IRG4BC30KD-STRR IRG4BC30KDS IRG4BC30K |
600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRGBC30MD2 |
600V Copack IGBT in a TO-220AB package
|
International Rectifier
|
IRG4BC10SD IRG4BC10SDPBF |
600V DC-1 kHz (Standard) Copack IGBT in a TO-220AB package
|
International Rectifier
|
IRG4PC50KD |
600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package
|
International Rectifier
|