PART |
Description |
Maker |
7MBR15NE120 |
IGBT MODULE(1200V/15A/PIM) 15 A, 1200 V, N-CHANNEL IGBT
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
FGA15N120ANTDTU |
1200V, 15A, NPT Trench IGBT
|
Fairchild Semiconductor
|
IKB01N120H2E3045A IKP01N120H2 |
IGBTs & DuoPacks - 1A 1200V HighSpeed2 DuoPack IGBT D2Pak IGBTs & DuoPacks - 1A 1200V HighSpeed2 DuoPack IGBT TO220 1200V HighSpeed2 IGBT and 600V HighSpeed IGBT with antiparallel fast recovery EmCon™ diode in only one package.
|
Infineon
|
IRG4PH40KD |
1200V UltraFast 4-20 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V Vce(on)typ.=2.47V @Vge=15V Ic=15A) INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.47V, @Vge=15V, Ic=15A)
|
IRF[International Rectifier]
|
IRG4PH40K |
1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.74V, @Vge=15V, Ic=15A) INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
QIQ1245001 POWEREXINC-QIQ1245001 |
Low side Chopper IGBT Module 1200V 450A IGBT / 1200V 750A Fast Diode
|
POWEREX[Powerex Power Semiconductors]
|
NGTB40N60IHLW |
IGBT 600V 40A FS1 Induction Heating
|
ON Semiconductor
|
SI53102-A2 |
PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 1:2 FAN-OUT CLOCK BUFFER
|
Silicon Laboratories
|
RURG15120C RURG15120CC FN3695 |
From old datasheet system 15A, 1200V Ultrafast Dual Diode 15A 1200V Ultrafast Dual Diode 15A/ 1200V Ultrafast Dual Diode
|
INTERSIL[Intersil Corporation]
|
HGTP10N120BN HGTG10N120BN HGT1S10N120BNS HGT1S10N1 |
1200V, NPT Series N-Channel IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 35 A, 1200 V, N-CHANNEL IGBT, TO-263AB 35A/ 1200V/ NPT Series N-Channel IGBT 35A, 1200V, NPT Series N-Channel IGBT 35 A, 1200 V, NPT N-Channel IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HGTP2N120BND HGT1S2N120BNDS HGT1S2N120BNDS9A |
12A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(12A, 1200V, NPT系列N沟道绝缘栅双极型晶体 72 MACROCELL 5 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 2 A, 1200 V, N-CHANNEL IGBT, TO-220AB 12 A, 1200 V, N-CHANNEL IGBT, TO-263AB
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
SI52146 SI52146-A01AGM SI52146-A01AGMR |
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
|
Silicon Laboratories
|