PART |
Description |
Maker |
AT88SC0104CRF |
AT88SC0104CRF Summary [Updated 05/03. 9 Pages] Contactless 1-Kbit user memory with authentication and encryption. ISO/IEC 14443 Type B compliant CryptoRF EEPROM Memory 1 Kbits Contactless 1-Kbit user memory with authentication and encryption, ISO/IEC 14443 Type B compliant.
|
ATMEL Corporation
|
MAX66020 MAX66020K |
ISO/IEC 14443 Type B-Compliant 1Kb Memory Fob Read and Write (64-Bit Block)
|
Maxim Integrated Products
|
LA7209V |
Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag
|
Sanyo Semicon Device
|
AS3910 AS3910-BQFP |
13.56 MHz RFID Reader IC, ISO-14443 A/B
|
austriamicrosystems AG
|
MB89R11806 |
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
|
Fujitsu Media Devices Limited
|
M35101 |
13.56 MHZ, ISO 14443, CONTACTLESS MEMORY CHIP 2048-BIT EEPROM
|
STMicroelectronics
|
TL7232 TL7232MD |
FULL LAYER-ISO/IEC 11172-3 AUDIO DECODER 完整Layer -ゲ的ISO / IEC 11172-3音频译码 FULL LAYER-?/a> ISO/IEC 11172-3 AUDIO DECODER
|
Samsung Semiconductor Co., Ltd.
|
LRI6408 LRI64-A6S2U LRI64-MBTG LRI64-A7T LRI64-SBN |
Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
|
STMicroelectronics
|
LRI64 LRI64-A1S LRI64-A1S/1GE LRI64-A1T LRI64-A1T/ |
Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO 15693 Standard Compliant 内存标签IC64位唯一ID与WORM的用户区13.56,ISO 15693标准兼容 CONN HOUSING 2MM 18POS POLARIZED
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
N435 |
ISO/IEC JTC 1/SIC 2/WG 3 7-bit and 8-bit codes and their extension SECRETARIAT : ELOT 的ISO / IEC裕廊1/SIC 2/WG 3 7位和8位代码和扩展秘书处:埃洛
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
N501 |
ISO/IEC JTC 1/SIC 2/WG 3 7-bit and 8-bit codes and their extension SECRETARIAT : ELOT 的ISO / IEC裕廊1/SIC 2/WG 3 7位和8位代码和扩展秘书处:埃洛
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|