PART |
Description |
Maker |
OTS-1VTR2ATR |
Optiva Standard, 1 Duplex Composite Video and 2 Duplex Audio
|
Opticomm Corporation
|
MAX13181EELBT MAX13182EELBT MAX13184EELB MAX13183E |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in µDFN
|
MAXIM - Dallas Semiconductor
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
V23836-C18-C363 V23836-C18-C63 |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21 km, 1x9, SC Duplex Connector, 3,3 V, DC/DC coupling Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21 km, 1x9, SC Duplex Connector, 5 V, DC/DC coupling 1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1 1x9收发器与双工SC插孔单模1300纳米21公里与SONET OC - 3 / SDH的的STM - 1
|
Infineon Technologies A... Infineon Technologies AG
|
MSC1215-XX MSC1215 |
17×2 Duplex Driver with Dimming, Keyscan and A/D Converter Function(具有模糊、关键扫描、模/数转换功能的17×2显示双向驱动 17 x 2 Duplex Driver with Dimming, Keyscan and A/D Converter Function
|
OKI SEMICONDUCTOR CO., LTD.
|
PE300521-2 PE300521-1 |
CABLE ASSEMBLY LC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING CABLE ASSEMBLY LC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
|
Pasternack Enterprises, Inc.
|
MAX19711ETN |
10-Bit, 11Msps, Full-Duplex, Analog Front-End SPECIALTY TELECOM CIRCUIT, QCC56 10-Bit, 11Msps, Full-Duplex Analog Front-End
|
Maxim Integrated Products, Inc.
|
ADM3486EARZ-REEL7 ADM3483EARZ-REEL7 |
3.3 V, 5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3 V, 15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers 3.3伏特,15千伏ESD保护,半和全双工,RS-485/RS-422收发
|
Analog Devices, Inc.
|
325-325-054L999 DIAMONDSA-315-315-054L999 334-000- |
9/125 um, SINGLE MODE, DUPLEX FIBER OPTIC CONNECTOR 62.5/125 um, MULTI MODE, DUPLEX FIBER OPTIC CONNECTOR 50/125 um, MULTI MODE, DUPLEX FIBER OPTIC CONNECTOR
|
DIAMOND SA
|
PE300019-2 PE300019-5 PE300019-3 PE300019-1 PE3000 |
CABLE ASSEMBLY FC TO FC DUPLEX MULTI MODE CABLE ASSEMBLY, FC TO FC DUPLEX MULTI MODE CABLE ASSEMBLY FC TO FC DUPLEX MULTI MODE CABLE ASSEMBLY FC TO FC DUPLEX MULTI MODE CABLE ASSEMBLY SC TO SC, SIMPLEX SINGLE MODE(9/125) CABLE ASSEMBLY SC TO SC SIMPLEX SINGLE MODE
|
Pasternack Enterprises, Inc.
|
0885262204 885262204 |
LC-to-ST, Multimode, 62.5/125μm, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 10.0m (32.81) LC-to-ST, Multimode, 62.5/125渭m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 10.0m (32.81) MOLEX Connector
|
Molex Electronics Ltd.
|
|