PART |
Description |
Maker |
M27C1024-10XF7 M27C1024-12XF7 M27C1024-15XF7 M27C1 |
1-Mbit (64Kb x16) UV EPROM, 100ns 1-Mbit (64Kb x16) UV EPROM, 120ns 1-Mbit (64Kb x16) UV EPROM, 150ns 1-Mbit (64Kb x16) UV EPROM, 200ns 1-Mbit (64Kb x16) UV EPROM, 35ns 1-Mbit (64Kb x16) UV EPROM, 45ns 1-Mbit (64Kb x16) UV EPROM, 55ns 1-Mbit (64Kb x16) UV EPROM, 70ns 1-Mbit (64Kb x16) UV EPROM, 80ns 1-Mbit (64Kb x16) UV EPROM, 90ns 1-Mbit (64Kb x16) OTP EPROM, 120ns 1-Mbit (64Kb x16) OTP EPROM, 70ns 1-Mbit (64Kb x16) OTP EPROM, 90ns 1-Mbit (64Kb x16) OTP EPROM, 55ns 1-Mbit (64Kb x16) OTP EPROM, 45ns 1-Mbit (64Kb x16) OTP EPROM, 35ns 1-Mbit (64Kb x16) OTP EPROM, 150ns 1-Mbit (64Kb x16) OTP EPROM, 100ns
|
SGS Thomson Microelectronics
|
M59BW10225N1T M59BW102 M59BW102N |
1 MBIT (64KB X16, BURST) LOW VOLTAGE FLASH MEMORY 1 Mbit 64Kb x16, Burst Low Voltage Flash Memory 1 MBIT (64KB X16, BURST) LOW VOLTAGE FLASH MEMORY
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29W102 M29W102BB M29W102BB50N1T M29W102BB50N6T M2 |
1 MBIT (64KB X16, BOOT BLOCK) LOW VOLTAGE SINGLE SUPPLY FLASH MEMORY 1 MBIT (64KB X16, BOOT BLOCK) LOW VOLTAGE SINGLE SUPPLY FLASH MEMORY 1 Mbit 64Kb x16 / Boot Block Low Voltage Single Supply Flash Memory 1 Mbit 64Kb x16, Boot Block Low Voltage Single Supply Flash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M27W512 M27W512-100B6TR M27W512-100F6TR M27W512-10 |
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM Hex D-Type Positive-Edge-Triggered Flip-Flops With Clear 16-SOIC 0 to 70 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM 512千位64Kb的x8低压紫外线EPROM和检察官办公室存储器
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|
M36W0R6030B0ZAQ M36W0R6030T0 M36W0R6030T0ZAQ M36W0 |
64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 8 Mbit (512Kb x16) SRAM, Multi-Chip Package
|
ST Microelectronics
|
M36DR432DA10ZA6T |
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
|
http://
|
M36W432 M36W432B M36W432B70ZA1T M36W432B70ZA6T M36 |
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
M36W432TG70ZA1T M36W432TG85ZA6T M36W432TG-ZAT M36W |
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
|
意法半导
|
M59DR032A M59DR032B M59DR032A120ZB1T M59DR032A100Z |
2M X 16 FLASH 1.8V PROM, 120 ns, PBGA48 32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory 32兆位Mb x16插槽,双行,第低压闪 32 Mbit 2Mb x16 / Dual Bank / Page Low Voltage Flash Memory 32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
|
http:// NUMONYX STMicroelectronics N.V. 意法半导 ST Microelectronics
|
SST39LF100-70-4I-WI SST39LF100-70-4I-WK SST39VF100 |
Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps 1兆位4K的16)多功能闪光 64 Mbit (x16) Multi-Purpose Flash Plus 64兆位(x16)的多功能闪存加 (SST39VF100 / SST39LF100) 1 Mbit (64K x16) Multi-Purpose Flash 8 mm (0.31 inch) Ultra Mini Seven Segment Display
|
http:// Silicon Storage Technology, Inc.
|
M36W0R6040B3ZAQE M36W0R6050B3 M36W0R6050B3ZAQE M36 |
64-Mbit (4 Mbits ×16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit ×16) or 32-Mbit (2 Mbits x16) PSRAM MCP
|
Numonyx B.V http://
|