PART |
Description |
Maker |
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
IRLI530G IRLI530GPBF |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16惟 , ID=9.7A ) HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16Ω , ID=9.7A )
|
International Rectifier
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRF540Z IRF540ZL IRF540ZS IRF540ZPBF |
100V Single N-Channel HEXFET Power MOSFET in a TO-262 package 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package AUTOMOTIVE MOSFET
|
IRF[International Rectifier]
|
PB-IRF3710ZL IRF3710ZSTRL |
Leaded 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package Leaded 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRFF120 |
100V Single N-Channel Hi-Rel MOSFET in a TO-205AF package HEXFET? TRANSISTOR REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
|
IRF[International Rectifier]
|
IRF7490 IRF7490TR |
100V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
IRFI9530G IRFI9530GPBF |
-100V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
|
IRF[International Rectifier]
|
IRF7350 IRF7350N IRF7350P IRF7350TR |
-100V Single DUAL-Channel HEXFET Power MOSFET in a SO-8 package 100V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss= -100V)
|
IRF[International Rectifier]
|
IRFL9110 IRFL9110TR |
-100V Single P-Channel HEXFET Power MOSFET in a SOT-223 package Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-1.1A)
|
IRF[International Rectifier]
|
IRF7452 IRF7452TR |
100V Single N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
|
IRF[International Rectifier]
|
IRF520L IRF520NSTRR IRF520NSTRL |
Power MOSFET(Vdss=100V/ Rds(on)=0.20ohm/ Id=9.7A) 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|