PART |
Description |
Maker |
B84113-C-L60 B84113-C-A110 B84113-C-A30 B84113-C-A |
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
|
EPCOS[EPCOS]
|
951CXP825K-SF-F |
AC Rated, Round Axial Leaded, UL 810 Fail Safe, Rated 10,000 AFCLMax.
|
Cornell Dubilier Electr...
|
B84142-A50-R B84142-A40-R B84142-A10-R B84142-A30- |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
|
EPCOS AG
|
B82432-T |
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
|
EPCOS[EPCOS]
|
B82432-A1152-K B82432-A1182-K B82432-A1472-K B8243 |
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
|
EPCOS
|
B84110A B84110A0000A005 B84110A0000A010 B84110A000 |
EMC filters Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A
|
EPCOS[EPCOS]
|
B82432-H1224-K B82432-H1333-K B82432-H1334-K B8243 |
High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
|
EPCOS[EPCOS]
|
IRFF310 2476 |
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?TRANSISTORS THRU-HOLE (TO-205AF) REPETITIVE AVALANCHE AND dv/dt RATED HEXFETTRANSISTORS THRU-HOLE (TO-205AF) From old datasheet system REPETITIVE AVALANCHE AND dv/dt RATED HEXFET剖TRANSISTORS THRU-HOLE (TO-205AF)
|
IRF[International Rectifier]
|
BUZ102S Q67040-S4011-A2 |
High Speed CMOS Logic 12-Stage Binary Counter 16-SOIC -55 to 125 SIPMOS功率晶体管(N通道增强模式雪崩额定dv / dt的评价) SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated) SIPMOS ? Power Transistor
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BUZ100S Q67040-S4001-A2 |
High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-TSSOP -55 to 125 SIPMOS功率晶体管(N通道增强模式雪崩额定dv / dt的评价) SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated) SIPMOS ? Power Transistor
|
SIEMENS AG Siemens Semiconductor Group Infineon http://
|
RFP30N06LE RF1S30N06LE RF1S30N06LESM |
30A/ 60V/ ESD Rated/ Avalanche Rated/ Logic Level N-Channel Enhancement-Mode Power MOSFETs 30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
|
Fairchild Semiconductor HARRIS[Harris Corporation]
|