PART |
Description |
Maker |
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
RHFL4913S50-04V 5962F0253401VXA 5962F0253401VXC 59 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
GBJ30B GBJ30G |
Low forward voltage, high forward current
|
GeneSiC Semiconductor, ...
|
1KSMBJ11A 1KSMBJ9.1A 1KSMBJ51A 1KSMBJ91A 1KSMBJ24A |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:600V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41 Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor 硅雪崩二极管- 1000瓦表面贴装瞬态电压抑制器
|
Littelfuse, Inc.
|
566-0307F |
LED Lamp; LED Color:Yellow; Luminous Intensity:3.5mcd; Viewing Angle:110 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-55 C to ? C; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
DIALIGHT CORP
|
SL04 SL02 SL03 |
Small Signal, Single Schottky Diodes
very low forward voltage drop;
high forward current capability; Small Surface Mount Schottky Diodes
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
BD241CFP |
Transient Surge Protection Thyristor; Package/Case:MS-013; Current, It av:2.2A; Reel Quantity:1500; Capacitance:80pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:200V; Holding Current:150mA 晶体管|晶体管|叩| 100V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有
|
Samsung Semiconductor Co., Ltd.
|
X100FF5 X100FF3 X150FF3 X150FF5 |
15000 V rectifier 50-420mA forward current,50 ns recovery time 10000 V rectifier 50-420mA forward current,50 ns recovery time 2,000 V - 15,000 V Rectifiers 50 mA - 420 mA Forward Current 30 ns - 50 ns Recovery Time
|
Voltage Multipliers List of Unclassifed Manufacturers
|
558-0302-001F |
LED Lamp; Bulb Size:3mm; LED Color:Yellow; Luminous Intensity:12.6mcd; Viewing Angle:60 ; Forward Current:12mA; Forward Voltage:5V; Operating Temperature Range:-40 C to 85 C; Color:Yellow RoHS Compliant: Yes T-1 SINGLE COLOR LED, YELLOW, 3 mm
|
Dialight PLC
|
1N6529U 1N6531U 1N6533U |
2000 V rectifier 0.05-0.25 A forward current, 70 ns recovery time 3000 V rectifier 0.05-0.25 A forward current, 70 ns recovery time 5000 V rectifier 0.05-0.25 A forward current, 70 ns recovery time
|
Voltage Multipliers
|