PART |
Description |
Maker |
STPS5L25B-TR STPS5L25 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) LOW DROP POWER SCHOTTKY RECTIFIER
|
STMicroelectronics ST Microelectronics
|
STPS16L45C 8000 STPS16L45CFP STPS16L45CT |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) LOW DROP POWER SCHOTTKY RECTIFIER From old datasheet system
|
STMicroelectronics
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
LB8632 LB8632V |
Low-Voltage/Low-Saturation Camera Motor Driver Low-Voltage/Low-Saturation相机马达驱动
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
LD2985AM25R LD2985AM28R LD2985AM30R LD2985AM18R LD |
Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
|
STMicroelectronics
|
LD1985-15-AF5-R LD1985-18-AF5-R LD1985-25-AF5-R LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
5962R0251002HXA 5962R0251002HXC 5962R0251002HZA 59 |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC to DC Converter DC至DC转换
|
Littelfuse, Inc.
|
FSA1256AL8X |
Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ????Option
|
FAIRCHILD SEMICONDUCTOR CORP
|
LS840-14 |
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
|
Linear Integrated Syste...
|
BYT230PIV300 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible 与独立二极管组成的阵列|的SOT - 227B
|
STMicroelectronics N.V.
|