PART |
Description |
Maker |
0219002. 0219005. 021906.3 219002 0219001. 0219004 |
5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series 5 × 20毫米时滞保险丝(希欧- Blo)保险丝219系列
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
0375012.MXP 0375015.MXP |
3AG SLO-BLO FUSE Pb-FREE 1000 PACK
|
Littelfuse
|
046801.5 0468001. 0468002. 468 0468003. |
Lead-Free SlimLine 1206 Slo-Blo Fuse 468 Series
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
0213.250MXE- 0213.200MXEP 0213.315MXE- 0213.500MXE |
213 Series, 5 x 20 mm, Time-Lag (Slo-Blo?) Fuse 213 Series, 5 x 20 mm, Time-Lag (Slo-Blo?) Fuse
|
Littelfuse
|
2302.25P 229.250P 229.350P 229.375P 229.500P 229.6 |
2AG Slo-Blo Fuse Axial Lead and Cartridge Fuses - Subminiature Glass Body
|
LITTELFUSE[Littelfuse]
|
221 215.200 215.250 215.315 215.400 215.500 215.63 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
|
LITTELFUSE[Littelfuse]
|
239250 239200 239300 239_1 239001 239002 239003 23 |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
LITTELFUSE[Littelfuse]
|
229250 229500 229375 230800 229001 229002 229003 2 |
Axial Lead and Cartridge Fuses 2AG Slo-Blo Fuse
|
LITTELFUSE[Littelfuse]
|
0230.375DRT1SP 023001.5DRT1SSP 02302.25DRT2SP 0230 |
TIME LAG BLOW ELECTRIC FUSE, 0.375A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 1.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 2.25A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 1.25A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 2.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT 229/230 Series Lead-Free 2AG, Slo-Blo? Fuse and Indicating Slo-Blo? Fuse TIME LAG BLOW ELECTRIC FUSE, 0.25A, 250VAC, 125VDC, 35A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 0.35A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 0.75A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 7A, 125VAC, 125VDC, 400A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 0.25A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE
|
HIROSE ELECTRIC Co., Ltd. Littelfuse
|
BSV52R BFE215R BFAP83 BF521 BDP492 BDP495 BCAE07 B |
BSV52R - Tranzystor prze潮czaj便y BFE215R - Tranzystor wielkiej cz牦totliwo躲i BFAP83 - Tranzystor wielkiej cz牦totliwo躲i specjalny BF521 - Tranzystor wielkiej cz牦totliwo躲i TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:36V; Breakdown Voltage, Vbr:40V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Through Hole; Polarization:Unipolar; Power Cyclone FPGA 6K PQFP-240 Cartridge Fuse; Current Rating:12A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:500mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:31.75mm RoHS Compliant: No FUSE-250V,1.0A,SLO-BLO 0.25X1.25 FUSE 15A 250V 3AB FAST-BLOW 30SMAX@30A 750A_INTER.RATING UL/CSA 3A 250V SLO-BLO 1/4X1-1/4 CERA FUSE 15A 32V Cartridge Fuse; Current Rating:10A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:31.75mm RoHS Compliant: No Cartridge Fuse; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:326 RoHS Compliant: No Cartridge Fuse; Current Rating:7A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:4A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:25A; Voltage Rating:32V; Fuse Type:Time Delay; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Body Material:Ceramic; Diameter:6.985mm; Fuse Terminals:Axial Lead; Leaded Process Compatible:No; Length:32.258mm; Peak Reflow Compatible (260 C):No DIODE TVS 200V 600W BIDIR 5% SMB BF619 - Tranzystor wielkiej cz牦totliwo躲i DIODE TVS 28V 600W BI-DIR SMB DIODE TVS 30V 600W BI-DIR SMB BCE107R - Tranzystor ma冲j cz牦totliwo躲i ma冲j mocy BCE107R - Tranzystor马冲南航牦totliwo躲いま冲 mocy BDCP25 - Tranzystor ma冲j cz牦totliwo躲i du垮j mocy specjalny BDCP25 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy specjalny DIODE TVS 20V 600W UNI-DIR SMB BDP286 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy BCE107 - Tranzystor ma冲j cz牦totliwo躲i ma冲j mocy BCE107 - Tranzystor马冲南航牦totliwo躲いま冲 mocy DIODE TVS 130V 400W BIDIR 5% SMA BDAP95 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy specjalny VARISTOR MEDIUM VOLTAGE BCE109R - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy BCE109 - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy BCE107 - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy
|
NXP Semiconductors N.V. Cirrus Logic, Inc. Belden, Inc. PHOENIX CONTACT Deutschland GmbH
|
STK13C68-C25 STK13C68-5S25 STK13C68-5S45 STK13C68- |
FUSE 5A SLO-BLO PICO SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:30A; Gate Trigger Current Max, Igt:200uA SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:30A; Gate Trigger Current Max, Igt:50uA PC Board Fuse; Current Rating:250mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Very Fast Acting; Leaded Process Compatible:No PC Board Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Very Fast Acting; Leaded Process Compatible:No PC Board Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No PC Board Fuse; Current Rating:375mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Cartridge Fuse; Current Rating:0.062A; Voltage Rating:125V; Fuse Type:Very Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating:125V RoHS Compliant: No NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Microchip Technology, Inc. Electronic Theatre Controls, Inc.
|
|