PART |
Description |
Maker |
S24023SB |
Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs 精密复位控制器和4K的I2C既复位和复位输出记忆
|
Summit Microelectronics, Inc.
|
MAX6452 MAX6446 MAX6448 MAX6443-MAX6452 MAX6444USL |
4.625 V, mP reset circuit with long manual reset setup period 2.925 V, mP reset circuit with long manual reset setup period 2.313 V, mP reset circuit with long manual reset setup period µP Reset Circuits with Long Manual Reset Setup Period レP Reset Circuits with Long Manual Reset Setup Period From old datasheet system ?P Reset Circuits with Long Manual Reset Setup Period μP Reset Circuits with Long Manual Reset Setup Period 1.575 V, mP reset circuit with long manual reset setup period 2.625 V, mP reset circuit with long manual reset setup period
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
MAX6332UR20D3-T MAX6333UR20D3-T MAX6334UR20D3-T MA |
Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 3-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits 3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits 3-Pin Ultra-Low-Voltage Low-Power P Reset Circuits From old datasheet system 3-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits 3-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits TV 79C 79#22D SKT RECP 3引脚,超低电压,低功耗レP复位电路 Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
STM6321LWY6F STM6321TWY6F STM6321SWY6F STM6322SWY6 |
Reset Watchdog Reset Manual Reset
|
ST Microelectronics
|
TCM810 TCM809 |
3-Pin Microcontroller Reset Monitors(3寮??寰???跺?澶??????? IC,VOLT DETECTOR,FIXED, 4.63V,CMOS,TSSOP,6PIN,PLASTIC The TCM809 and TCM810 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal to the host processor when necessary. No external components are required. The reset output is driven
|
Microchip Technology Inc.
|
MAX811 MAX811EUS-T MAX811-MAX812 MAX812EUS-T MAX81 |
Microprocessor voltage monitor with manual reset input. Reset threshold voltage 4.38V Hex D-type Flip-Flops With Clear 16-CDIP -55 to 125 4-Pin レP Voltage Monitors with Manual Reset Input 4-Pin P Voltage Monitors with Manual Reset Input
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAX6467XS16D3T MAX6467XS22D3T MAX6467XS26D3T |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset
|
MAXIM - Dallas Semiconductor
|
NM1601N255 1601ALMQB35 1601ALMQB30 1600ADMQB35 160 |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset x1 SRAM x1的SRAM
|
Jewel Hill Electronic Co., Ltd.
|
MAX6805US26D3-T MAX6803US29D3-T MAX6803US26D3-T MA |
4-Pin, Low-Power レP Reset Circuits with Manual Reset
|
Maxim Integrated Products, Inc.
|
DS8T28J DS8T26AJ/A DS8T28J/A DS8T26AMJ DS8T28MJ DS |
MicroPower Microprocessor Reset Circuit with Delay; Minimum Active Reset: 150 ms; Package: SOT23-3 4位总线收发
|
复位半导
|
CAT823 CAT823LSDI-G CAT823LTDI-G CAT823MSDI-G CAT8 |
1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5 System Supervisory Voltage Reset with Watchdog and Manual Reset
|
Catalyst Semiconductor
|