PART |
Description |
Maker |
BSP78 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 10 Watts Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
5962-88774012A 5962-88774012X 5962-8877401DX |
2/2-input and 3/3-input AND-NOR Gate Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps 2/2-input/3-input或非
|
TE Connectivity, Ltd.
|
MC74HC58 ON1484 MC74HC58D |
2-Wide, 2-Input/2-Wide, 3-Input AND-OR Gates HC/UH SERIES, DUAL 6-INPUT AND-OR GATE, PDSO14 From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semi
|
FMS6501MSA28 FMS650107 |
12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Fairchild Semiconductor
|
5962F9863101VXC ACS30K ACS21D ACS30KMSR-03 ACS21K |
Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, CDFP14 Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, UUC11 RES, NETWORK SMT 100R 5% 1/16W 25V, 0603X4 Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70
|
Intersil, Corp. Intersil Corporation
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
MC10H107 MC10H107FN MC10H107L MC10H107P ON0742 MC1 |
From old datasheet system Triple 2-Input Exclusive OR/Exclusive NOR Gate 0.3A, 2.7 to 5.5V Dual (2 Input/ 2 Output) High-Side MOSFET Switch IC, Fault Reporting, 2 Act-Lo En 8-SOIC 0 to 85 10H SERIES, TRIPLE 2-INPUT XOR/XNOR GATE, PQCC20
|
ONSEMI[ON Semiconductor] Motorola, Inc Motorola Mobility Holdings, Inc.
|
H11AA1-M H11AA1-MS H11AA1-MSR2 H11AA1-MSR2V H11AA1 |
AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS 1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER 8360 TBGA ENCRP NO-PB 6-Pin DIP AC Input Phototransistor Output Optocoupler
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HCTS4002MS FN3075 HCTS4002D HCTS4002DMSR HCTS4002H |
From old datasheet system Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Dual 4-Input NOR Gate HCT SERIES, DUAL 4-INPUT NOR GATE, CDIP14 Quadruple 2-Input Positive-NAND Gates 14-CDIP -55 to 125 HCT SERIES, DUAL 4-INPUT NOR GATE, CDFP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
7B40-08-2 7B40 7B40-01-1 7B40-01-2 7B40-02-1 7B40- |
Isolated Voltage or Current Input Wide Band Isolation Input Module
|
Analog Devices, Inc. AD[Analog Devices]
|