PART |
Description |
Maker |
TFA3352 |
Control- and Monitoring-IC for Electronic Transformers operating Low-Voltage Halogen Lamps
|
Gunter Seniconductor GmbH.
|
ADM706P ADM706PAN ADM706PAR ADM706R ADM706RAN ADM7 |
3 V, Voltage Monitoring uP Supervisory Circuits 3 V/ Voltage Monitoring uP Supervisory Circuits Analog Switch / Multiplexer (Mux) IC; Analog Switch Function:SPST; Package/Case:16-SOIC; Leaded Process Compatible:No; Leakage Current:1nA; No. of Channels:4; On Resistance, Rds(on):100ohm; Peak Reflow Compatible (260 C):No RoHS Compliant: No 3 V, Voltage Monitoring uP Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 ECONOLINE: REC3-DRWI/A - 3W DIP Package Isolated Dual Outputs Vout1 / Vout2- Input / Output 2KVDC Isolation min.- UL94V-0 Package Material- Continuous Short Circiut Protection Auto-Restarting (V1)- Wide Input 2:1- Internal SMD design- 100% Burned In
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
EMD-BL-PTC-PT |
Electronic monitoring relay for temperature monitoring
|
PHOENIX CONTACT
|
ADM705 ADM706 ADM707 ADM708 |
Low Cost P Supervisor with 4.65V Threshold Voltage, Watchdog, Power Fail and Manual Reset Features and Active Low Reset Output 3 V, Voltage Monitoring P Supervisory Circuits Low Cost P Supervisor with 4.65V Threshold Voltage, Power Fail and Watchdog Features and Active Low and High Reset Outputs Low Cost P Supervisor with 4.4V Threshold Voltage, Power Fail and Watchdog Features and Active Low and High Reset Outputs
|
Analog Devices
|
MB3793-37A |
Supply Voltage Monitoring Application
|
Fujitsu
|
X40010S8-A X40010V8I-A X40015V8I-C X40014V8-C X400 |
Dual voltage monitoring CPU supervisor with power-on-reset, low voltage reset, watchdog timer, fault detection register, WDO output, active high reset RECTIFIER DIODES,COMMON CATHODE,1.5KV V(RRM),MODULE-S RS232 CURRENT LOOP INTRFACE General Purpose Relay 双电压监视器集成CPU监控 Dual Voltage Monitor with Integrated CPU Supervisor 双电压监视器集成CPU监控 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 双电压监视器集成CPU监控
|
Xicor Intersil, Corp.
|
MB3793-30APFV-E1 MB3793-30APF-E1 MB3793-30APNF MB3 |
Power Voltage Monitoring IC with Watchdog Timer
|
Fujitsu Component Limited.
|
MB3793-30A MB3793-30APF MB3793-30APF-E1 MB3793-30A |
Power Voltage Monitoring IC with Watchdog Timer
|
Fujitsu Media Devices Limited
|
MB3793-27APFV MB3793-27APNF |
Power Voltage Monitoring IC with Watchdog Timer
|
Fujitsu Component Limited.
|
MB3793-37A MB3793-37APNF-E1 MB3793-37APF MB3793-37 |
Power Voltage Monitoring IC with Watchdog Timer
|
Fujitsu Component Limited.
|
MB3793-45 MB3793-45PF MB3793-45PNF |
POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
|
Fujitsu Component Limited.
|