PART |
Description |
Maker |
614-91-304-31-012 614-93-304-31-012 614-99-304-31- |
Dual-in-line pin carrier assemblies Low profile / low profile ultra thin Solder tail OSCILLATORS 50PPM 0 70 3.3V 4 18.432MHZ TS HCMOS 5X7MM 4PAD SMD 双列直插脚载波组件低轮廓/低调超薄焊尾 CONNECTOR ACCESSORY 双列直插脚载波组件低轮廓/低调超薄焊尾 Dual-in-line pin carrier assemblies Low profile / low profile ultra thin Solder tail 双列直插脚载波组件低轮廓/低调超薄焊尾
|
TE Connectivity, Ltd. PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
MSP MSP08A001K00F MSP08A001K00G MSP08A001K00J MSP0 |
Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A?/a> Profile and 6, 8 or 10 Pin “C?/a> Profile Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A Profile and 6, 8 or 10 Pin “C Profile Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin 隆掳A隆卤 Profile and 6, 8 or 10 Pin 隆掳C隆卤 Profile Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A?Profile and 6, 8 or 10 Pin “C?Profile
|
http:// Vishay Siliconix
|
591D686X004C2T 591D686X010C2T 591D686X010D2T 591D6 |
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV 固体钽芯片电容器等于??,低姿态,低ESR,共形涂层,最大简 SW MINI PUSHBUTTON PANEL SEAL Conformal-coated tantalum capacitor;
high CV; low ESR;
low profile 1.2 - 2.0mm Solid Tantalum Chip Capacitors TANTAMOUNT?? Low Profile Low ESR Conformal Coated Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT??, Low Profile, Low ESR, Conformal Coated, Maximum CV
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. aximum CV VISAY[Vishay Siliconix]
|
MV54124 MV54124A MV53124 MV49124A MV57124A MV53124 |
High Efficiency Red Bullet Profile T-1 3/4 Solid State Lamp Yellow Bullet Profile T-1 3/4 Solid State Lamp High Efficiency Green Bullet Profile T-1 3/4 Solid State Lamp RECTANGULAR SOLID STATE LAMPS
|
FAIRCHILD[Fairchild Semiconductor]
|
TCH TCH-18-12 TCH-18-15 TCH-18-18 TCH-4-12 TCH-4-1 |
TCH 50/60 Hz Low Profile UL Aproved Transformers 2W-14W 50/60 Hz Low Profile UL Approved Transformers 2W-14W
|
PREMO CORPORATION S.L
|
HLMP-3451-D0000 HLMP-3568 HLMP-3351-D0000 |
T-1 3 /4 (5 mm) Low Profile LED Lamps(T-1 3 /4 (5 mm) 低剖面LED照明 的T 1 3 / 4毫米)超薄LED灯具(的T 1 3 / 4毫米)低剖面的LED照明灯) T-1 3 /4 (5 mm) Low Profile LED Lamps(T-1 3 /4 (5 mm) 浣???⑻ED?ф???
|
EPCOS AG
|
IHLP-2525CZ-07 |
5 % DCR Tolerance, Low Profile, IHLP? Power Inductor 5 % DCR Tolerance, Low Profile, IHLP庐 Power Inductor 5 % DCR Tolerance, Low Profile, IHLP㈢ Power Inductor
|
Vishay Siliconix
|
HSMS-C191 HSMH-C191 HSMD-C191 HSMG-C191 |
Agilent HSMG-C191 Low Profile ChipLED 安捷伦HSMG - C191超薄型ChipLED HSMG-C191 · Agilent HSMG-C191 Low Profile ChipLED HSMD-C191 · Agilent HSMD-C191 Low Profile ChipLED HSMH-C191 · Agilent HSMH-C191 Low Profile ChipLED HSMS-C191 · Agilent HSMS-C191 Low Profile ChipLED
|
Avago Technologies, Ltd. 发光二极 Agilent (Hewlett-Packard)
|
BD2425N50200A00 |
Ultra Low Profile 0404 Balun 50Ω to 200Ω Balanced Ultra Low Profile 0404 Balun 50ヘ to 200ヘ Balanced
|
http:// Anaren Microwave
|
BD3150N5010A00 |
Ultra Low Profile 0404 Balun 50Ω to 100Ω Balanced Ultra Low Profile 0404 Balun 50ヘ to 100ヘ Balanced
|
Anaren Microwave
|
BD0810J50100A00 |
Ultra Low Profile 0805 Balun 50Ω to 100Ω Balanced Ultra Low Profile 0805 Balun 50ヘ to 100ヘ Balanced
|
Anaren Microwave
|
AZ936-1A-3DE AZ936-1A-48DE AZ936-1A-5D AZ936-1A-9D |
Nominal coil VCD: 12; 10Amp low profile power relay Nominal coil VCD: 100; 10Amp low profile power relay Nominal coil VCD: 48; 10Amp low profile power relay Nominal coil VCD: 5; 10Amp low profile power relay 10 AMP LOW PROFILE POWER RELAY
|
ZETTLER electronics ETC List of Unclassifed Manufacturers
|