PART |
Description |
Maker |
PCH-27-103L PCH-27-104L PCH-27-105L PCH-27-106L PC |
Axial Lead Power Chokes Power inductor, 10% tol, RoHS 1 ELEMENT, 1200 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 120 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 12000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 1500 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 8200 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 18000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 82 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 6800 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 68 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 820 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 2700 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 15000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 2200 uH, GENERAL PURPOSE INDUCTOR
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
45912-0026 0459120026 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Power, Signal, Power Sequence), Press-Fit
|
Molex Electronics Ltd.
|
AT73C202 |
Power Management for Mobiles (PM) 2-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA49 The AT73C202 is a low-cost, ultra low-power, power and battery management IC designed to interface directly with state-of-the-art cellular phones, for example with 2.5G GSM phones. It includes all required power supplies tailored to be ful
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
T1G4012036-FL-15 |
120W Peak Power, 24W Average Power, 36V DC ?3.5 GHz, GaN RF Power Transistor
|
TriQuint Semiconductor
|
TA8260AH |
Max Power 40 W BTL 4CH Audio Power IC Max Power 40 W BTL 】 4CH Audio Power IC Max Power 40 W BTL x 4CH Audio Power IC RAC15-TA(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; Features: Compact AC-DC Power
|
Toshiba Semiconductor Toshiba Corporation
|
BLF872 BLF872-2015 |
UHF power LDMOS transistor UHF power LDMOS transistor - Description: UHF LDMOS POWER Transistor ; Efficiency: 55 %; Frequency band: 470-860 GHz; Output power: 300 W; Package material: SOT800A ; Power gain: 16.5 dB
|
NXP Semiconductors Quanzhou Jinmei Electro...
|
ICE1QS01G |
Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
|
Infineon Technologies AG
|
2SK2040 2SK2040JM 2SK2040-Z 2SK2040-Z-E1 2SK2040-Z |
High-freq. SW power supply, AC adapter power MOSFET SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
|
NEC[NEC]
|
2SD1267A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SD2659 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
|