PART |
Description |
Maker |
AM27512-3DC AM27512-3DCB AM27512-3DIB AM27512-4LEB |
±250V Input Range G = 1, 10, Micropower, Difference Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C x8 EPROM x8存储
|
Hammond Manufacturing Co., Ltd. Electronic Theatre Controls, Inc.
|
SI300-FS SI3000-KS SI3000-KSR SI3008-B-FS SI3000-C |
84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4?2 kHz Sample Rates 30 dB Microphone Pre-Amp
|
Silicon Laboratories Inc.
|
AM27C040-120/BUA AM27C040-120/BXA AM27C040-120LIB |
Dual PowerPath Switch Driver; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual Protected High Side Switches; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Differential Bus Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual PCMCIA Protected 3.3V/5V VCC Switches; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very Low Noise, Low Distortion Active RC Quad Universal Filter; Package: SSOP; No of Pins: 20; Temperature Range: 0°C to 70°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
Samsung Semiconductor Co., Ltd. Advanced Micro Devices, Inc.
|
AM27H010 AM27H010-45DEB AM27H010-45DIB AM27H010-45 |
x8 EPROM x8存储 Low Loss PowerPath Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Differential Driver and Receiver Pair; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Negative Voltage Diode-OR Controller and Monitor; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 36V, Low Loss PowerPath Controller for Large PFETs; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
AM27C020-155DI AM27C020-175DI AM27C020-155DIB AM27 |
Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Complete Single Supply 12-Bit Voltage Output DAC in SO-8; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold; Package: PDIP; No of Pins: 20; Temperature Range: -40°C to 85°C Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Micropower Low Dropout References; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Complete Single Supply 12-Bit Voltage Output DAC in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Switched-Capacitor Wide Input Range Voltage Converter with Shutdown; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 500ksps Sampling A/D Converter with Shutdown; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 3V 140ksps 12-Bit Sampling A/D Converter with Reference; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 3V 140ksps 12-Bit Sampling A/D Converter with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition System; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 300ksps Sampling A/D Converters with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Micropower Sampling 12-Bit A/D Converters In S0-8 Packages; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 12-Bit, 500ksps Sampling A/D Converter with Shutdown; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 12-Bit, 1.25Msps, 55mW Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Low Power, Low Noise, Quad Universal Filter Building Block; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Switched Capacitor Regulated Voltage Inverter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Switched Capacitor Regulated Voltage Inverter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single 5V RS232/RS485 Multiprotocol Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C x8存储 Single Chip 12-Bit Data Acquisition System; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
C-MAC MicroTechnology SPC Technology Electronic Theatre Controls, Inc.
|
EDI7P040FLE2402C15 EDI7P048FLE2402C15 EDI7P024FLE2 |
1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 250MHz Differential Line Receivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Peripheral Miscellaneous Flash Memory Card 8 MB Through 64 MB (AMD Based)(8M字节-64M字节闪速存储器卡(基于AMD 450MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 670MHz Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 周边杂项 Super Sync Separator; Temperature Range: 0°C to 70°C; Package: 24-QSOP T&R 周边杂项 350MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 250MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 周边杂项 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
Bourns, Inc. Sumida, Corp. Vicor, Corp. Vishay Intertechnology, Inc. 3M Company Sanyo Electric Co., Ltd.
|
CY2XP21ZXI CY2XP21ZXC |
125 MHz LVPECL Clock Generator; Voltage (V): 2.5/3.3 V; Input Range: 22.4 MHz to 28 MHz; Output Range: 112 MHz to 140 MHz; Outputs: 1
|
CYPRESS SEMICONDUCTOR CORP
|
ISL89400ABZ-T |
100V, 1.25A Peak, High Frequency Half-Bridge Drivers; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R 1.25 A HALF BRDG BASED MOSFET DRIVER, PDSO8
|
Intersil, Corp.
|
AM2168-45/BUA AM2169-70DCB AM2169-40PC AM2169-40LC |
Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C Micropower, 600kHz PWM DC/DC Converters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter with Programmable Peak Current Limit; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Micropower DC/DC Converter with Programmable Peak Current Limit; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1.5A Boost DC/DC Converter with Phase-Locked Loop; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Low Cost Dual and Quad Video Amplifiers; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C Micropower, 600kHz PWM DC/DC Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x4 SRAM x4的SRAM
|
3M Company
|