PART |
Description |
Maker |
CHL8225 CHL8228-00CRT CHL8228G |
Dual loop, 4 1 multiphase PWM controller for graphics processor VR solutions with multiple input rail control Dual loop, 6 2 multiphase PWM controller for graphics processor VR solutions with multiple input rail control
|
International Rectifier
|
IR3564B IR3570B IR3564BMTRPBF IR3570BMTRPBF |
Dual Loop, 4 1 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions Dual Loop, 3 2 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
IR3565B |
Dual Loop, 4 2 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
ISL62882HRTZ ISL62882IRTZ ISL62882BHRTZ |
Multiphase PWM Regulator for IMVP-6.5?Mobile CPUs and GPUs Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs; Temperature Range: -40°C to 85°C; Package: 40-TQFN SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC40 Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs; Temperature Range: Hi-Temp Comm; Package: 40-TQFN SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil Corporation Intersil, Corp.
|
ISL6363 ISL6363CRTZ ISL6363IRTZ |
Multiphase PWM Regulator for VR12?Desktop CPUs
|
Renesas Electronics Corporation
|
ISL62882CHRTZ-T ISL62882CIRTZ ISL62882CEVAL2Z ISL6 |
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs Multiphase PWM Regulator for IMVP-6.5?Mobile CPUs and GPUs
|
Intersil Corporation
|
ISL95712IRZ ISL95712HRZ |
Multiphase PWM Regulator for AMD Fusion?Desktop CPUs Using SVI 2.0
|
Renesas Electronics Corporation
|
HCC4046B HCC4046BF HCF4046B HCF4046BEY HCC4046 HCC |
MICRMICROPOWER PHASE-LOCKED LOOP _ MICRMICROPOWER锁相环_ Analog Phase-Locked Loop Dual Line Driver 14-SOIC 0 to 70 IC,PHASE-LOCKED LOOP,CMOS,DIP,16PIN,CERAMIC From old datasheet system
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ISL6564A |
Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing 多相PWM控制器,带有线位DAC能精密的RDSON)或DCR差分电流检
|
Intersil, Corp.
|
ISL6244 |
PWM Controller, Multiphase Power Controller with 2, 3, or 4 Phase for AMD Mobile Hammer
|
Intersil
|
PSR54-9P PSA55-9R PSA55-7I PSR53-7R PSR53-9P PSR53 |
60V Single N-Channel Hi-Rel MOSFET in a TO-204AE package; A IRF054 with Standard Packaging Analog IC Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to the iP2003A in Tape and Reel packaging. 500V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI460 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY340CM with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; Tape and Reel version of the iP2002 -100V Single P-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE9110 with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; A IP2002 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6845 with Standard Packaging 模拟IC Dual Output Full Function 2 Phase Synchronous Buck Power Block, Integrated Power Semiconductors, PWM Controller and Passives.; A IP1202 with Standard Packaging 模拟IC
|
TE Connectivity, Ltd.
|