PART |
Description |
Maker |
CD4094BFX CD4017BD3A CD40109BEX CD40109BD CD4556BF |
4000/14000/40000 SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP16 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 10-BIT UP RING COUNTER, CDIP16 DIP-16 4000/14000/40000 SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDIP16 4000/14000/40000 SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, CDIP16 4000/14000/40000 SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, CDIP16 4000/14000/40000 SERIES, OTHER DECODER/DRIVER, TRUE OUTPUT, PDIP16 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT DOWN BINARY COUNTER, CDIP16 HEX TTL/CMOS TO CMOS TRANSLATOR, CDIP16 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, CDIP16 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, CDIP16 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 7-BIT UP BINARY COUNTER, CDIP14 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16 4000/14000/40000 SERIES, 8 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, CDIP16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
MCH38FM560J MCHN38FM560J |
MICA CHIP CAPACITANCE=56 VOLT=4000 CAPACITOR, MICA, 4000 V, 0.000056 uF, SURFACE MOUNT, 3838
|
Cornell Dubilier Electronics, Inc.
|
MC14023UBCL MC14023UBCP MC14023UBD MC14025UBCL MC1 |
Triple 3-nput NAND Gate Quad 2-nput NOR Gate Dual 4-nput NAND Gate Dual 4-nput NOR Gate From old datasheet system Audio CODEC IC; IC Function:Audio Codec; Package/Case:28-SSOP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:20; No. of Channels:2; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, DUAL 4-INPUT NOR GATE, PDIP14 OSC 5V SMT 7X5 CMOS PROGRM 4000/14000/40000 SERIES, TRIPLE 3-INPUT NOR GATE, CDIP14 OSC 5V SMT 7X5 CMOS PROGRM 4000/14000/40000 SERIES, TRIPLE 3-INPUT NOR GATE, PDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, CDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 UB-Suffix Series COMS Gates 瑞银后缀系列COMS卫星盖茨
|
MOTOROLA[Motorola Inc] ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
PE424506 PE4245 4245-00 4245-01 4245-02 4245-51 42 |
SPDT UltraCMOS?RF Switch DC - 4000 MHz SPDT UltraCMOS⑩ RF Switch DC - 4000 MHz SPDT UltraCMOS RF Switch DC - 4000 MHz
|
Peregrine Semiconductor... PEREGRINE[Peregrine Semiconductor Corp.]
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
HEF40106BPB HEF40106BDB |
4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDIP14 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, CDIP14
|
NXP SEMICONDUCTORS
|
CD4019BC CD4019BCM CD4019BCN CD4019BCSJ CD4019BCMX |
Quad AND-OR Select Gate Quad 2-input OR Gate 4000/14000/40000 SERIES, QUAD 2-INPUT AND-OR GATE, PDSO16 Single 2-Input NAND Gate with Schmitt-Trigger Input 5-SC70 -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT AND-OR GATE, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
CD4047BC CD4047BC_02 CD4047BCM CD4047BCN CD4047BC0 |
Low Power Monostable/Astable Multivibrator 4000/14000/40000 SERIES, MONOSTABLE MULTIVIBRATOR, PDIP14 Low Power Monostable/Astable Multivibrator; Package: SOIC; No of Pins: 14; Container: Tape & Reel 4000/14000/40000 SERIES, MONOSTABLE MULTIVIBRATOR, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ASL033-13 |
5 ~ 4000 MHz MMIC Amplifier
|
Advanced Semiconductor Busi...
|
ASW318 |
5 ~ 4000 MHz MMIC Amplifier
|
Advanced Semiconductor ...
|
|