PART |
Description |
Maker |
STPS60L40C STPS60L40CW |
Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode LOW DROP POWER SCHOTTKY RECTIFIER
|
STMicroelectronics
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
LDO-512 |
Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
|
STMicroelectronics
|
LD1985-15-AF5-R LD1985-18-AF5-R LD1985-25-AF5-R LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
HZF27 |
Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode
|
齐纳二极
|
742-000-83-50 742-000-83-51 SPL9067 |
A Perimeter light incorporating solid state LEDs Low maintenance Low power consumption Low Life
|
Marl International Limited Marl International Limi...
|
TPS79915 |
200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
|
TI
|
BYT230PIV1200 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible 与独立二极管组成的阵列|模块
|
STMicroelectronics N.V.
|
MKP1839 |
C-values 1000 pF - 10 μF, Voltage 160 - 630 VDC, Tolerances to 1%, Low losses, Low dielectric absorption, Low profile, AXIAL
|
Vishay
|
SG2001-3.0 SG2001-3.0XN5_TR SG2001-3.3 SG2001-3.3X |
150mA, Low Power, Low Noise Low Dropout, Linear Regulators
|
Shengbang Microelectronics Co, Ltd
|
MAX6002EUR MAX6004EUR MAX6003EURT MAX6004EURT MAX6 |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
|
MAXIM - Dallas Semiconductor
|