PART |
Description |
Maker |
P6KE39 P6KE20A P6KE440A P6KE200 P6KE7.5 P6KE7.5A P |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes Multi-Standard Fully Integrated 13.56-MHz RFID AFE and Data Framing Reader System 32-QFN -40 to 110 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Single Output LDO, 1.0A, Fixed(1.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Unidirectional and bidirectional Transient Voltage Suppressor Diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Panjit International Inc Diotec Elektronische
|
MASMLG20A MASMLG20CA MASMLG22AE3 MASMLG22CAE3 MASM |
Standard Unidirectional and Bidirectional TVS
|
Microsemi
|
1N6461E3 1N6462E3 1N6463E3 1N6465E3 1N6467E3 1N646 |
Standard Unidirectional and Bidirectional TVS
|
Microsemi
|
MASMBG2K3.0E3 MASMBG2K4.0 MASMBG2K4.0E3 MASMBG2K4. |
Standard Unidirectional and Bidirectional TVS
|
Microsemi
|
1N5610E3 1N5611E3 1N5612E3 |
Standard Unidirectional and Bidirectional TVS
|
Microsemi
|
1N6300AE3/TR13 MXL1.5KE100A MXL1.5KE100AE3 MXL1.5K |
Standard Unidirectional and Bidirectional TVS
|
Microsemi
|
1N4467C JANS1N4467C JANS1N4493D 1N4476C JANTX1N447 |
12 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 150 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 36 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 20 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 130 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 10 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 56 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 8.2 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 15 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 200 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 43 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 91 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 47 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.5 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 100 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 68 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 110 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
MICROSEMI CORP-SCOTTSDALE
|
1N6017A-1TR 1N6012B 1N6000-1TR 1N5989D-1E3TR 1N600 |
51 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 33 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 10 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 3.6 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 20 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 47 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 5.6 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 39 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 68 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 6.2 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 4.3 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 3.3 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 200 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 6.8 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 130 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 7.5 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 36 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 75 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 82 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 160 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 150 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Axial-Leaded 500 mW Zener Diodes
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE Microsemi Corporation
|
SZN5114BTXV SZN5114C SZN5114BS SZN5114CSMS SZN5114 |
360 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 240 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 260 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 33 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 27 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 270 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 91 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 220 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 18 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 51 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 330 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
SOLID STATE DEVICES INC
|
CMOZ9L1 CMOZ10L CMOZ11L CMOZ12L CMOZ13L CMOZ15L CM |
SMD Zener Diode Single: Standard SURFACE MOUNT ULTRAmini LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 8.2 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ULTRAMINI, PLASTIC PACKAGE-2 Dual-Channel, I2C® Compatible, 256 Position, Digital Potentiometer 2 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor, Corp.
|
SZN5922TXV SZN5942TXV SZN5952TXV SZN5932TXV SZN593 |
7.5 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 51 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 130 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 20 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 33 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 150 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3 ?200 VOLTS ZENER DIODES 36 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 15 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 68 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 9.1 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 56 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 43 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 13 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 12 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 100 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 8.2 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 47 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 82 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 62 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 11 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 160 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 1.5 WATT 3.3 ?200 VOLTS ZENER DIODES
|
Solid State Devices, Inc. SOLID STATE DEVICES INC Solid States Devices, Inc Solid States Devices, I...
|
|