PART |
Description |
Maker |
FW905 |
N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device 7 A, 20 V, 0.024 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
HI4-0508A-8 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -55°C to 125°C; Package: 20-LCC 8-CHANNEL, SGL ENDED MULTIPLEXER, CQCC20
|
Intersil, Corp.
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|
MUX28 MUX-16AT MUX28AT/883 |
8-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP28 16-Channel/Dual 8-Channel JFET Analog Multiplexers(Overvoltage Protected)
|
ANALOG DEVICES INC AD[Analog Devices]
|
HI3-0508-5Z |
Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers 8-CHANNEL, SGL ENDED MULTIPLEXER, PDIP16
|
Intersil, Corp.
|
AK4628 AK4628VQ |
2-channel 96KHz ADC 8-channel 192KHz DAC HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
|
AKM[Asahi Kasei Microsystems]
|
UT6898G-S08-R UT6898G-S08-T UT6898L-S08-R UT6898L- |
N-CHANNEL ENHANCEMENT 9.4 A, 20 V, 0.014 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, SOP-8
|
Unisonic Technologies Co., Ltd.
|
DMN5L06V-7 DMN5L06VA-7 |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 280 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc.
|
6AM14 |
Silicon N-Channel/P-Channel Power MOS FET Array 硅N-Channel/P-Channel功率MOS FET阵列
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
2N7002T |
N-channel TrenchMOS FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.3 A; R<sub>DS(on)</sub>: 5000@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 300 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
NXP Semiconductors N.V.
|
|