PART |
Description |
Maker |
AP2202K-2.7TR AP2202K-ADJTR AP2202K-ADJTRE1 AP2202 |
150mA RF ULDO REGULATOR 150mA的射频ULDO调节 150mA RF ULDO REGULATOR ADJUSTABLE POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 150mA RF ULDO REGULATOR 150mA的射ULDO调节
|
Intersil, Corp. BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
AAT3220IGY-18-T1 AAT3220IGY-23-T1 AAT3220IGY-20-T1 |
150mA NanoPower LDO Linear Regulator 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPowerLDO Linear Regulator CAP 8.0PF 50V .25 PF NP0(C0G) SMD-1206 TR-7 PLATED-NI/SN 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器
|
http:// Advanced Analogic Technologies, Inc.
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ZXCL330E5 ZXCL280 ZXCL280E5 ZXCL280H5 ZXCL1250H5 Z |
ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS IC-SM-2.6V 150MA LDO REG Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 IC-SM-2.8V 150MA LDO REG
|
ZETEX[Zetex Semiconductors] Vishay Semiconductors ZETEX PLC
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AAT3220IQY-3.5-T1 AAT3220 AAT3220IGY-1.8-T1 AAT322 |
150mA NanoPower LDO Linear Regulator 150mA NanoPower垄芒 LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator
|
Advanced Analogic Technologies AAT[Advanced Analog Technology, Inc.]
|
AM2833 AM2833PC AM2833DM AM2533 AM2533DC AM2533V A |
Voltage Regulator IC; Output Current:150mA; Output Voltage:2.5V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.5V 1024 Bit Static Shift Registers 1024-Bit Static Shift Registers
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AAT3201IGV-3.5-T1 AAT320106 AAT3201IGV-2.0-T1 AAT3 |
150mA OmniPower垄芒 LDO Linear Regulator 150mA OmniPower LDO Linear Regulator 150mA OmniPower?/a> LDO Linear Regulator
|
Advanced Analogic Technologies Advanced Analog Technology, Inc.
|
MIC5245 MIC5245-2.5BM5 MIC5245-2.7BM5 MIC5245-2.85 |
150mA レCap CMOS LDO Regulator Preliminary Information 150mA ??ap CMOS LDO Regulator Preliminary Information 150mA Cap CMOS LDO Regulator Preliminary Information
|
MICREL[Micrel Semiconductor]
|
MIC5268 MIC5268-1.2BM5 |
150mA µCap CMOS LDO Regulator w/Power Good 150mA UCap CMOS LDO Regulator w/Power Good
|
Micrel Semiconductor,Inc.
|