PART |
Description |
Maker |
262-130122-A-R 221-130122-A-R 223-122810-A-R 265-2 |
ROTARY SWITCH-12POSITIONS, DP12T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 3P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, 5P11T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-6POSITIONS, 5P6T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 5P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 4P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 6P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-5POSITIONS, 3P5T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, DP8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-24POSITIONS, SP24T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-12POSITIONS, 3P12T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-10POSITIONS, 3P10T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-9POSITIONS, 3P9T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-9POSITIONS, 7P9T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-15POSITIONS, DP15T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, 7P11T, LATCHED, 5A, 28VDC, PANEL MOUNT
|
COLE INSTRUMENT CORP
|
BESM18MI-NSC-50B-S04G BESM12MI-NSC-20B-S04G BESM18 |
PROXIMITY SWITCH M12 PNP PROXIMITY SWITCH M30 PNP COVER FUSE TRANSPRNT FOR 656/658 PROXIMITY SWITCH M8 PNP PROXIMITY SWITCH M8 NPN PROXIMITY SWITCH M30 NPN PROXIMITY SWITCH M18 PNP PROXIMITY SWITCH M18 NPN 近接开关株M18 npn PROXIMITY SWITCH M12 NPN 近接开关M12 npn
|
Unisonic Technologies Co., Ltd.
|
TOP200 TOP200-4 TOP200YAI TOP204YAI TOP203YAI TOP2 |
From old datasheet system Digital Pushwheel Switch; No. of Switch Positions:10; Switch Terminals:Solder Lug; Contact Current Max:1A; Leaded Process Compatible:Yes; Mounting Type:Extended Leads; Output Code:BCD; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Three-terminal Off-line PWM Switch(160.70 k) 0-100 W TOPSwitch using 230 VAC input or 0 0-100糯的TOPSwitch使用230伏交流输入或0
|
Power Integrations Inc Power Integrations Inc. N.A. POWERINT[Power Integrations, Inc.]
|
B3F B3M B3S B3KN3 B4TU20 B4TU11 B4TU01 B3SARO BS3D |
LAMP HOLDER MOUNTING COLLAR 22.5MM SWITCH HEAD 22.5MM SELECTOR 3WAY CONTACT BLOCK 2N/O CONTACT BLOCK 1N/C SWITCH HEAD 22.5MM KEY 2WAY Glass Passivated Rectifier Diodes PILOT LIGHT HEAD 22.5MM BLUE SWITCH HEAD 22.5MM ILLUMIN. BLUE SWITCH HEAD 22.5MM FLUSH BLUE SWITCH HEAD 22.5MM ILLUMIN. WHITE SWITCH HEAD 22.5MM KEY 3WAY SWITCH HEAD 22.5MM FLUSH BLACK 开关头22.5毫米镶入 SWITCH HEAD 22.5MM ILLUMIN. RED 开关头22.5毫米ILLUMIN。红 SWITCH HEAD 22.5MM ILLUMIN. YELLOW 开关头22.5毫米ILLUMIN。黄 CONTACT BLOCK 1N/O 1N/C 接点1N的输输出1N
|
Square D by Schneider Electric Microchip Technology, Inc.
|
50DP36-01-1-AJN 50DP36-01-2-AJN 50DP45-01-2-AJN 50 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, DP3T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc.
|
SLD344YT-3 SLD344YT SLD344YT-1 SLD344YT-2 SLD344YT |
Rotary Switch; Contact Current Max:1.5A; No. of Poles:1; No. of Switch Positions:6; Indexing:60 ; Switch Terminals:Through Hole; Circuitry:SPST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; No. of Switch Positions:10; Circuitry:SPDT; Contact Current Max:1.5A; Indexing:30 ; Contact Rating:1.5A at 28VDC; Mounting Type:Panel; Number of Positions:10; Switch Features:30 degrees Indexing; Switch Function:SPDT 6W高功率激光二极管 Rotary Switch; Contact Current Max:1.5A; No. of Poles:6; No. of Switch Positions:2; Indexing:30 ; Switch Terminals:Through Hole; Circuitry:6PST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; Contact Current Max:9A; No. of Switch Positions:2; Circuitry:SPST RoHS Compliant: Yes 6W高功率激光二极管 Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:4; Impedance:100ohm; Voltage Nom.:600V RoHS Compliant: Yes 6W High Power Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
NC7SB3157L6X FSA3157P6X FSA3157 FSA3157L6X NC7SB31 |
TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO6 TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch 微型逻辑低电压超高强SPDT模拟开关或2:1多路复用解复用器总线开 TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
24878-10N 24001-08S 24001-09S 24001-02 |
1 in Diameter, 1 Amp, Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 1A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED Positive Detent Provides Operator Feedback
|
Grayhill, Inc. GRAYHILL INC
|
V15T16CZ200A01XXK V15H16-CP100A-03 V15T22-CP100B05 |
Electromechanical switch designed for enhanced reliability at a great value. SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, PANEL MOUNT Electromechanical basic Switch SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT
|
Honeywell Solid State Electronics Center HONEYWELL SENSING AND CONTROL Honeywell Solid State Elect... Honeywell Solid State E...
|
UPD22100 UPD22100C UPD22100GS UPD22148 UPD22148CA |
DSP-CROSSBAR SWITCH, PDIP22 CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
|
NEC Corp. NEC[NEC]
|
|