PART |
Description |
Maker |
NTE1903 |
Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA 集成电路端稳压器 12V的,100mA
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
SB01W05C |
50V, 100mA Rectifier Shottky Barrier Diode (Twin Type Cathode Common) Small signal(twin type) 50V 100mA Rectifier 50V/ 100mA Rectifier
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
B5213 B5213-3 B5213-28 |
100mA, Cap, Low Dropout Voltage Regulator Smallest SC70 3V 100mA low dropout voltage regulator 28V 100mA low dropout voltage regulator
|
BayLinear
|
BC857AR BC860CR BC858BR BC857BR BC856BR BC857CR |
POWER JACK DC 2.5MM CHASSIS MOUNT SHIELDED TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-236 TRANSISTOR | BJT | PNP | 65V V(BR)CEO | 100MA I(C) | TO-236 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | TO-236 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)|36 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | TO-236 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一c)|36 POWER JACK DC 2.5MM CHASSIS MOUNT SHIELDED 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)|36
|
NXP Semiconductors N.V. Unisonic Technologies Co., Ltd. Electronic Theatre Controls, Inc.
|
AMS2931 AMS2931AM-X AMS2931AN-X AMS2931AS-X AMS293 |
100mA LOW DROPOUT VOLTAGE REGULATOR 100mA的低压差稳压 5.0V 100mA low dropout voltage regulator
|
Advanced Monolithic Sys... ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
2SA640 2N5826 2N5828 2N4964 |
TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 100MA I(C) | TO-106 晶体管|晶体管|进步党| 40V的五(巴西)总裁| 100mA的一(c)|106 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR|BJT|PNP|50VV(BR)CEO|50MAI(C)|TO-92
|
EPCOS AG
|
CS5112 CS5112EDWF24 CS5112EDWFR24 |
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE 1.4A的开关稳压器采用5V100mA的线性稳压器,带有看门狗,复位和启用 1.4A Switching Regulator with 5V/ 100mA Linear Regulator with Watchdog/ RESET and ENABLE
|
ZF Electronics, Corp. CHERRY[Cherry Semiconductor Corporation]
|
SP6200EM5-1.5 SP6200EM5-1.5_TR SP6200EM5-1.8 SP620 |
Micropower, 100mA and 200mA CMOS LDO Regulators Micropower / 100mA and 200mA CMOS LDO Regulators TRIMMER, 25 TURN 1M
|
SIPEX[Sipex Corporation] http://
|
SB01-15C |
150V, 100mA Rectifier
|
Sanyo Semicon Device
|
HT7533-1 HT7530-1 HT7544-1 HT7550-1 HT7536-1 |
100mA Voltage Regulator
|
holtek
|
AMC78L05 AMC78L05DM AMC78L05DMF AMC78L05LP AMC78L0 |
100mA / 3-TERMINAL 5V REGULATOR
|
ADDtek Corp
|