Part Number Hot Search : 
SF200 SMCJ13 MF4740A SMCJ13 MX7535AD SF200 24A09 A128A
Product Description
Full Text Search

C2012X5R1E155K -    General Multilayer Ceramic Chip Capacitors C Series

C2012X5R1E155K_8772345.PDF Datasheet

 
Part No. C2012X5R1E155K C2012CH1E153J C2012CH1E333J C2012CH1H103J C2012CH1E682J C1608X5R0J155K C1608X5R0J155M C1608X5R0J225K C1608X5R0J225M C3216X5R0J226M C3225JB0J107M C3225JB0J226M C3225JB1C106M C3225JB0J686M C3225JB1A156M C3225JB1C226M C3225JB1C685K C3225JB1E106K C3225JB1C685M C3225JB1C106K C1608JB0J155K C1608JB0J475K C1608JB0J335K C1608JF1H104Z C1608JB0J155M C1608JB0J225M C1608JB0J335M C1608JB0J225K C1005JB1C104K C1608JB1H472K C1608JB1H103K
Description    General Multilayer Ceramic Chip Capacitors C Series

File Size 102.33K  /  15 Page  

Maker


TDK Electronics



Homepage http://www.tdk.com/
Download [ ]
[ C2012X5R1E155K C2012CH1E153J C2012CH1E333J C2012CH1H103J C2012CH1E682J C1608X5R0J155K C1608X5R0J155M Datasheet PDF Downlaod from Datasheet.HK ]
[C2012X5R1E155K C2012CH1E153J C2012CH1E333J C2012CH1H103J C2012CH1E682J C1608X5R0J155K C1608X5R0J155M Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for C2012X5R1E155K ]

[ Price & Availability of C2012X5R1E155K by FindChips.com ]

 Full text search :    General Multilayer Ceramic Chip Capacitors C Series


 Related Part Number
PART Description Maker
DN210-20P DN210-20S DN210-28P DN210-28S DN231-50S HIGH DENSITY MINIATURE CONNECTORS 高密度微型连接器
LIGHT PIPE 3X1.8MM 25POS REC SMD
XTAL CER SMT 6X3.5 2PAD
LED 7-SEG .28 QUAD RED CA MULT
LED 7-SEG .28 QUAD GRN CA MULT
HIROSE ELECTRIC Co., Ltd.
http://
Hirose Electric USA, INC.
HIROSE[Hirose Electric]
MC68302FACT MC68EN302 MC68QH302 MC68LC302 MOTOROLA S MC68302 INTEGRATED MULT I -PROTOCOL PROCESSOR
MOTOROLA?S MC68302 INTEGRATED MULT I -PROTOCOL PROCESSOR
Freescale Semiconductor, Inc
Freescale Semiconductor...
UMH11N NPN Mult i-Chip Built-in Resistors Transistor
SeCoS Halbleitertechnologie GmbH
74F821 74F825 74F823 N74F821N N74F821D 74F824 74F8 16-Bit Ultra-Low-Power MCU, 92KB Flash, 8KB RAM, 12-Bit ADC, Dual DAC, 2 USCI, HW Mult, DMA 80-LQFP -40 to 105
Bus interface registers
NXP Semiconductors
RN5VS RN5VS09CA RN5VS09CC RN5VS09CA-TR RN5VS09CC-T 3.3V, 5A 20W Isolated DC-DC Converter 6-DIP MODULE -40 to 85
1.5Vout 5A 48V-Input Isolated DC-DC Converter 6-DIP MODULE -40 to 85
High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SO -55 to 125
12V, 1.6A 20W Isolated DC-DC Converter 6-DIP MODULE -40 to 85
5V 10W 24V-Input Isolated DC/DC Converter 10-SIP MODULE -40 to 85
5V. 4A 20 W Isolated DC-DC Converter 6-DIP MODULE -40 to 85
2.5V, 5A 20W Isolated DC-DC Converter 6-DIP MODULE -40 to 85
BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO,
BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,95 N [7.0 oz], Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL
Conductive Plastic Potentiometer; Series:SP22D; Resistance Tolerance: /- 15%; Power Rating:1W; Operating Temperature Range:-55 C to 105 C; Resistor Element Material:Conductive Plastic; Adjustment Type:Knob; No. of Turns:1 RoHS Compliant: Yes
BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,39 N [5 oz], Silver Contacts, Maximum Operating Force, Screw Termination, CE, CSA, DEMKO, UL
16-bit Ultra-Low-Power MCU, 55kB Flash, 5120B RAM, 12-Bit ADC, Dual DAC, 2 USART, I2C, HW Mult, DMA 64-VQFN 低电压检
16-bit Ultra-Low-Power MCU, 32kB Flash, 1024B RAM, 12-Bit ADC, Dual DAC, 2 USART, I2C, HW Mult, DMA 64-VQFN 低电压检
BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 115 Vac, Overtravel Plunger Actuator, Solder Termination, Silver Contacts, Military Part Number M8805/1-019 低电压检
High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 低电压检
LOW VOLTAGE DETECTOR 低电压检
5.0Vout 20W 48V-Input Isolated DC-DC Converter 6-DIP MODULE -40 to 85 低电压检
1.5Vout 5Amp 24V-Input Isolated DC-DC Converter 6-DIP MODULE -40 to 85
   LOW VOLTAGE DETECTOR
Ricoh Co., Ltd.
RICOH electronics devices division
RICOH electronics devic...
BAT15-013 BAT15-013S BAT15-033 BAT15-034 BAT15-043 From old datasheet system
Silicon Schottky Diodes (Low barrier diodes For mixer applications Hermetically sealed ceramic packages For frequencies up to 40 GHz)
330MHz Buffered Video Switches Crosspoint Building Blocks
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
500MHz, Low-Power Op Amps
BBG LO PWR MULT MOD H FRE; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500
400MHz, Ultra-Low-Distortion Op Amps
250MHz, Broadcast-Quality, Low-Power Video Op Amps
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications) SILICON, MEDIUM BARRIER SCHOTTKY, MIXER DIODE
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications) 伊雷尔硅肖特基二极管(伊雷尔分立半导体和微波探测器和培养基的应用垒二极管混频器)
350MHz, Ultra-Low-Noise Op Amps SILICON, MEDIUM BARRIER SCHOTTKY, MIXER DIODE
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers SILICON, MEDIUM BARRIER SCHOTTKY, MIXER DIODE
SIEMENS[Siemens Semiconductor Group]
SIEMENS AG
SIEMENS A G
DF3A-2P-2DS DF3A-2P-2DSA DF3AA-9S-2V DF3-10EP-2A D    2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
16-bit Ultra-Low-Power Microcontroller, 4kB Flash, 256B RAM, Comparator 20-TSSOP -40 to 85
NPN Epitaxial Silicon Transistor
16-bit Ultra-Low-Power Microcontroller, 16kB Flash, 512B RAM 38-TSSOP -40 to 85
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 20-TSSOP -40 to 85
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 20-TVSOP -40 to 105
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 20-SOIC -40 to 105
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 24-VQFN -40 to 85
16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, Comparator 20-SOIC -40 to 85
16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, Comparator 20-TSSOP -40 to 85
Automotive Catalog Quadruple 2-Input Positive-OR Gate 14-TSSOP -40 to 125
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 24-VQFN -40 to 105
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 20-TSSOP -40 to 105
16-bit Ultra-Low-Power Microcontroller, 8kB Flash, 512B RAM, 10 bit ADC, 1 USCI 28-TSSOP -40 to 85
16-bit Ultra-Low-Power Microcontroller, 8kB Flash, 512B RAM, 10 bit ADC, 1 USCI 28-TSSOP -40 to 105
16-bit Ultra-Low-Power Microcontroller, 56KB Flash, 4KB RAM, 12-Bit ADC, 2 USCIs, HW Multiplier 64-LQFP -40 to 105
16-bit Ultra-Low-Power Microcontroller, 48KB Flash, 4KB RAM, 12-Bit ADC, 2 USCIs, HW Multiplier 64-LQFP -40 to 105
16-bit Ultra-Low-Power Microcontroller, 32KB Flash, 4KB RAM, 2 USCIs, HW Multiplier 64-LQFP -40 to 105
16-bit Ultra-Low-Power Microcontroller, 8KB Flash, 1KB RAM, 12-Bit ADC, USCI, HW Multiplier 64-VQFN -40 to 105
Triple Inverter Buffer/Driver with Open-Drain Output 8-SM8 -40 to 85
Triple Buffer/Driver With Open-Drain Output 8-SM8 -40 to 85
Enhanced Product Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 125
Triple Inverter Gate 8-DSBGA -40 to 85
Triple Inverter Buffer/Driver with Open-Drain Output 8-DSBGA -40 to 85
Triple Buffer/Driver With Open-Drain Output 8-DSBGA -40 to 85
Triple Schmitt-Trigger Inverter 8-SM8 -40 to 85
N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 24-VQFN -40 to 105
Octal Transparent D-Type Latch With 3-State Outputs 20-VQFN -40 to 85
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 20-TSSOP -40 to 105
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 20-TSSOP -40 to 85
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 20-TVSOP -40 to 85
Octal Transparent D-Type Latch With 3-State Outputs 20-BGA MICROSTAR JUNIOR -40 to 85
16-Bit Ultra-Low-Power MCU, 92KB Flash, 4KB RAM, 12-Bit ADC, Dual DAC, 2 USCI, HW Mult, DMA 64-LQFP -40 to 105
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:35; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:30; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
GTS06CF40-35P
16-bit Ultra-Low-Power Microcontroller, 60KB Flash, 2KB RAM, 12-Bit ADC, 2 USCIs, HW Multiplier 64-VQFN -40 to 105
GT 3C 3#16S PIN PLUG
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, 10-Bit SAR A/D, USI for SPI/I2C 14-TSSOP -40 to 105
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, 10-Bit SAR A/D, USI for SPI/I2C 14-PDIP -40 to 85
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 20-SOIC -40 to 85
16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, Comparator 20-TVSOP -40 to 105
16-bit Ultra-Low-Power Microcontroller, 4kB Flash, 256B RAM, Comparator 20-SOIC -40 to 105
16-bit Ultra-Low-Power Microcontroller, 4kB Flash, 512B RAM, 10 bit ADC, 1 USCI 32-QFN -40 to 85
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85
Octal Transparent D-Type Latch With 3-State Outputs 20-PDIP -40 to 85
Octal Transparent D-Type Latch With 3-State Outputs 20-SO -40 to 85
Triple Buffer Gate 8-SM8 -40 to 85
MODULE DDR2 2GB 240-DIMM
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 256B RAM, 10 bit ADC, 1 USCI 28-TSSOP -40 to 85
GT 7C 7#12 PIN PLUG
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85
16-bit Ultra-Low-Power Microcontroller, 4kB Flash, 256B RAM, Comparator 20-SOIC -40 to 85
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 20-TVSOP -40 to 85
NPN RF Transistor; Package: TO-92; No of Pins: 3; Container: Bulk
NPN RF Transistor; Package: TO-92; No of Pins: 3; Container: Ammo
GT 25C 25#12 PIN PLUG
Enhanced Product Quadruple 2-Input Positive-Or Gate 14-SOIC -55 to 125
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, 16-Bit Sigma-Delta A/D, USI for SPI/I2C 14-PDIP -40 to 85
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, 16-Bit Sigma-Delta A/D, USI for SPI/I2C 14-TSSOP -40 to 85
Octal Transparent D-Type Latch With 3-State Outputs 20-SOIC -40 to 85
NPN RF Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel
16-bit Ultra-Low-Power Microcontroller, 4kB Flash, 256B RAM, Comparator 20-TVSOP -40 to 85
GT 5C 4#4 1#8 PIN PLUG
Isolated Flyback Switching Regulator with 9V Output
16-bit Ultra-Low-Power Microcontroller, 4kB Flash, 512B RAM, 10 bit ADC, 1 USCI 28-TSSOP -40 to 105
16-bit Ultra-Low-Power Microcontroller, 4kB Flash, 512B RAM, 10 bit ADC, 1 USCI 32-QFN -40 to 105
GT 2C 2#0 SKT PLUG
NPN Darlington Transistor
Replaced by SN74LVC374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85
N-Channel Enhancement Mode Field Effect Transistor; Package: TO-92; No of Pins: 3; Container: Bulk
60V N-Channel Small Signal MOSFET
6-Pin DIP Package Phototransistor Output Optocoupler
N-Channel Enhancement Mode Field Effect Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard) 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Triple Inverter Buffer/Driver with Open-Drain Output 8-US8 -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 56KB Flash, 4KB RAM, 12-Bit ADC, 2 USCIs, HW Multiplier 64-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Triple Buffer/Driver With Open-Drain Output 8-US8 -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 92KB Flash, 8KB RAM, 12 Bit ADC, 2 USCIs, HW Multiplier 80-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 92KB Flash, 4KB RAM, 12 Bit ADC, 2 USCIs, HW Multiplier 64-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 92KB Flash, 4KB RAM, 12 Bit ADC, 2 USCIs, HW Multiplier 80-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 92KB Flash, 8KB RAM, 12 Bit ADC, 2 USCIs, HW Multiplier 64-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 120KB Flash, 4KB RAM, 12 Bit ADC, 2 USCIs, HW Multiplier 64-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 116KB Flash, 8KB RAM, 12 Bit ADC, 2 USCIs, HW Multiplier 80-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 116KB Flash, 8KB RAM, 12 Bit ADC, 2 USCIs, HW Multiplier 64-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
TRIPLE SCHMITT-TRIGGER BUFFER 8-US8 -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 32KB Flash, 4KB RAM, 12-Bit ADC, 2 USCIs, HW Multiplier 64-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 32KB Flash, 4KB RAM, 12-Bit ADC, 2 USCIs, HW Multiplier 64-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 120KB Flash, 4KB RAM, 12 Bit ADC, 2 USCIs, HW Multiplier 80-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Triple Schmitt-Trigger Inverter 8-DSBGA -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
TRIPLE SCHMITT-TRIGGER BUFFER 8-SM8 -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Triple Inverter Gate 8-US8 -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 60KB Flash, 2KB RAM, 12-Bit ADC, 2 USCIs, HW Multiplier 64-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
ADAPTOR, SMA M-F, PUSH-ON; Connector type A:SMA Male; Connector type B:SMA Female; Impedance:50R RoHS Compliant: Yes 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 60KB Flash, 2KB RAM, 2 USCIs, HW Multiplier 64-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 60KB Flash, 2KB RAM, 2 USCIs, HW Multiplier 64-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 48KB Flash, 4KB RAM, 12-Bit ADC, 2 USCIs, HW Multiplier 64-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:10SL; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 16KB Flash, 2KB RAM, 12-Bit ADC, USCI, HW Multiplier 64-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 16KB Flash, 2KB RAM, 12-Bit ADC, USCI, HW Multiplier 64-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 16KB Flash, 2048B RAM, Comparator 40-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 8KB Flash, 1024B RAM, Comparator 40-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, 10-Bit SAR A/D, USI for SPI/I2C 14-TSSOP -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 48KB Flash, 4KB RAM, 2 USCIs, HW Multiplier 64-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 8kB Flash, 512B RAM 38-TSSOP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 8kB Flash, 512B RAM 40-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, Comparator 20-TSSOP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 32KB Flash, 2048B RAM, Comparator 40-VQFN -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Triple Buffer Gate 8-US8 -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Octal Transparent D-Type Latch With 3-State Outputs 20-TSSOP -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 16kB Flash, 512B RAM 40-VQFN -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 20-TVSOP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 4kB Flash, 256B RAM, Comparator 24-VQFN -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 16kB Flash, 512B RAM 38-TSSOP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 24-VQFN -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, Comparator 24-VQFN -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 24-VQFN -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 20-SOIC -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 48KB Flash, 4KB RAM, 2 USCIs, HW Multiplier 64-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Triple Buffer Gate 8-DSBGA -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 8kB Flash, 512B RAM 40-VQFN -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 8KB Flash, 1024B RAM, Comparator 40-VQFN -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 32kB Flash, 1K RAM 38-TSSOP -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Triple Inverter Gate 8-SM8 -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, Comparator 20-TVSOP -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 20-SOIC -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Triple Schmitt-Trigger Inverter 8-US8 -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 16kB Flash, 512B RAM 40-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Octal Transparent D-Type Latch With 3-State Outputs 20-TVSOP -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 32kB Flash, 1K RAM 40-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Family of CompactRISC 16-Bit Microcontrollers 家庭CompactRISC 16位微控制
16-bit Ultra-Low-Power Microcontroller, 32kB Flash, 1K RAM 40-VQFN -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 20-SOIC -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 8KB Flash, 1KB RAM, 12-Bit ADC, USCI, HW Multiplier 64-LQFP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 8kB Flash, 512B RAM 38-TSSOP -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 20-TVSOP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 32KB Flash, 2048B RAM, Comparator 40-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 20-SOIC -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
TRIPLE SCHMITT-TRIGGER BUFFER 8-DSBGA -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 32kB Flash, 1K RAM 38-TSSOP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 4kB Flash, 256B RAM, Comparator 20-TVSOP -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 24-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 256B RAM, 10 bit ADC, 1 USCI 32-QFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-Bit Ultra-Low-Power Microcontroller, 8kB Flash, 256B RAM, Comparator 20-TSSOP -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-VQFN -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 16KB Flash, 2048B RAM, Comparator 40-VQFN -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, Comparator 20-SOIC -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 32KB Flash, 4KB RAM, 2 USCIs, HW Multiplier 64-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-PDIP -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, Comparator 24-VQFN -40 to 105 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Automotive Catalog Octal Transparent D-Type Latch With 3-State Outputs 20-TSSOP -40 to 125 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Replaced by SN74LVC373A : Octal Transparent D-Type Latch With 3-State Outputs 20-SSOP -40 to 85 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
GT 6C 6#16S SKT PLUG 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:37; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 2毫米间距连接器的离散线连接(产品通过UL CSA标准批准
HIROSE[Hirose Electric]
Hirose Electric USA, INC.
HIROSE ELECTRIC Co., Ltd.
ITT, Corp.
 
 Related keyword From Full Text Search System
C2012X5R1E155K coilcraft C2012X5R1E155K high-speed usb C2012X5R1E155K Semiconductors C2012X5R1E155K 什么封装 C2012X5R1E155K reference voltage
C2012X5R1E155K vdd C2012X5R1E155K semicon C2012X5R1E155K C代码 C2012X5R1E155K Corp C2012X5R1E155K Range
 

 

Price & Availability of C2012X5R1E155K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.1296489238739