PART |
Description |
Maker |
SDA5000 SDA5000HF SDA12500 SDA15000 SDA8000 SDA100 |
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER 0.5 A, 10000 V, SILICON, SIGNAL DIODE 0.5 A, 12500 V, SILICON, SIGNAL DIODE 0.5 A, 22000 V, SILICON, SIGNAL DIODE 0.5 A, 19000 V, SILICON, SIGNAL DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC
|
45912-0033 0459120033 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Signal, Power, Signal, Power Sequence),Press-Fit
|
Molex Electronics Ltd.
|
BA7649 BA7649A BA7649AF A5801011 BA7649A/AF |
Voltage Output Temperature Sensor with Signal Conditioning; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 视频信号切换 From old datasheet system Video signal switcher Multimedia LSIs > AV swiches > VCR signal selection switches
|
Rohm Co., Ltd. ROHM[Rohm]
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
1N914BWS 1N4148WS |
Small Signal Diode; Package: SOD-323F; No of Pins: 2; Container: Tape & Reel 0.15 A, 100 V, SILICON, SIGNAL DIODE Small Signal Diodes
|
Fairchild Semiconductor, Corp.
|
2SA1615-Z-T1K FP1A4M-T1B FP1J3P-T1B FP1L3N-T1B 2SK |
10000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, MP-3, SC-63, 3 PIN 700 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-59, 3 PIN 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Welwyn Components, Ltd. Sumida, Corp.
|
SF18 SF12-AP SF12-BP SF14-AP SF16-AP |
1.0 Amp Super Fast Recovery Rectifiers 50 to 600 Volts 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41 1 A, 200 V, SILICON, SIGNAL DIODE, DO-41 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Components
|
MA141WATX MA142AH 2SK663H |
0.1 A, 2 ELEMENT, SILICON, SIGNAL DIODE 0.1 A, SILICON, SIGNAL DIODE 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET
|
PANASONIC CORP
|
SD103A09 SD103B-35B |
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES 0.35 A, 30 V, SILICON, SIGNAL DIODE, DO-35
|
Pan Jit International Inc.
|
|