PART |
Description |
Maker |
Q60103-Y32-E Q60103-Y32-F Q60103-Y23-F Q60103-Y23- |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes PNP晶体管为自动输入 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes PNP TRANSISTORS FOR AF INPUT STAGES
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
PP1300SC-1 |
Thyristor, Thyristor, 120V Forward Blocking Voltage, 1A On-State Current, 70mA Holding Current, 1420A RMS Current
|
Protek Devices
|
HM11-52004 HM11-21001 HM11-21302 HM11-21503 HM11-2 |
LEAD FREE A8904SLB-T WITH TAPE & REEL Vertical Mount Inductors BACKLIGHT DRIVER FOR MEDIUM SIZE LCDS 50 AMP BI-DIRECTIONAL CURRENT SENSOR 75 AMP BI-DIRECTIONAL CURRENT SENSOR 100 AMP BI-DIRECTIONAL CURRENT SENSOR 30A BI-DIRECTIONAL CURRENT SENSOR Hall Effect IC; Package/Case:module-5; Current Rating:-50A to ; Leaded Process Compatible:Yes; Operating Temp. Min:-20 C; Peak Reflow Compatible (260 C):Yes; Primary Sensed Current :50A; Primary Sensed Current -:50A RoHS Compliant: Yes LEAD FREE A8904SLP-T WITH TAPE & REEL 20A BI-DIRECTIONAL CURRENT SENSOR 垂直安装电感
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
PP0640SA PP0640SB |
Thyristor, Thyristor, 58V Forward Blocking Voltage, 1A On-State Current, 150mA Holding Current, 1420A RMS Current BIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
|
Protek Devices
|
Z86L7908PSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8位微控制
|
INTEGRAL JOINT STOCK COMPANY
|
GBPC25005W GBPC25010W GBPC2508W GBPC2501W GBPC2502 |
HIGH CURRENT 15/25/35/AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS 18-A, 5-V Input, Non-Isolated Wide-Adjust SIP Module 12-SIP MODULE -40 to 85 HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes) HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
|
Surge Components PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
SKIIP04ACB066V1 |
Large Current 300mA CMOS LDO Regulators; Output voltage (V): 3.1; Output current (mA): 300; Supply voltage (V): 2.5 to 5.5; I/O voltage difference (mV): 60; Ripple rejection (dB): 60; Circuit current (µA): 65; Package: HVSOF6 3-phase bridge inverter
|
Semikron International
|
CR180 CR022 CR300 CR200 CR240 |
Current Regulator Diodes Diode Current Reg. 100V 0.242mA 2-Pin TO-18 Diode Current Reg. 135V 3.3mA 2-Pin TO-206AA
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semiconductors New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
XL6003 |
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
|
XLSEMI
|