PART |
Description |
Maker |
XC2500M-03P XC3500M-03P XC2500M-03S XC3500M-03S XC |
Hybrid Coupler 3 dB, 90隆? Hybrid Coupler 3 dB, 90掳 Hybrid Coupler 3 dB, 90°
|
Anaren Microwave http://
|
EMDC-17-2-75TR EMDC-17-2-75 |
5 MHz - 40 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX E-Series Coupler 5 - 40 MHz
|
MACOM[Tyco Electronics] http://
|
MACP-010249-CI08A0 MACP-010249-CI08TB |
Coupler, 18dB Coupler
|
M/A-COM Technology Solutions, Inc.
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
CH-132SMA CH-132BNC CH-132N CH-132TNC |
1-1000 MHz, 20 dB Bi-directional coupler 20 dB BiDirectional Coupler 1 - 1000 MHz 20分贝双向耦合1 - 1000兆赫
|
MA-Com NXP Semiconductors N.V. Tyco Electronics
|
ADC-15-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits http://
|
JDC-20-5 |
Directional Coupler 50楼? 50 to 1500 MHz Directional Coupler 50惟 50 to 1500 MHz Directional Coupler 50Ω 50 to 1500 MHz
|
Mini-Circuits
|
LRDC-10-2-75 |
Directional Coupler 75楼? 30 to 1000 MHz Directional Coupler 75惟 30 to 1000 MHz Directional Coupler 75Ω 30 to 1000 MHz
|
Mini-Circuits
|
JDC-10-2 |
Directional Coupler 50Ω 5 to 750 MHz Directional Coupler 50惟 5 to 750 MHz Directional Coupler 50ヘ 5 to 750 MHz
|
Mini-Circuits
|
3032 3032SERIES 3032-6017-00 3032-6019-00 |
CRYSTAL, 3.686400MHZ 20PF HC-49 90?Crossover Hybrid Coupler 800-900锛?890-960. or 1700-1900 MHz 90Crossover Hybrid Coupler 800-900890-960. or 1700-1900 MHz 90?交叉混合耦合800-90090-960。兆赫或1700年至00 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 90?交叉混合耦合800-90090-960。兆赫或1700年至00 90 CROSSOVER HYBRID COUPLER 800-900/890-960/ OR 1700-1900 MHZ 90 CROSSOVER HYBRID COUPLER 800-900,890-960, OR 1700-1900 MHZ
|
PHOENIX CONTACT Deutschland GmbH Tyco Electronics
|
DC08-73 |
Directional Coupler 0.81-0.96 GHz Directional Coupler 0.81?.96 GHz Directional Coupler 0.81-0.96 GHz 定向耦合.81-0.96千兆
|
Alpha Industries Inc ALPHA[Alpha Industries] Alpha Industries, Inc.
|