PART |
Description |
Maker |
SMP600G-FK |
PIN. Photodiode(Excellent Linearity,Low Noise,Widest Spectral Response,Eye Response Detection)(PIN. 光电二极极好线性特性,低噪声,宽谱响应,信号灯响应检测)) P.I.N. PHOTODIODE
|
Semelab(Magnatec) Seme LAB
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
CLM2815AU-X CLM2815 CLM2815A CLM2815AAT CLM2815AAT |
3.3 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 2.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response
|
CALOGIC[Calogic, LLC] Calogic LLC
|
R821 R821-15 |
For Astro-physics and Other Ultraviolet Radiation Detection Solar Blind Response (160nm to 320nm), Cs-Te Photocathode Solar Blind Response (160nm to 320nm), Cs-Te Photocathode PHOTOMULTIPLIER TUBE
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
KA393AS KA2903S |
DUAL COMPARATOR, 4000 uV OFFSET-MAX, 1400 ns RESPONSE TIME, PSIP9 DUAL COMPARATOR, 15000 uV OFFSET-MAX, 1500 ns RESPONSE TIME, PSIP9
|
FAIRCHILD SEMICONDUCTOR CORP
|
LT1585A LT1585ACM LT1585ACM-1.5 LT1585ACT LT1585AC |
From old datasheet system 5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR %A Low Dropout Fast Response Positive Adjustable and Fixed Voltage Regulators
|
ONSEMI[ON Semiconductor]
|
HMC0603A-65 HMC0603B-65 HMC0603D-65 HMC0603C-65 HB |
Frequency Response
|
JL World Company Limited.
|
LT1575 LT1575CN8 LT1575CN8-1.5 LT1575CN8-2.8 LT157 |
Ultrafast Transient Response, Low Dropout Regulators Adjustable and Fixed Ultrafast Transient Response/ Low Dropout Regulators Adjustable and Fixed From old datasheet system
|
LINER[Linear Technology]
|
MAC7101MPV MAC7101VVF MAC7121CVF MAC7111VVF MAC712 |
Handheld Infrared Thermometer; Temperature Measuring Range:-20 C to 500 C; Response Time:500ms; Accuracy: 1% Handheld Infrared Thermometer; Temperature Measuring Range:-20 C to 500 C; Response Time:500ms; Features:Laser Sighting; Accuracy: 1% MAC7100微控制器系列硬件规格 MAC7100 Microcontroller Family Hardware Specifications MAC7100微控制器系列硬件规格
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
PT060PP |
Narrow Angular Response
|
Marktech Corporate
|