PART |
Description |
Maker |
KIA7815AP KIA7810API KIA7808AP KIA7812API KIA7805A |
Three Terminal 10V Positve Voltage Regulator(三端0V正电压输出稳压器) Three Terminal 12V Positve Voltage Regulator(三端2V正电压输出稳压器) Three Terminal 5V Positve Voltage Regulator(三端V正电压输出稳压器) Three Terminal 6V Positve Voltage Regulator(三端V正电压输出稳压器) Three Terminal 18V Positve Voltage Regulator(三端8V正电压输出稳压器) Three Terminal 5V Positve Voltage Regulator(三端5V正电压输出稳压器) Three Terminal 6V Positve Voltage Regulator(三端6V正电压输出稳压器) Three Terminal 8V Positve Voltage Regulator(三端V正电压输出稳压器) 三端8V的Positve稳压器(三端V的正电压输出稳压器) Three Terminal 15V Positve Voltage Regulator(三端5V正电压输出稳压器) 三端15VPositve稳压器(三端5V的正电压输出稳压器) Three Terminal 15V Positve Voltage Regulator(涓????5V姝g?????虹ǔ???) Three Terminal 8V Positve Voltage Regulator(涓????V姝g?????虹ǔ???)
|
KEC Holdings
|
M55155/057H03 4501B-4 4502C-10 4502C-14 4502C-113 |
BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
19164-0042 |
Female Disconnect Solderless Terminal; Wire Size (AWG):14-16; Terminal Insulation:Niac Polymer; Contact Material:Brass; Gender:Female; Power Connection Type:Female Disconnect Solderless Terminal 2 mm2, WIRE TERMINAL
|
Molex, Inc.
|
19070-0044 19070-0040 19070-0042 19070-0005 19070- |
190700044 0.8 mm2, COPPER ALLOY, WIRE TERMINAL CONN RING TERM #6 18-22AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL TERM,LUG,RING,6,STUD,22-16AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (AA-220-02X) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP TAPED (AA-222-14XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL 190700006 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Series:RING INSULKRIMP TAPED (AA-220-06XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
05A-181 1614C-3 1605C-00-12 1614D-33-12 1603C-5-12 |
BRASS, ZINC FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
2024D-8 1309Z-12 1309Z-14 1309Z-16 1250B-1 1250B-1 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
0128360000 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 36 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
120-1372 120-1372-02-03-00 |
BRASS, GOLD FINISH, PCB TERMINAL Solder terminal, Pin type
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
72118-C |
9.53mm Pitch Beau PCB Terminal Strip, Screw Terminal, 18 Circuits
|
Molex Electronics Ltd.
|
19067-0006 19067-0016 19067-0085 19067-0040 19067- |
RING NYLAKRIMP FUNNEL ENTRY (D-950-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (F-969-12) COPPER ALLOY, WIRE TERMINAL 190670040 COPPER ALLOY, TIN FINISH, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-950-14) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-14) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-56) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-38) COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):4; Stud Size:#10; Insulator Color:Yellow; Series:RING NYLAKRIMP (F-766-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-953-58) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (E-957-14) COPPER ALLOY, TIN FINISH, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (F-966-76) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-950-56)
|
Molex, Inc. MOLEX INC
|
|