PART |
Description |
Maker |
HA12133MP |
PRE, REC, eguallzer IC for R-DAT PRE,REC,EQUALLZER IC FOR R-DAT
|
Hitachi Semiconductor
|
5013001539 501330-0739 501330-0639 501330-1000 501 |
1.0 WIRE TO BOARD CONN. 1-ROW RECEPACLE HOUSING 6-15CKT. 1.0 W/B 1-Row Rec Hsg 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.0 W/B 1-Row Rec Hsg 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.0 W/B 1-Row Rec Hsg 8Ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, RECEPTACLE
|
Molex Electronics Ltd. Molex, Inc. MOLEX INC
|
GS1G-TP GS1M-TP GS1B GS1A-11 |
DIODE STD REC 1A 400V DO214AC 1 A, 400 V, SILICON, SIGNAL DIODE, DO-214AC DIODE STD REC 1A 1000V DO214AC 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-214AC 1 Amp Silicon Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
87263-4223 87263-0893 87263-1025 87263-1095 87263- |
MGrid B/E Rec SMT W/Pg .38AuLF 42Ckt 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E SMT W/Pg .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E W/Cap T&R .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
BX3914 |
CTL REC/PB Amplifier
|
ETC
|
90635-1101 90635-0201 90635-1261 |
1.27mm QF50 Rec Vt PrLd Polz .1GF 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 1.27mm QF50 Rec Vt Polz .1GF 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 1.27mm QF50 Rec Vt PrLd Polz .1GF 26Ckt 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE
|
Molex, Inc.
|
87381-4094 87381-3494 87381-4484 87381-3694 |
2mm Mgrid Rec Top/E W/OCvr .38AuLF 40Ckt 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/OCvr .38AuLF 34Ckt 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/Cvr .38AuLF 44Ckt 44 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/OCvr .38AuLF 36Ckt 36 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
LT601S0275 LT601S0575 LT601F0275 LT601F0575 |
CCIR REC.601 FILTERS
|
Faraday Technology
|
L601S0367 L601F0767 L601S0767 |
CCIR REC.601 FILTERS
|
Faraday Technology
|
CXA1702AR |
4-channel REC/PB Amplifier for 8 mm VCR
|
SONY[Sony Corporation]
|
2KMD20SJ |
SCHOTTKY BARRIER BRIDGE REC
|
Rectron Semiconductor
|
|