PART |
Description |
Maker |
SD877-87-1 |
RCPT, P.C.B, ANG, SMA
|
Winchester Electronics Corporation
|
756-10-9 SD756-10-9 |
PLUG, ANG , BNC PLUG, ANG, BNC
|
Vitesse Semiconductor Corporation Winchester Electronics Corporation
|
0437590001 |
SELECTVELY-LADED DUAL ROW, RT. ANG. HDR. (MAKE FIRST/BREAK LAST)
|
Molex Electronics Ltd.
|
PS9634L-E4 PS9634L-E3 |
LED 5MM RT ANG HI EFF YEL PCMNT POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
|
NEC Corp.
|
95001-6641 95001-6882 95001-6661 |
Phone Connector,PCB Mnt,6 Contacts,PIN,SURFACE MOUNT Terminal,LOCKING 6 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK CONN MODULAR JACK 8-8 RT ANG SMD 8 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK CONN MODULAR JACK 6-6 RT ANG SMD 6 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK
|
Molex, Inc.
|
LTST-S270EKT |
LED RED ORAN CLR 0603 RT ANG SMD SINGLE COLOR LED, RED ORANGE, 1.2 mm
|
Lite-On Technology, Corp.
|
43650-0301 43650-0700 43650-1200 43650-1102 43650- |
CONN HEADER 3POS 3MM RT ANG GOLD 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:7; Pitch Spacing:0.118"; No. of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer RoHS Compliant: Yes 7 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 12POS 3MM RT ANG TIN 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MicroFit 3.0 SR RA TH Peg 30Au 11Ckt 11 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MicroFit 3.0 SR RA TH Peg 30Au 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:0.118"; No. of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
43650-0403 43650-0704 |
Multipole Connector; Number of Contacts:4; Pitch Spacing:3mm; Number of Rows:1; Gender:Header; Series:43650; Body Material:LCP Liquid Crystal Polymer, Glass-filled; Connecting Termination:Thru-Hole POWER CONNECTOR CONN HEADER 7POS 3MM RT ANG AU
|
Molex, Inc. MOLEX INC
|
HIF3B-50DA-2.54R HIF3B-34PA-2.54DS HIF3B-34PA-2.54 |
NS30 VOLT 600 WATT UNI-DIR DO-214. CONN MODULAR JACK 6-6 RT ANG SMD CONN MODULAR JACK 8-8 RT ANG SMD DIODE ZENER SINGLE 1000mW 5.6Vz 100mA-Izt 0.05 5uA-Ir 2 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 6.2Vz 100mA-Izt 0.05 5uA-Ir 3 SMA 5K/REEL DIODE, ZENER, 12V, 1W, SMD SMA DIODE ZENER SINGLE 1000mW 15Vz 50mA-Izt 0.05 1uA-Ir 11.4 SMA 5K/REEL TVS UNIDIRECT 600W 150V SMB DIODE ZENER SINGLE 1000mW 20Vz 25mA-Izt 0.05 0.5uA-Ir 15.2 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 10Vz 50mA-Izt 0.05 1uA-Ir 7.6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 39Vz 10mA-Izt 0.05 0.5uA-Ir 29.6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 8.2Vz 100mA-Izt 0.05 5uA-Ir 6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 33Vz 25mA-Izt 0.05 0.5uA-Ir 25.1 SMA 5K/REEL TVS BIDIRECT 600W 16V SMB DIODE ZENER SINGLE 1000mW 36Vz 10mA-Izt 0.05 0.5uA-Ir 27.4 SMA 5K/REEL DIO, TVS, SMBJ15CA, 15V, BI-DIR TVS UNIDIRECT 600W 14V SMB TVS BIDIRECT 600W 150V SMB DIODE ZENER SINGLE 1000mW 18Vz 25mA-Izt 0.05 0.5uA-Ir 13.7 SMA 5K/REEL TVS UNIDIRECT 600W 28V SMB 带状电缆连接器符合MIL标准兼容 TVS UNIDIRECT 600W 160V SMB 带状电缆连接器符合MIL标准兼容 DIODE, TRANSIENT SUPPRESSOR, 33V, 13.8A 带状电缆连接器符合MIL标准兼容 TVS UNI-DIR 33V 600W SMB 带状电缆连接器符合MIL标准兼容 Ribbon Cable connector Compliant with MIL Standard 带状电缆连接器符合MIL标准兼容 TVS BIDIRECT 600W 30V SMB 带状电缆连接器符合MIL标准兼容
|
http:// Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
FX4C1-20P-1.27DSA FX4C1-20P-1.27DSAL FX4C1-32P-1.2 |
FF-SYA Series, Type 4, Safety Light Curtain, 60 mm [2.36 in] resolution, 1670 mm [65.75 in] protection height, DIN plug Soft touch tactile switch with long travel and carbon pill contact design SWITCH TOGGLE SPDT 5A PC MNT 5PC DATA LINE CHOKE 2X51UH -30%/% TS series sub-miniature snap action switches with vertical and right angle PC pin termination SWITCH TOGGLE SPDT 5A SDLUG 6PCS Stacking Height 5 to 11mm Half Pitch Connector 堆叠高度511毫米半间距连接器 SWITCH TOGGLE SPDT .4VA RT ANG 堆叠高度51毫米半间距连接器 Stacking Height 5 to 11mm Half Pitch Connector 堆叠高度51毫米半间距连接器 Sealed right angle tact switch with multiple operating forces 堆叠高度51毫米半间距连接器 TACT SWITCH, E-SWITCH TL3302BF180QG 堆叠高度51毫米半间距连接器 TRANS PREBIASED PNP 200MW SOT23 堆叠高度511毫米半间距连接器 Stacking Height 5 to 11mm Half Pitch Connector
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
0483255003 48325-5003 |
1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, 1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Ang 1.00mm (.039), 1.27mm (.050) Pitch Slimline Serial ATA Receptacle, Right Angle, 1.00mm (.039), 1.27mm (.050) Pitch Slimline Serial ATA Receptacle, Right Angle
|
Molex Electronics Ltd.
|
AT24C04Y1-10YU-1.8 AT24C01A-W1.8-11 AT24C04-W1.8-1 |
DB9 M/F 9C, 6FT DB9 M/F 9C, 12FT. 2-Wire Serial EEPROM 2线串行EEPROM 2-Wire Serial EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 MB 8C 8#12 PIN RECP 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 C50M-C50M CABLE PREMIUM 6-FT 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 MINI D50M TO MINI D50M PR 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 RESISTOR 750OHM 1/16W 5% 0603 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 CONN MODULAR 6PINR.ANG.SEALED CASE 1K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 CAP 150UF 10V 20% TANT SMD-6032-28 TR-7 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle PT 39C 2#16,37#20 SKT PLUG DB25M-DB25M CABLE PREMIUM2-FT MB 39C 37#20 2#16 PIN RECP 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor MB 8C 8#12 SKT RECP PT 55C 55#20 PIN RECP Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:41 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:600V Digital Multimeter; DMM Type:Handheld; Calibrated:No; Frequency Measuring Range:100Hz to 100KHz; Accuracy:0.005; Display Technology:LED RoHS Compliant: NA 122 x 32 pixel format, Compact LCD size B&K Digital Multimeter Accuracy:0.5%; Display Technology:LCD; Frequency Measuring Range:100Hz to 10kHz Z540 CALIBRATION RoHS Compliant: NA 240 x 128 pixel format, CFL Backlight with power harness 128 x 64 pixel format, LED or EL Backlight available Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle CONN RJ-12 SHIELDED ER 6C 1#16 5#12 PIN PLUG MB 32C 32#20 PIN RECP RELAY SSR SPST-NO 280VAC1.5A SIP Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Features:Aluminium Foil/Polyester; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes 2-Wire Serial EEPROM
|
Atmel, Corp. PROM Atmel Corp. ATMEL Corporation
|
|