Part Number Hot Search : 
HC643 SBL164 LS431250 HCT57 PTZTE25 TN5325N8 AOD2904 109N04
Product Description
Full Text Search

PBSH-RB010SHGEEBMA0Z -    PRESSURE SENSORS

PBSH-RB010SHGEEBMA0Z_8754817.PDF Datasheet


 Full text search :    PRESSURE SENSORS


 Related Part Number
PART Description Maker
2900314 PLC-RPIT-120UC/ 1AU/SEN
PHOENIX CONTACT
2900313 PLC-RPIT- 24DC/ 1AU/SEN
PHOENIX CONTACT
2900358 PLC-OPIT- 24DC/ 48DC/100/SEN
PHOENIX CONTACT
3046 3058 HALL EFFECT GEAR-TOOTH SEN-SORS–ZERO SPEED
Allegro
OHS3150U OHS3151U From old datasheet system
Ra ti omet ric Lin ear Hall Ef fect Sen sor 岭钛奥梅茨里克林耳厅以弗所fect森沼
Ratiometric Linear Hall Effect Sensors(公制比例线性输出霍尔效应传感器.5-6.0V电压40 150 MAGNETIC FIELD SENSOR-HALL EFFECT, 5mT, 2.10-2.90V, SQUARE, THROUGH HOLE MOUNT
List of Unclassifed Manufacturers
ETC
Electronic Theatre Controls, Inc.
TT electronics OPTEK Technology
605SJR00800-T 605SJR00200-T 602SJR00500-T RES CURRENT SENSE .008 OHM .5W RESISTOR, CURRENT SENSE, METAL ALLOY, 0.5 W, 5 %, 100 ppm, 0.008 ohm, SURFACE MOUNT
RES CURRENT SENSE .002 OHM .5W RESISTOR, CURRENT SENSE, METAL ALLOY, 0.5 W, 5 %, 100 ppm, 0.002 ohm, SURFACE MOUNT
RES CURRENT SEN .005 OHM .25W 5% RESISTOR, CURRENT SENSE, METAL ALLOY, 0.25 W, 5 %, 100 ppm, 0.005 ohm, SURFACE MOUNT
Ohmite Mfg. Co.
GB082AHGAAMLA-V01 GB082AHGBANLA-V01 GB082AHYAANLA- AP,RADIAL 2.2UF,100V 5mm X 11mm (10)
CAP,RADIAL,47uF,16V, ! 20%,85C,6.3x11x2.5mm,(10)
CAP,AXIAL 2200uF,25V, ! 20%,85C,16x26mm
MOTOR,DC,1.5-9V,8500RPM,0.17A, 7G-CM,0.61W,SHFT 01.5X11mm
BAT,ER14505,LITHIUM,AA,3.6V, 2400mah,3.6V LITHIUM BATTERY C
CAP,AXIAL,3300uF,50V, ! 20%,85C,22x43mm
CAP,AXIAL 2200UF,50V 18mm X 33mm
CAP,RADIAL,100uF,35V ! 20%,85C,6.3x11x2.5mm,(10)
CAP,RADIAL,47uF,35V, ! 20%,85C,5x11x2mm,(10)
CAP,AXIAL 330UF,35V 10mm X 17mm
CAP,RADIAL 2200uF,35V ! 20%,85C,16x25x7.5mm
SOCKET,PLCC,68PIN,SMD
PWR SPLY,TBL,12VDC/2000mA,F2 SPECIAL-2.5mm,UNREG LIN,TABLE
JACK,DC PWR,FEMALE,3.5mm, SE TERM,PANEL MT,10.5x9.0x20.0
CAP,RADIAL,330UF,35V ! 20%,85C,8x12x3.5mm
TEST LEADS,ONE BLACK,ONE RED
CONN,CENTRONIC,MALE,36 POS
TRANS,WALL,12VAC/500mA,F, 2.1mmx5.5mm,UL/CSA 80/CS
BAT,ER26500,LITHIUM,C,3.6V, 6000mah,3.6V LITHIUM BATTERY C
BAT,LITHIUM,C,3.6V/6000MAH W/ LEADS
BAT,LITHIUM,1/2AA,3.6V/900MAH, W/ AXIAL LEADS
BAT,LITHIUM,2/3AA,3.6V/1450MAH W/ AXIAL LEADS
CAP,AXIAL 100uF,16V, ! 20%,85C,6x12.5mm
CAP,AXIAL 4700UF,35V 18 X 40mm
AP,RADIAL,10UF,16V 6mm x 11mm INCREMENTS of 10
CAP,AXIAL 100uF,25V, ! 20%,85C,8x15mm
CAP,AXIAL 4700UF,16V 16mm X 41.5mm
KNOB,1/4"SHFT,SKIRTED W/MARKER
SWITCH,TOG,MINI,SPDT,ON-ON, RA PCB,125V/6A,1/4"MTNG.
CABINET,COMPONENT,20 DRAWER 20-CLEAR DRAWERS,20 DIVIDERS
PROTOTYPE BUILDER,1.6"x2.7"
PLUG,DC,PWR,FEM,2.5x5.5x9.5MM 5.0x13MM STRAIN RELIEF,BLACK
TRANS,WALL,9VDC/500mA,F2 2.1mm X 5.5mm,UL/CSA,BEIGE
PROTOTYPE BUILDER,1.5"x3.5"
TEST CLIP,MICRO,BLUE(1)1.5"L
SWITCH,PB,TACT,SPST,OFF-(ON) 12VDC/50mA,ACTUATOR HT.05"
TRANS,WALL,12VDC/400MA,F2 2.1mmX5.5mm,RT. ANGLE
MOTOR,DC,1.5-4.5V,6850RPM,0.6A 13.9G-CM,0.9W,SHFT 02X8mm
TRANS,TBL,24VDC/1200mA,F2 2.1mm X 5.5mm
MOTOR,DC,1.5-3V,3700RPM,0.7A 10.5G-CM,0.4W,SHFT 02X8mm
PLUG,DC,PWR,FEM,1.3x3.45X9.5MM 4.1x12MM STRAIN RELIEF,BLACK
CABLE,SRL,M-F,6' DB9M-DB9F,RIBBON CABLE,GRAY
CONN,DSUB,50P-M,SOLDER CUP, 22AWG
FUSEHOLDER,IN-LINE,18AWGx6/6"L 1.25"X.25"FUSE,BAG IN 1 ONLY
CABLE,EXT,F-F,25 LINES,6' DB25F TO DB25F
BAT SNAP,10",26AWG,6 PRONG
BAT,ER14250,LITHIUM,1/2AA,3.6V 900mah,3.6V LITHIUM BATTERY C
MOTOR,DC,6-12V,5560RPM,0.1A 10.3G-CM,0.6W,SHFT 02X8mm
USE,STD FU633 1 1/4x1/4 16A (10)
PLUG,BANANA,1/4"SET SCREW, ONE BLACK,ONE RED, 1 PAIR
PWR SPLY,TBL,12VDC/2000mA,M2 3.5mm NO UL
LED,WHITE,WTR CLR,T1-3/4, 4.5Vf,5000mcd
AP,AXIAL 47UF,35V 6.3mm x 16mm INCREMENTS of 10
PWR SPLY,TBL TOP,16VAC/4000mA 2.1mm X 5.5mm,6'/6',FEMALE PLG
AP,AXIAL 6.8UF,50V
MOD NET CBL,UTP,CAT5E,350MHZ, 15',BLUE,8P8C,4PR/24AWG
CAP,SNAP,4700uf,50V,20% LARGECAN ALUMINUM ELECTROLYTIC
CAP,RADIAL 470UF,100V 16mm x 25mm
CAP,RADIAL 4700UF,35V 18mm x 35mm
CAP,RADIAL,6800UF,25V 18mm x 35mm
CAP,RADIAL,10UF,16V ! 20%,85C,5x11x2mm,(10)
AP,RADIAL 10UF,100V 6mm x 11mm INCREMENTS of 10
MOD NET CBL,UTP,CAT5E,350MHZ, 15',RED,8P8C,4PR/24AWG
CABLE ASSEMBLY,EBC-510,100' BNC-TO-BNC,75 OHM,RG-59U,BLACK
CAP,150UF,63V,ELECT,RADIAL,105 10.2Dx20.8Lx4.6LS,ELECTOLYTIC
USE,AGC FAST ACTING,10A 250V,.25"x1.25" (10)
CAP,AXIAL 6800UF,16V 18mm X 41mm
ALLIGATOR CLIP TEST LEADS 24AWG WIRE(19/36)SOLD 10/PK
TEST LEADS,RED BLACK UNIVERSAL KIT
CONN,CARD EDGE,22/44 CONTACTS, SOLDER EYELET
HEADER REC,20 CONT,SINGLE ROW, VERTICAL MOUNT
ADAPTER,PS/2 K/B-AT,PLASTIC, 2.125",6P MINI DIN F-5P DIN M
CAP,AXIAL 4700uF,16V, ! 20%,85C,16x26.5mm
CONN,RF,BNC,BULKHEAD
SWITCH,ROT,1-LYR,3P4P,SOLDER, 3/8"MTNG,.3A@30VDC,MAKE/BREAK
CAP,AXIAL 22UF,25V, ! 20%,85C,6x12.5mm,
CAP,AXIAL 3300uF,35V, ! 20%,85C,18x37mm
CAP,RADIAL,3300UF,16V ! 20%,85C,13x21x5mm
CAP,RADIAL,4700uF,16V 20%,85C,16x25x7.5mm
HOOD,D-SUB PLASTIC,15PIN 1000/CS
SWITCH,TOG,SPDT,ON-ON SOLDER,125V/6A,1/4"MTNG.
SWITCH,PB,SUB,SPST,OFF-(ON) RA PCB,120V/1.5A,7/32"MTNG.
SWITCH,ROT,1-LYR,2P6P,SOLDER, 3/8"MTNG,.3A@30VDC,MAKE/BREAK
SWITCH,ROT,1-LYR,4P3P,SOLDR, 3/8"MTNG,.3A@30VDC,MAKE/BREAK
SWITCH,ROT,1-LYR,1P12P,SOLDER, 3/8"MTNG,.3A@30VDC,MAKE/BREAK
FUSE,MDL SLOW BLOW,3A,250V, .25"x1.25"
MIC CART,1.5-12VDC,2PIN LEADS SEN:-54db,20HZ TO 12KHZ,RoHS 规格液晶模块
CAP,RADIAL 3300uF,35V ! 20%,85C,16x30x7.5mm 规格液晶模块
CAP,RADIAL 1000uF,100V ! 20%,85C,18x41x7.5mm(10) 规格液晶模块
CAP,AXIAL 470uF,16V ! 20%,85C,8x17mm 规格液晶模块
SPECIFICATIONS FOR LCD MODULE 规格液晶模块
CAP,AXIAL 220uF,25V ! 20%,85C,8x16mm 规格液晶模块
CAP,RADIAL 22uF,100V ! 20%,85C,8x11.5x3.5mm, 规格液晶模块
CAP,MEMORY BACK-UP,.22F,5.5V, 规格液晶模块
CAP,SNAP,10000uf,50V,20%,105c LARGE CAN ALUMINUM ELECTRONIC 规格液晶模块
CAP,AXIAL 470uf,35V, ! 20%,85C,10x21mm 规格液晶模块
HOOD,D-SUB PLASTIC,9PIN 规格液晶模块
TEST LEADS,BANANA CONNECTOR BLACK DOUBLE BANANA 规格液晶模块
BAT,LITHIUM,AA,3.6V/2100MAH W/ SOLDER TABS 规格液晶模块
SWITCH,DIP,BUSSED TRI-STATE 8-WAY SWITCH,24VDC,25mA 规格液晶模块
CABLE ASSEMBLY,RG174/U,3', BNC TO BNC,50 OHM 规格液晶模块
CONN,.1",1RW,20PIN HOUSING, USE W/100765 (10) 规格液晶模块
PLUG,BNC-M TO BANANA-M 规格液晶模块
TEST LEADS,DOUBLE BANANA PLG TO ALLIGATOR CLIPS,3' 规格液晶模块
BAT HOLDER,CLIP 9VDC 规格液晶模块
CONNECTOR,HOUSING,FEMALE,DA15, USE WITH MALE PIN P/N#43369 规格液晶模块
TRANS,TBL,12VDC/1000mA, PIG TAIL
SOCKET,PLCC,84PIN,SOLDERTAIL THRU-HOLE
HOOD,D-SUB PLASTIC,50PIN
FUSE,AGC FAST ACTING,5A,250V .25"x1.25" (10)
AC RECEPTACLE,MALE,15A@250V FAST-ON Term(.25")UL/CSA/VDE
CABLE,EXT,F-F,25 LINES,6' DB25F TO DB25F
BIND POST DUAL BANANA RED&BLK POST
CONN,D-SUB,50P-F, 22AWG,SOLDER CUP
CONN,DSUB,37P-F,SOLDER CUP, 22AWG
AP,AXIAL 33UF,16V 6mm x 13mm INCREMENTS of 10
Jewel Hill Electronic Co., Ltd.
保险
VI-JWMCM VI-JWMCX VI-JWMCY VI-JWMCZ VI-JW0CM VI-JW    DC-DC Converters 25 to 100 Watts
RACK STEEL HD GREY 28X19X17.5,1
IC BUFFER QUAD W/HI-CAP 14-SOICN
BOARD EVALUATION FOR ZXFV302
IC CONVERTER LCD BIAS 10MSOP
IC CONV LED DRVR ADJ SW TSOT23-5
IC AMPLIFIER VIDEO QUAD 14-SOIC
IC BUFFER OCTAL LOW PWR 20-SOICW
IC AMPLIFIER VIDEO SGL SOT23-5
BOARD EVALUATION FOR ZXFV202
SWITCH 3A BASIC SEALED .110QC
KIT COMPASS SENSOR 3-AXIS
MOSFET P-CH 100V 700MA SOT-23
MOSFET P-CH TRENCH -100V SOT23-6
MOSFET 2P-CH 30V 5.5A 8-SOIC
MOSFET P-CH 40V 6.4A SOT223
MOSFET P-CH 100V 3.7A SOT223
MOSFET P-CHAN 100V DPAK
MOSFET P-CH 200V 122MA SOT23-5
MOSFET P-CHAN 60V DPAK
MOSFET N-CH 70V 3.8A SOT-223
MOSFET N-CH 70V 6.1A SOT-223
MOSFET P-CH 200V 200MA SOT-223
TRANSISTOR, P CHANNEL ENHANCEMENT MODE MOSFET, 30V
MOSFET P-CH 30V 4.6A SOT223
MOSFET P-CH 30V 5.6A 8-SOIC
MOSFET P-CHAN 40V DPAK
MOSFET P-CH 30V 1.4A SOT-23
MOSFET 2P-CH 30V 4.4A 8-SOIC
Aluminum Electrolytic Radial Leaded 7mm Length Wide Temp Capacitor; Capacitance: 10uF; Voltage: 50V; Case Size: 6.3x7 mm; Packaging: Bulk
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:10VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Body Diameter:6.3mm; Body Length:5.4mm RoHS Compliant: Yes
IC REF VOLT 1.22V 5MA 3% SOT-23
IC REF VOLT 1.22V 20MA 1% TO-92
IC REF VOLT 1.22V 5MA 1% SOT-23
IC REF VOLT 1.22V 5MA 1% TO-92
8 Pin, DIP, AC Input, Dual Phototransistor Detector, CTR 20-300 @ 1mA, 5V Optocoupler
IC CTRLR PWN DC-DC 5V 16-QSOP
IC REF VOLT 1.22V 20MA .5% SOT23
IC REF VOLT 1.22V 5MA 2% SOT-23
IC REF VOLT 1.22V 5MA 2% 8-SOIC
SINGLE N CHANNEL MOSFET
MOSFET N-CHAN 30V 3.5A SOT-23
MOSFET N-CH 40V 5A SOT223
MOSFET N-CH 30V 1.8A SOT-23
MOSFET N-CHAN 40V 10.9A DPAK
MOSFET N-CH 30V 3.7A SOT-23-6
MOSFET N-CH 30V 2.4A SOT-23-6
MOSFET N-CH 30V 5.3A 8-MSOP
MOSFET N-CH 30V 18.4A DPAK
SMD TRANS MOS FET N-CH ENH ZXMN3A14F
MOSFET N-CH 60V 11.2A DPAK
MOSFET 2N-CH 30V 6.2A 8-SOIC
MOSFET N-CH 30V 7.2A 8-SOIC
MOSFET N-CH 30V 5.3A 8-SOIC
MOSFET 2N-CH 30V 8.5A 8-SOIC
MOSFET-N CHN,SMT SOT23,30V
MOSFET N-CH 450V 140MA SOT-223
MOSFET 2P-CH 30V 2A 8-MSOP
MOSFET N-CH 100V 1.3A SOT223
IC MONITOR CURR HI SIDE SOT23-5
TRANSISTOR, MOSFET, N-CHANNEL REV. 1
IC MONITOR CURRENT HI SIDE SM-8
MOSFET P-CH 20V 900MA SOT-23
MOSFET, P-CH, 30V, 2.6A, SOT23-6
MOSFET N P 30V 5.4A 8-SOIC
MOSFET N-CH 100V 7.7A DPAK
MOSFET N-CH 30V 1.4A SOT-23
MOSFET 2P-CH 30V 4.8MA 8-SOIC
MOSFET N-CHAN 100V DPAK
TRANSISTOR,P-CHANNEL FET,20V SOT23
IC MOSFET P-CHNNL MICRO6
IC CURRENT MON HI SIDE SOT23-5
MOSFET N-CH 30V 5A 8-MSOP
IC AMP AUDIO STEREO 25BIT 28SSOP
IC MONITOR SIMPLE CURRENT SOT-23
MOSFET, N-CHANNEL, 20V(DSS), 1.3A I(D), 0.6V(GSTH)
MOSFET N-CH 100V 1.6A 8-SOIC
MOSFET N-CH 100V 1.5A SOT-23-6
MOSFET N-CH 20V 1.7A SOT-23
MOSFET P-CH 30V 1.1A SOT-23
MOSFET N-CH 20V 5.4A 8-MSOP
MOSFET N-CH 35V 6.7A SOT223
MOSFET N-CH 35V 13A TO-220
MOSFET 2N-CH 30V 2.3A 8-MSOP
IC MONITOR CURRENT HI SIDE 8MSOP
IC FILTER VARIABLE Q WIDE 24SOIC
MOSFET N-CH 100V 800MA SOT-23
IC CURRENT MONITOR SOT23-5
Bipolar Transistor; Power Dissipation:0.45W; Package/Case:TO-39; Current Rating:50mA; Voltage Rating:60V
Unijunction Transistor; Power Dissipation:0.300W; Collector Current:0.5A; Current Rating:50A
Unijunction Transistor; Power Dissipation:0.300W; Package/Case:TO-92; Mounting Type:Through Hole; Current Rating:1A; Voltage Rating:40V
SRAM Memory IC; Memory Type:SRAM; Interface Type:Serial; Access Time, Tacc:450ns; Package/Case:24-DIP; Mounting Type:Through Hole
Aluminum Electrolytic Radial Leaded Low Profile Capacitor; Capacitance: 3300uF; Voltage: 10V; Case Size: 16x15 mm; Packaging: Bulk
Aluminum Electrolytic Radial Leaded Low Profile Capacitor; Capacitance: 2200uF; Voltage: 16V; Case Size: 16x15 mm; Packaging: Bulk
FILTER CERAMIC TCAS 1090MHZ SMD
T-STR 24 2-R HDR .23X.095
DIODE SCHOTTKY SINGLE 30V 160mW 0.37V-vf 30mA-IFM 1mA-IF 0.5uA-IR SOD-323 3K/REEL
RF Bipolar Transistor; Collector Emitter Voltage, Vceo:600mV; Transistor Polarity:N Channel; Power Dissipation:1.5W; C-E Breakdown Voltage:300V; DC Current Gain Min (hfe):100; Collector Current:100mA; DC Current Gain Max (hfe):200
GT 6C 3#0 3#12 PIN PLUG
RESISTOR SILICONE 1.0 OHM 2W
Circular Connector; Body Material:Aluminum Alloy; Series:KPSE07; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin RoHS Compliant: No
Antenna Switch; Package: PG-TSLP-2; IF (max): 100.0 mA; CT (max): 0.35 pF; rF (typ): 0.8 Ohm; Trr (typ): 750.0 ns; Configuration: Single;
Dual Semi Biased; Package: PG-SOT363-6; ID (max): 25.0 mA; Ptot (max): 200.0 mW; gfs (typ): 30.0 mS; Gp (typ): 25.0 dB; F (typ): 1.3 dB;
B Series/ Female Crimp
PV SERIES
Gate / Inverter Logic IC; Logic Type:Gate; Logic Family:4000; Logic Base Number:4023; Package/Case:14-DIP
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:30Vrms; Peak Surge Current (8/20uS), Itm:1000A; Clamping Voltage 8/20us Max :95V; Peak Energy (10/1000uS):8.5J; Clamping Voltage Max, Vc:95V; Peak Surge Current:1000A
LOGIC IC - DATASHEET REFERENCE
IGBT; Continuous Collector Current, Ic:50A; Collector Emitter Saturation Voltage, Vce(sat):3V; Power Dissipation, Pd:200W; Collector Emitter Voltage, Vceo:600V; Transistor Polarity:N Channel RoHS Compliant: Yes
Voltage Regulator IC; Package/Case:3-TO-3; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Integrated Circuit Voltage; Mounting Type:Through Hole
Bipolar Transistor; Package/Case:TO-3; Current Rating:25A; Voltage Rating:150V RoHS Compliant: Yes
Video Buffer / Amplifier IC; Number of Amplifiers:2; Bandwidth Max:120MHz; Amplifier Output:Fully-Differential; Dual Supply Voltage Max ( /- V):8V; Package/Case:14-DIP; Bias Current:30uA; Gain:120dB; Gain Typ, V/V:400
CABINET ALUMINUM 3.5 X 17 X 9
RESISTOR WIREWOUND 125 OHM 5W
RESISTOR WIREWOUND 680 OHM 5W
Power Resistor; Series:90; Resistance:22ohm; Resistance Tolerance: /- 5%; Power Rating:5W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
DIODE/SM, ZEN 28V@.0045A .5W 5% SOD-123
Bipolar Transistor; Package/Case:TO-39; Current Rating:5A; Voltage Rating:80V
T-NPN-SI-HIGH VOLTAGE
Bipolar Transistor; Power Dissipation, Pd:0.2W; DC Current Gain Min (hfe):220; C-E Breakdown Voltage:65V; Collector Current:0.1A; DC Current Gain Max (hfe):475; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
T-PNP SI- AF OUTPUT
MTG BRACKET D-77159 PACK OF 10
DC-DC Converters 25 to 100 Watts DC - DC转换2500
1-OUTPUT 50 W DC-DC REG PWR SUPPLY MODULE
1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE
1-OUTPUT DC-DC REG PWR SUPPLY MODULE
1-OUTPUT 75 W DC-DC REG PWR SUPPLY MODULE
T-NPN- SI-HIV AF PO DC - DC转换2500
PV75W16-8S DC - DC转换2500
Amplifier IC; Transistor Polarity:NPN; Number of Transistors:5; Collector Emitter Voltage, Vceo:15V; Package/Case:14-DIP; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Through Hole DC - DC转换2500
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:16; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:14S; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500
RECTIFIER DIODE,400V V(RRM),DO-41 DC - DC转换2500
Schottky Rectifier; Current Rating:30A; Mounting Type:Through Hole; Package/Case:DO-4; Capacitance:2000pF DC - DC转换2500
CONN-HDR, POST, 26P 2ROW, .1X.1SP, GD PL DC - DC转换2500
V7 Series Miniature Basic Switch, Single Pole Double Throw Circuitry, 5 A at 250 Vac, Roller Lever Actuator, 0,42 N [1.5 oz] Maximum Operating Force, Silver Contacts, Quick Connect Termination DC - DC转换2500
RESISTOR, 3.32K,1%,1/16W,0402,SMD DC - DC转换2500
NPN Transistor; Current Rating:12A; Voltage Rating:800V RoHS Compliant: Yes DC - DC转换2500
TRANSIENT SUPPRESSOR DIODE,SINGLE,UNIDIRECTIONAL,12.8V V(RWM),Axial-9.5 RoHS Compliant: Yes DC - DC转换2500
RESISTOR SILICONE 20 OHM 2W DC - DC转换2500
ICS, PROC, PRIZMA-EP, PRS64G, 1.8V, CCGA DC - DC转换2500
CABINET ALUMINUM 5.25 X 14 X 7 DC - DC转换2500
Operational Amplifier (Op-Amp) IC; Number of Amplifiers:1; Slew Rate:0.5V/us; Package/Case:8-DIP; Op Amp Type:General Purpose; Dual Supply Voltage Max ( /- V):18V; Amplifier Type:Operational; Mounting Type:Through Hole DC - DC转换2500
JFET; Transistor Polarity:Dual P Channel; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:2mA; Zero Gate Voltage Drain Current Max, Idss:9mA; Gate-Source Cutoff Voltage Max, Vgs(off):7.5V DC - DC转换2500
Operational Amplifier (Op-Amp) IC; Number of Amplifiers:2; Slew Rate:0.5V/us; Package/Case:14-DIP; Op Amp Type:General Purpose; Dual Supply Voltage Max ( /- V):18V; Amplifier Type:Operational; Mounting Type:Through Hole DC - DC转换2500
Voltage Comparator; Comparator Type:General Purpose; Response Time:200ns; Comparator Output:RTL, DTL, TTL, MOS; Single Supply Voltage Min ():5V; Dual Supply Voltage Max ( V):15V; Package/Case:8-Mini DIP RoHS Compliant: Yes DC - DC转换2500
PWR-MOSFET N-CHAN ENHAN DC - DC转换2500
Mounting Bracket; For Use With:270-25, 270-50, 210-25 and 210-50; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes DC - DC转换2500
RESISTOR SILICONE 12 OHM 5W DC - DC转换2500
LED ALINGAP RA RED DIF 636NM SMD DC - DC转换2500
Metal-Oxide Varistor (MOV),260V V(RMS),4.5kA I(TM),Radial RoHS Compliant: Yes DC - DC转换2500
DIODE ZENER SINGLE 500mW 22Vz 5mA-Izt 0.05 0.1uA-Ir 15.4 PowerDI-323 3K/REEL DC - DC转换2500
Small Signal Bipolar Transistor; Collector Emitter Voltage, Vceo:40V; Transistor Polarity:N Channel; Power Dissipation:0.4W; C-E Breakdown Voltage:40V; DC Current Gain Min (hfe):35; Collector Current:0.8A; Package/Case:3-TO-18 DC - DC转换2500
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:50A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41 DC - DC转换2500
DC-DC Converters 25 to 100 Watts DC - DC转换25100
MOSFET-N CHAN-ENHANCEMENT DC - DC转换2500
CUR SEN/ZXCT1009 5UA CURR MONT DC - DC转换25100
IC MONITOR ENHANCED OFFSET SOT23 DC - DC转换25100
IC MONITOR LO-SENSE VOLT SOT23-5 DC - DC转换25100
IC CURRENT MON HISIDE BI SOT23-5 DC - DC转换25100
GTCL08R40-AGS-LC DC - DC转换2500
MOSFET N-CH 100V 1A SOT-89 DC - DC转换2500
MOSFET 2P-CH 20V 1.7A 8-MSOP DC - DC转换2500
MOSFET H-BRIDGE DUAL SM-8 DC - DC转换2500
MOSFET H-BRIDGE DUAL 100V SM-8 DC - DC转换2500
MOSFET H-BRIDGE DUAL 60V SM-8 DC - DC转换2500
MOSFET N-CHAN 60V 1.6A SM-8 DC - DC转换2500
T1/E1 Transformer DC - DC转换2500
IC DRIVER LED SW 350MA TSOT23-5 DC - DC转换2500
MOSFET N-CHAN 30V 2A SOT23 DC - DC转换2500
Power Resistor; Series:90; Resistance:4kohm; Resistance Tolerance: /- 5%; Power Rating:11W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Packaging:Bulk RoHS Compliant: Yes DC - DC转换2500
Optocoupler; Optocoupler Output Type:Schmitt Trigger; Isolation Voltage:7500Vrms; Package/Case:6-DIP; Collector Current:0.05A; Mounting Type:Through Hole DC - DC转换2500
RACK DESK VENTED BLK 3.5X19X13,1 DC - DC转换2500
CONNECTOR ACCESSORY DC - DC转换2500
IC BUFFER QUAD LOW PWR 14-SOICN DC - DC转换2500
IC AMPLIFIER VIDEO SGL 8-SOICN DC - DC转换2500
IC AMP DC RESTORATION 8-SOIC DC - DC转换2500
IC MULTIPLEXER VIDEO 4:1 16-SOIC DC - DC转换2500
MOSFET P-CH 20V 2.3A SC-59-6 DC - DC转换2500
DUST CVR,CONDUCTIVE,NAS837C-18 DC - DC转换2500
1-OUTPUT 25 W DC-DC REG PWR SUPPLY MODULE
MOSFET N-CHAN 100V SOT223
MOSFET N-CH 20V 2.44 A SOT-23-6
MOSFET N-CH 20V 3.4A SOT-23
MOSFET 2N-CH 20V 7.7A 8-SOIC
CONN-HDR, POST, 3P 1ROW, .10 CTR, .23 HT
http://
VICOR[Vicor Corporation]
DC/DC变换
Intersil, Corp.
Vicor, Corp.
Analog Devices, Inc.
Sunbrite Group Lumex, Inc.
IXYS, Corp.
Mitsubishi Electric, Corp.
ITT, Corp.
L-com, Inc.
 
 Related keyword From Full Text Search System
PBSH-RB010SHGEEBMA0Z Search PBSH-RB010SHGEEBMA0Z vsen gate PBSH-RB010SHGEEBMA0Z Amplifier PBSH-RB010SHGEEBMA0Z Analog PBSH-RB010SHGEEBMA0Z switching
PBSH-RB010SHGEEBMA0Z where to buy PBSH-RB010SHGEEBMA0Z gain PBSH-RB010SHGEEBMA0Z download PBSH-RB010SHGEEBMA0Z Converter PBSH-RB010SHGEEBMA0Z 参数 封装
 

 

Price & Availability of PBSH-RB010SHGEEBMA0Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.11598300933838