PART |
Description |
Maker |
R7S00212 R7S00412 R7S00612 R7S00812 R7S01012 R7S01 |
200V, 1200A general purpose single diode 400V, 1200A general purpose single diode 600V, 1200A general purpose single diode 800V, 1200A general purpose single diode 1000V, 1200A general purpose single diode 1200V, 1200A general purpose single diode 1400V, 1200A general purpose single diode 1600V, 1200A general purpose single diode 1800V, 1200A general purpose single diode 2000V, 1200A general purpose single diode 2200V, 1200A general purpose single diode
|
Powerex Power Semiconductors
|
PB81-G24D-CG PB81W-B24D-CB PB81-A24D-CA PB81-O24D- |
SINGLE COLOR LED, GREEN, 12.6 mm SINGLE COLOR LED, BLUE, 12.6 mm SINGLE COLOR LED, AMBER, 12.6 mm SINGLE COLOR LED, ORANGE, 12.6 mm SINGLE COLOR LED, RED, 12.6 mm SINGLE COLOR LED, COOL WHITE, 12.6 mm
|
SUSUMU Co., Ltd. Ironwood Electronics
|
1N4701-TAPE 1N4704C 1N4704A 1N4712D 1N4712C 1N4709 |
Diode Zener Single 14V 5% 500mW 2-Pin DO-35 Ammo Diode Zener Single 17V 2% 500mW 2-Pin DO-35 Diode Zener Single 17V 5% 2-Pin DO-7 Diode Zener Single 28V 1% 500mW 2-Pin DO-35 Diode Zener Single 28V 2% 500mW 2-Pin DO-35 Diode Zener Single 24V 1% 500mW 2-Pin DO-35 Diode Zener Single 18V 1% 500mW 2-Pin DO-35 Diode Zener Single 15V 1% 500mW 2-Pin DO-35 Diode Zener Single 18V 2% 500mW 2-Pin DO-35 Diode Zener Single 22V 1% 500mW 2-Pin DO-35 Diode Zener Single 25V 1% 500mW 2-Pin DO-35 Diode Zener Single 13V 1% 500mW 2-Pin DO-35 Diode Zener Single 3V 1% 500mW 2-Pin DO-35 Diode Zener Single 39V 1% 500mW 2-Pin DO-35 Diode Zener Single 5.6V 1% 500mW 2-Pin DO-35 Diode Zener Single 8.2V 1% 500mW 2-Pin DO-35
|
New Jersey Semiconductor
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
BUK212-50Y BUK212_217_50Y-01 BUK217-50Y |
BUK212-50Y; BUK217-50Y; Single channel high-side TOPFET(tm) Single channel high-side TOPFET⑩ From old datasheet system Single channel high-side TOPFET TM Single channel high-side TOPFET垄芒 Single channel high-side TOPFET?/a> 25 A BUF OR INV BASED PRPHL DRVR, PSSO4 Single channel high-side TOPFET??/span>
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
MU136C-R MU136A-R |
0.36 SINGLE DIGIT NUMBERIC DISPLAYS 0.36 SINGLE DGIT NUMBERIC DISPLAYS RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO
|
MICRO-ELECTRONICS[Micro Electronics]
|
21PCT120CW-1PB-140 21PCT120CW-1CW-140 21PCT120CW-1 |
T-1 SINGLE COLOR LED ARRAY, PURE BLUE, 3 mm T-1 SINGLE COLOR LED ARRAY, COOL WHITE, 3 mm T-1 SINGLE COLOR LED ARRAY, AQUA GREEN, 3 mm T-1 SINGLE COLOR LED ARRAY, YELLOW, 3 mm T-1 SINGLE COLOR LED ARRAY, ULTRA RED, 3 mm
|
LEDtronics, Inc.
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
1N5468B 1N5466B 1N5475D 1N5475C 1N5462C 1N5463A 1N |
Diode VAR Cap Single 30V 22pF 2-Pin DO-7 Diode VAR Cap Single 30V 18pF 2-Pin DO-7 Diode VAR Cap Single 30V 82pF 2-Pin DO-7 Diode VAR Cap Single 30V 8.2pF 2-Pin DO-7 Diode VAR Cap Single 30V 10pF 2-Pin DO-7 Diode VAR Cap Single 30V 20pF 2-Pin DO-7 Diode VAR Cap Single 30V 100pF 2-Pin DO-7 Diode VAR Cap Single 30V 47pF 2-Pin DO-7 Diode VAR Cap Single 30V 6.8pF 2-Pin DO-7 Diode VAR Cap Single 30V 56pF 2-Pin DO-7
|
New Jersey Semiconductors
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|