PART |
Description |
Maker |
210-99-648-41-001 210-91-306-41-001 210-91-308-41- |
PWR SUP 250W 3.3/5/12/-12V QUAD 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/15V SGL 双列直插式插座封闭框架焊 Dual-in-line sockets Closed frame Solder tail 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/5V DUAL CONVERTER DC-DC 20W 12V/12V SGL CONVERTER DC-DC 20W 24V/15V DUAL Dual-in-linesocketsClosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
UT63M105PCA UT63M105PCA5 UT63M105PCC UT63M105PCC5 |
UT63M dual multichip monolithic transceiver. QML-V. -15V, idle low. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -12V, idle low. QML V. Lead finish solder. UT63M dual multichip monolithic transceiver. QML-V. -12V, idle low. Lead finish optional. UT63M dual multichip monolithic transceiver. QML-V. -15V, idle low. Lead finish optional. UT63M dual multichip monolithic transceiver. QML-Q. -12V, idle low. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -15V, idle low. QML Q. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -15V, idle low. QML V. Lead finish gold. UT63M dual multichip monolithic transceiver. QML-Q. -15V, idle low. Lead finish gold. Versatile Miniature Switch, High Performance 符合MIL - STD - 1553A /乙总线收发 5 V Upstream Cable Line Driver; Package: LFCSP (4x4mm); No of Pins: 20; Temperature Range: Industrial 符合MIL - STD - 1553A /乙总线收发 Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial Dual Precision, Low Cost, High Speed, BiFET Op Amp; Package: SOIC; No of Pins: 8; Temperature Range: Commercial High-Power Synchronous HB LED Drivers with Rapid Current Pulsing 40 MBd five channel digital isolator isolated power for Fieldbus, Microcontroller/peripheral interface and data transmission; Package: PDIP; No of Pins: 22; Temperature Range: Industrial Rugged Mil Temp Range Isolation Amplifier; Package: None Available; No of Pins: 11; Temperature Range: Military Digitally Programmable Sensor Signal Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial MIL-STD-1553A/B Bus Transceiver 符合MIL - STD - 1553A /乙总线收发 UT63M dual multichip monolithic transceiver. QML-V. -15V, idle low. Lead finish solder. UT63M dual multichip monolithic transceiver. QML-V. -12V, idle low. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML V. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML V. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML V. Lead finish optional. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML Q. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML Q. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML Q. Lead finish optional. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML V. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML V. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML V. Lead finish optional. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML Q. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML Q. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML Q. Lead finish optional. UT63M dual multichip monolithic transceiver. QML-Q. -12V, idle low. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -15V, idle low. QML V. Lead finish solder. UT63M dual multichip monolithic transceiver. QML-Q. -12V, idle low. Lead finish optional. UT63M dual multichip monolithic transceiver. -12V, idle low. Lead finish optional. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -12V, idle low. QML V. Lead finish optional. MIL-STD-1553A/B Bus Transceiver
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. List of Unclassifed Man... Aeroflex Circuit Technology
|
MAX1771 |
12V or Adjustable, High-Efficiency, Low I
|
MAXIM - Dallas Semiconductor
|
CHT-LDOS CHT-LDOS-025 CHT-LDOS-033 CHT-LDOS-050 CH |
High-Temperature, 2.5V; 3.3V; 5V; 5.5V; 9V; 10V; 12V; 13V or 15V, 1A, Low-Dropout SOI-CMOS Voltage Regulator for symmetrical voltage applications.
|
List of Unclassifed Manufacturers
|
LT1107 LT1107-12 LT1107-5 LT1107C LT1107CN8 LT1107 |
From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V Micropower DC/DC Converter Adjustable and Fixed 5V, 12V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
RNS0.6ZH-M6 RNS01EE RNS01EE-M6 RNS01EG-M6 RNS03ZE- |
RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V/ 5.0V/ 7.0V and 12V Outputs Outputs of 2.5V & 15V/ available with trimming RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming 报考系列:5 - 10W的DC / DC转换18-72
|
POWER-ONE[Power-One]
|
2SC3950 |
RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% High-Definition CRT Display Video Output Driver Applications
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
ZXTC6717MC ZXTC6717MCTA |
DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
|
Diodes Incorporated
|
HSCP-HRFCJ-2AS_51 HRFC-A2-SF_01 HRFC-A2-SF-D1 HRFC |
FC Type Fiber Optic Connectors PWR SUP 80W 5V 12V 12V-12V OUT SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 28 Vdc, 1 A, Pin Plunger Actuator, Solder Termination SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination PWR SUP 80W 5V 15V-5V-15V OUT FC Type Fiber Optic Connectors FC型光纤连接器
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd. http://
|
KIA7918F KIA7924F KIA7905F KIA7906F KIA7908F KIA79 |
1A 3-Terminal Voltage Regulator 1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS -5V, -6V, -8V, -9V, -10V, -12V, -15V, -18V, -20V, -24V 1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS -5V/ -6V/ -8V/ -9V/ -10V/ -12V/ -15V/ -18V/ -20V/ -24V
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
LT1073 LT1073CN8-12 LT1073CN8PBF LT1073CS8-5PBF LT |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC-DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 23 kHz SWITCHING FREQ-MAX, PDIP8 Micropower DC-DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 23 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
MAX743 |
Dual-Output, PWM Switch-Mode Regulator (5V to ±15V or ±12V)
|
MAXIM - Dallas Semiconductor
|