PART |
Description |
Maker |
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
PST593DM PST592C PST592CM PST591JM PST591H PST591H |
30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7901D1 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7752 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7301 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7303 with Lead Free Packaging 200V Dual N-Channel Digital Audio HEXFET Power MOSFET in a TO-220 Full-Pak(Iso) package.; A IRFI4020H-117P with Standard Packaging 电压检测器 Voltage Detector 电压检测器 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9956 with Standard Packaging 电压检测器 30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9952 with Lead Free Packaging 电压检测器
|
NXP Semiconductors N.V. Intersil, Corp.
|
X2114TTT X2111TTT X2112PTT X2118PFD X2118PET X2111 |
Analog IC 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7403 with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ44EPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3518 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; A IRFP1405 with Standard Packaging 模拟IC
|
NXP Semiconductors N.V.
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRLI3803 2315 |
30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET From old datasheet system
|
IRF[International Rectifier]
|
IRF3709ZCL IRF3709ZCS |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRLML2803 IRLML2803TR IRLML2803PBF |
30V Single N-Channel HEXFET Power MOSFET in a Micro 3 package Power MOSFET(Vdss=30V, Rds(on)=0.25ohm)
|
IRF[International Rectifier]
|
IRF7706 IRF7706TR |
-30V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package Power MOSFET(Vdss=-30V)
|
IRF[International Rectifier]
|
IRF7413Z |
HEXFET Power MOSFET HEXFET功率MOSFET 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier, Corp.
|
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
PT110 PT006 PT210 PT225 PT125 PT215 PT610 PT106-66 |
30V Single N-Channel HEXFET Power MOSFET in a D2Pak package; A IRL8113S with Standard Packaging -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7205 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3305 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4321PBF with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF1405ZS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7473 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF540ZS with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF9Z24N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU8203 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ34NS with Standard Packaging TRIAC|600V V(DRM)|6A I(T)RMS|TO-66 TRIAC|50V V(DRM)|25A I(T)RMS|TO-208VAR1/2 TRIAC|100V V(DRM)|2.5A I(T)RMS|TO-5 TRIAC|200V V(DRM)|15A I(T)RMS|TO-208VAR1/2 such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; Similar to IRF6644 qualified for use such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6644 with Standard Tape and Reel 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFS4610 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR7811W with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL520NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR120N with Lead Free Packaging TRIAC|50V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|100V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|600V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|50V V(DRM)|3A I(T)RMS|TO-208VAR1/2 TRIAC|50V V(DRM)|3A I(T)RMS|PRESS-13 TRIAC|100V V(DRM)|3A I(T)RMS|TO-208VAR1/2 AC Relay; Output Device:MOSFET; Output Voltage Max:60VAC; Load Current Max:1A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Switch Function:SPST-NO RoHS Compliant: Yes 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7490 with Lead Free Packaging 可控硅| 200伏五(DRM)的| 6A条口(T)的有效值|VAR Microelectronic Power IC HEXFET® Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V AC, 1.0A 可控硅| 400V五(DRM)的| 6A条口(T)的有效值|208VAR1 / 2 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4710 with Standard Packaging 100V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package
|
Microsemi, Corp. LG, Corp.
|