PART |
Description |
Maker |
W5232 W523X W5231 W5233 W5234 |
Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (6 seconds @6.7K) ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (12 seconds @6.7K) ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (9 seconds @6.7K) ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (3 seconds @6.7K)
|
WINBOND[Winbond] Winbond Electronics
|
SST3S-C SST4H-L SST4I-C |
Sta-Strap ? Cable Ties . Nylon 6.6
|
PANDUIT CORP.
|
SL0833001 |
TRANS,WALL,7.5VDC/1000mA, F1,2.1X5.5mm,UL(STA-4875)
|
Ametherm, Inc
|
RTN250 |
LIT EPIP E? FOR SUR FACE MOU NT AND STA NDAR D LEDs
|
List of Unclassifed Man...
|
MCRF202-I_WQ99 MCRF202 MCRF202-I_P MCRF202-I_S MCR |
The MCRF202 is a passive Radio Frequency Identification (RFID) IC device with an external sensor Input that provides an RF interface for reading the contents of a user memory array. The MCRF202 is specially designed to detect the logic sta 125 kHz Passive RFID Device with Sensor Input From old datasheet system
|
MICROCHIP[Microchip Technology]
|
G5131-50T23UF G5130 G5130-25T11U G5130-25-T11U G51 |
Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel RECTIFIER BRIDGE 15A 400V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY RECTIFIER BRIDGE 15A 200V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY Octal D Flip-Flop with 3-STATE Outputs; Package: SSOP; No of Pins: 20; Container: Tape & Reel Octal D Flip-Flop with 3-STATE Outputs; Package: DIP; No of Pins: 20; Container: Rail 16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: SSOP; No of Pins: 48; Container: Tape & Reel SCANSTA111 Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port; Package: TSSOP; No of Pins: 48 掩模升压DC / DC转换 LPC660 Low Power CMOS Quad Operational Amplifier; Package: SOIC NARROW; No of Pins: 14 掩模升压DC / DC转换 10-Bit D-Type Flip-Flop with 3-STATE Outputs; Package: DIP; No of Pins: 24; Container: Rail 掩模升压DC / DC转换 MM5483 Liquid Crystal Display Driver; Package: MDIP; No of Pins: 40 掩模升压DC / DC转换 10-A, 4.5V to 14V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj Power Module with TurboTrans 11-DIP MODULE -40 to 85 掩模升压DC / DC转换 50A, 4.5V to 14V Input, Non-Isolated, Wide Output, Adjustable Power Module with TurboTrans 22-DIP MODULE -40 to 85 掩模升压DC / DC转换 DIODE ZENER SINGLE 200mW 2.4Vz 5mA-Izt 0.0833 50uA-Ir 1 SOT-323 3K/REEL 掩模升压DC / DC转换 Octal D Flip-Flop with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换 SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST; Package: LBGA; No of Pins: 196 掩模升压DC / DC转换 Synchronous Presettable Binary Counter 掩模升压DC / DC转换 8-Bit Identity Comparator; Package: SOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换 Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换 Quad 2-Input OR Gate; Package: TSSOP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 DIODE ZENER SINGLE 200mW 27Vz 2mA-Izt 0.0704 0.1uA-Ir 18.9 SOT-323 3K/REEL 掩模升压DC / DC转换 Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换 Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 MM5452/MM5453 Liquid Crystal Display Drivers; Package: MDIP; No of Pins: 40 掩模升压DC / DC转换 MF10 Universal Monolithic Dual Switched Capacitor Filter; Package: SOIC WIDE; No of Pins: 20 掩模升压DC / DC转换 MF10 Universal Monolithic Dual Switched Capacitor Filter; Package: MDIP; No of Pins: 20 掩模升压DC / DC转换 LPC662 Low Power CMOS Dual Operational Amplifier 掩模升压DC / DC转换 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换 DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer 掩模升压DC / DC转换 CLC016 Data Retiming PLL with Automatic Rate Selection 掩模升压DC / DC转换 CAPACITOR, 47UF, 10V, /-20%, LOWESR, S.M. 掩模升压DC / DC转换 DCC37ST 掩模升压DC / DC转换 SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement; Package: TQFP EXP PAD; No of Pins: 100 掩模升压DC / DC转换 SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: LBGA; No of Pins: 196 掩模升压DC / DC转换 TP11362A Quad Adaptive Differential PCM Processor; Package: PLCC; No of Pins: 28 掩模升压DC / DC转换 SCANSTA476 Eight Input IEEE 1149.1 Analog Voltage Monitor; Package: LLP; No of Pins: 16 掩模升压DC / DC转换 QUAD OP AMP; Package: CERDIP; No of Pins: 14 掩模升压DC / DC转换 Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel 掩模升压DC / DC转换 Quad 2-Input AND Gate 输入与门 LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换 Octal Buffer/Line Driver with 3-STATE Outputs 掩模升压DC / DC转换 LP5996 Dual Linear Regulator with 300mA and 150mA Outputs; Package: LLP; No of Pins: 10 掩模升压DC / DC转换 Octal D-Type Flip-Flop; Package: SOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换 TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: SOIC WIDE; No of Pins: 16 掩模升压DC / DC转换 SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49 掩模升压DC / DC转换 LPV7215 Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换 TP3406 DASL Digital Adapter for Subscriber Loops; Package: MDIP; No of Pins: 20 掩模升压DC / DC转换 TP3404 Quad Digital Adapter for Subscriber Loops (QDASL); Package: PLCC; No of Pins: 28 掩模升压DC / DC转换 Quad 2-Input AND Gate 2输入与门 Quad 2-Input OR Gate; Package: DIP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 Quad 2-Input NAND Gate; Package: TSSOP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 1000; Container: Box 掩模升压DC / DC转换 LP5952 350mA Dual Rail Linear Regulator; Package: MICRO SMD; No of Pins: 5 掩模升压DC / DC转换 DS90C241/DS90C124 5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer 掩模升压DC / DC转换 LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 20; Container: Tray 掩模升压DC / DC转换 SMD,CAP,TANT,100UF,10V,7 343,ESR:0.1 掩模升压DC / DC转换 Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换 Quad D-Type Flip-Flop 掩模升压DC / DC转换 Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Rail 掩模升压DC / DC转换 VOLTAGE REGULATOR, 5 VOLTS AT 0.5A; Package: TO-3; No of Pins: 2 掩模升压DC / DC转换 Quad 2-Input AND Gate; Package: DIP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 Quad 2-Input OR Gate 2输入或门 LP8345 Low Dropout, Low IQ, 500mA CMOS Linear Regulator; Package: LLP; No of Pins: 6 掩模升压DC / DC转换 LMH0340, LMH0040, LMH0070, LMH0050 3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface 掩模升压DC / DC转换 VOLTAGE REGULATOR, 5 VOLTS AT 0.5A; Package: TO-39; No of Pins: 3 掩模升压DC / DC转换 TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver; Package: CERDIP; No of Pins: 28 掩模升压DC / DC转换 MCP809/MCP810 3-Pin Microprocessor Reset Circuits; Package: SOT-23; No of Pins: 3 掩模升压DC / DC转换 SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49 掩模升压DC / DC转换 PSM Step-up DC/DC Converter 掩模升压DC / DC转换 LP8345 Low Dropout, Low IQ, 500mA CMOS Linear Regulator; Package: TO-252; No of Pins: 3 掩模升压DC / DC转换 LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator; Package: LLP; No of Pins: 6 掩模升压DC / DC转换 LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator; Package: TO-252; No of Pins: 3 掩模升压DC / DC转换 RECTIFIER BRIDGE 8A 200V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换 RECTIFIER BRIDGE 8A 100V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换 RECTIFIER BRIDGE 8A 600V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换 TP3420A ISDN S/T Interface Device; Package: PLCC; No of Pins: 20 掩模升压DC / DC转换 LM5072 Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support 掩模升压DC / DC转换 USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support; Package: SOIC WIDE; No of Pins: 28 掩模升压DC / DC转换 CONN N PLUG CRIMP RG-8,213 CONN N PLUG STR CRIMP RG-142 CONN N STR CRIMP RG-8,213 COAX SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6; Package: LLP; No of Pins: 28 LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier; Package: SC-70; No of Pins: 5 SCANSTA101 Low Voltage IEEE 1149.1 STA Master; Package: FBGA; No of Pins: 49 SCAN90004 4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6; Package: TQFP; No of Pins: 48 WIRE, PTFE, A, YELLOW, 7/0.12MM, 100M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:Yellow; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes WIRE, PTFE, A, BROWN, 7/0.12MM, 25M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:Brown; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes SCAN92LV090 9 Channel Bus LVDS Transceiver w/ Boundary SCAN; Package: LQFP; No of Pins: 64 8-Input Multiplexer with 3-STATE Output; Package: SOIC; No of Pins: 16; Container: Rail CABLE, COAX, RG174, BLACK, 500M; Length, Reel (Imperial):1640.4ft; Attenuation, 1 GHz:148dB; Attenuation, 400MHz:80dB; Capacitance:100pF/m; Conductor make-up:7/0.160 mm; Diameter, External:2.8mm; Impedance:50R; Length, Reel RoHS Compliant: Yes SYSTEM 4 ADJUSTABLE HANDLE SCAN16602 Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with -TRISTATE Outputs; Package: FBGA; No of Pins: 64 Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 10-Bit D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 24; Container: Tape & Reel Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Tape & Reel 8-Bit D-Type Flip-Flop; Package: SOIC-Wide; No of Pins: 24; Container: Rail DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer 8-Bit D-Type Flip-Flop; Package: DIP; No of Pins: 24; Container: Rail Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Rail 8-Bit D-Type Flip-Flop; Package: TSSOP; No of Pins: 24; Container: Tape & Reel 8-Bit Identity Comparator; Package: SOP; No of Pins: 20; Container: Tape & Reel Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel 10-A, 4.5V to 14V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85 8-Bit D-Type Flip-Flop; Package: SOIC-Wide; No of Pins: 24; Container: Tape & Reel Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Rail 8-Bit Identity Comparator; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 8-Bit Identity Comparator; Package: DIP; No of Pins: 20; Container: Rail 8-Bit Identity Comparator; Package: SOIC-Wide; No of Pins: 20; Container: Rail 8-Bit Identity Comparator; Package: TSSOP; No of Pins: 20; Container: Tape & Reel DS99R103/DS99R104 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer CLC014 Adaptive Cable Equalizer for High Speed Data Recovery MM145453 Liquid Crystal Display Driver; Package: PLCC; No of Pins: 44 LMH0346 3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs MM5452/MM5453 Liquid Crystal Display Drivers; Package: PLCC; No of Pins: 44 SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49 Dual D-Type Positive Edge-Triggered Flip-Flop LPV7215 Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator; Package: SC-70; No of Pins: 5 MAX660 Switched Capacitor Voltage Converter; Package: SOIC NARROW; No of Pins: 8 DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch DS90LV047A 3V LVDS Quad CMOS Differential Line Driver PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: MDIP; No of Pins: 40 Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Rail TP3406 DASL Digital Adapter for Subscriber Loops; Package: PLCC; No of Pins: 28 LM136-5.0/LM236-5.0/LM336-5.0 5.0V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 20; Container: Tray LM136-5.0/LM236-5.0/LM336-5.0 5.0V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 1000; Container: Box USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support; Package: LAMINATE CSP; No of Pins: 28 TP3465 MICROWIRE(TM) Interface Device (MID); Package: PLCC; No of Pins: 28 TP3155 Time Slot Assignment Circuit; Package: PLCC; No of Pins: 20 TP11368 Octal Adaptive Differential PCM Processor; Package: PLCC; No of Pins: 28 TL082 Wide Bandwidth Dual JFET Input Operational Amplifier; Package: MDIP; No of Pins: 8 TL082 Wide Bandwidth Dual JFET Input Operational Amplifier; Package: SOIC NARROW; No of Pins: 8 STA400EP Enhanced Plastic Dual 2:1 Analog Mux with IEEE 1149.4; Package: TSSOP; No of Pins: 20 SCAN926260 Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST; Package: LBGA; No of Pins: 196 NS16C2552/NS16C2752 Dual UART with 16-byte/64-byte FIFO's and up to 5 Mbit/s Data Rate; Package: PLCC; No of Pins: 44 SCAN15MB200 Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6; Package: LLP; No of Pins: 48 PC16552D Dual Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: PLCC; No of Pins: 44 PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: PLCC; No of Pins: 44 Synchronous Presettable Binary Counter; Package: SOP; No of Pins: 16; Container: Rail Synchronous Presettable Binary Counter; Package: SOIC; No of Pins: 16; Container: Tape & Reel Synchronous Presettable Binary Counter; Package: SOIC; No of Pins: 16; Container: Rail Synchronous Presettable Binary Counter; Package: DIP; No of Pins: 16; Container: Rail Synchronous Presettable Binary Counter; Package: SOP; No of Pins: 16; Container: Tape & Reel Synchronous Presettable Binary Counter; Package: TSSOP; No of Pins: 16; Container: Tape & Reel Distribution Riser Series, UL OFNR/CSA FT4, Multimode FX300, 62.5 m, 6 fibers Hex D Flip-Flop with Master Reset; Package: DIP; No of Pins: 16; Container: Rail Hex D Flip-Flop with Master Reset; Package: TSSOP; No of Pins: 16; Container: Rail Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel Quad 2-Input AND Gate; Package: TSSOP; No of Pins: 14; Container: Tape & Reel Quad 2-Input NAND Gate; Package: TSSOP; No of Pins: 14; Container: Tape & Reel Quad 2-Input NAND Gate; Package: DIP; No of Pins: 14; Container: Rail Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel CAP, NSPE470M16V8X10.8TR13 47UF 16V 20% LOW ESR, HIGH RIPPLE CURRENT, ELECTROLYT CAP,AL,ELECT,RAD,20%,10UF,16V,0.1LS CABLE, COAX, RG178PE, BLACK, 50M; Length, Reel (Imperial):164ft; Attenuation, 1 GHz:151dB; Attenuation, 10 MHz:19dB; Attenuation, 200 MHz:63dB; Attenuation, 400MHz:92dB; Capacitance:100pF/m; Colour, secondary insulation:Black; RoHS Compliant: Yes 1-of-8 Decoder/Demultiplexer; Package: SOP; No of Pins: 16; Container: Tape & Reel Dual JK Positive Edge-Triggered Flip-Flop; Package: TSSOP; No of Pins: 16; Container: Rail Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Rail 8-Input Multiplexer; Package: SOP; No of Pins: 16; Container: Rail 1-of-8 Decoder/Demultiplexer; Package: DIP; No of Pins: 16; Container: Rail TP3094 COMBO Quad PCM Codec/Filter; Package: PLCC; No of Pins: 44 TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: SOIC WIDE; No of Pins: 20 TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: MDIP; No of Pins: 20 TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO® Family; Package: MDIP; No of Pins: 16 TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: PLCC; No of Pins: 20 TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: PLCC; No of Pins: 20 TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: SOIC WIDE; No of Pins: 16 TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: MDIP; No of Pins: 16 SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer; Package: TQFP; No of Pins: 100 SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer; Package: FBGA; No of Pins: 100 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: TSSOP; No of Pins: 14 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: MINI SOIC; No of Pins: 8 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SOIC NARROW; No of Pins: 14 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SC-70; No of Pins: 5 LPC662 Low Power CMOS Dual Operational Amplifier; Package: SOIC NARROW; No of Pins: 8 6-A, 4.5V to 14V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 10-DIP MODULE -40 to 85 Octal Buffer/Line Driver with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Tape & Reel
|
Vishay Intertechnology, Inc. TE Connectivity, Ltd. Maxim Integrated Products, Inc. Global Mixed-mode Technology, Inc. Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc] Global Mixed-mode Technolog... Global Mixed-mode Techn...
|
|