PART |
Description |
Maker |
PE44138 |
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
|
Pasternack Enterprises, Inc.
|
VSL-CC-15B-35-801 VSL-CC-15B-35-813 VSL-CC-16B-35- |
Vehicle Strip Lighting 18.5 inch (470mm) 12 inch (305mm) 6 inch (153mm)
|
Dialight Corporation http://
|
HDSP-5523-GG000 HDSP-5523-GH000 HDSP-K121-DE000 HD |
HDSP-5523-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5523-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K121-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5601-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5703-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5607-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5508-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K123-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5623-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5721-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5603-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5701-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5621-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H153-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H151-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
PE44205 |
SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .030 inch Diameter
|
Pasternack Enterprises, Inc.
|
PE4912 |
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
|
Pasternack Enterprises,...
|
HPB5082-7740 HP5082-7740 HDSP-460X 5082-7610 5082- |
7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
NW12-330-18 |
1-OUTPUT 40 W DC-DC REG PWR SUPPLY MODULE 2.500 X 3.500 INCH, 0.830 INCH HEIGHT, METAL PACKAGE-5
|
Motorola Mobility Holdings, Inc.
|
PE44307 |
MCX Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
|
Pasternack Enterprises, Inc.
|
PE4367 |
SMC PLUG CONNECTOR CLAMP/SOLDER ATTACHMENT THRU HOLE PCB, .200 inch x .067 inch Hole Spacing
|
Pasternack Enterprises,...
|
PE4538 |
SMA Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .375 inch x .500 inch Hole Spacing
|
Pasternack Enterprises, Inc.
|
PE4180 |
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
|
Pasternack Enterprises, Inc.
|