PART |
Description |
Maker |
MCP23016 MCP23016T-I/ML |
16-bit I/O port expander with interrupt 3 hardware address pins allow user to use up to 8 of these devices on the same I2C/SMBus ...
|
Microchip
|
ECOS2CA271 ECOS1EA332CL ECOS1KA681BA TS-HA ECOS1AA |
CAP .033UF 50V PPS FILM ECH-S CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 12000 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 8200 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 22000 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 2200 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 6800 uF, THROUGH HOLE MOUNT Single Slot PC CardBus Controller 144-BGA MICROSTAR 0 to 70 Replaced by PCI1510 : PC Card Controller 144-LQFP 0 to 70 Replaced by PCI1520 : PCI-to-PC Card Controller 209-BGA MICROSTAR Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TVSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-VQFN -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Replaced by PCI1520 : PC Card Controller 256-BGA Ring Tongue Solderless Terminal; Wire Size (AWG):1/0; Stud Size:3/4 Replaced by PCI1520 : PC Card Controller 257-BGA MICROSTAR 005279 0.01UF 16V 0402. Large Can Aluminum Electrolytic Capacitors
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor] http://
|
XRA1200PIL16-F XRA1200PIL16TR-F XRA1200IL16-F XRA1 |
8-BIT I2C/SMBUS GPIO EXPANDER
|
Exar Corporation
|
XRA1202PIL16TR-F XRA1202IL16-F XRA1202IG16-F |
8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
|
Exar Corporation
|
PCAL6416AER |
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
|
NXP Semiconductors
|
MAX7321AUP MAX7321 MAX7321AAP MAX7321AEE MAX7321AS |
I2C Port Expander with 8 Open-Drain I/Os
|
MAXIM[Maxim Integrated Products]
|
PCA9534ARGVRG4 |
<font color=red>[Old version datasheet]</font> REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
|
TI store
|
PCA9557D PCA9557PW PCA9557 |
8-bit I2C and SMBus I/0 port with reset
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PCA9554ADB PCA9554APW PCA9554ABS PCA9554AN PCA9554 |
8-bit I2C and SMBus I/O port with interrupt
|
NXP Semiconductors
|
MAX7322ATE_ MAX7322 MAX7322AEE_ MAX7322ATE MAX7322 |
I2C Port Expander with 4 Push-Pull Outputs and 4 Inputs
|
MAXIM[Maxim Integrated Products]
|
PCA9535HF PCA9535C |
16-bit I2C-bus and SMBus, low power I/O port with interrupt
|
NXP Semiconductors
|