PART |
Description |
Maker |
BT134 BT134-500 BT134-500F BT134-500G BT134-600 BT |
Triacs 500 V, 4 A, TRIAC Triacs 800 V, 4 A, TRIAC Triacs(双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT139F BT139F-500 BT139F-500F BT139F-500G BT139F-6 |
Triacs(??????纭? Triacs(双向可控 500 V, 16 A, TRIAC Triacs 600 V, 16 A, TRIAC Triacs 800 V, 16 A, TRIAC Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
Q4008L4 Q2N4 Q6004F31 Q6004F41 Q6004L4 Q6004L3 Q2N |
Triacs (0.8 A to 35 A) Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; Number of Contacts:6; Connector Shell Size:9; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight Triacs (0.8 A to 35 A) 双向0.8 A5甲) Triacs (0.8 A to 35 A) 双向.8 A5甲) Triacs (0.8 A to 35 A) 双向.8 A35甲) TV 6C 6#22D PIN WALL RECP TRIACS (0.8A TO 35A) RoHS Compliant
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
BTA312X-800B |
12 A Three-quadrant triacs triacs high commutation
|
NXP Semiconductors
|
BT139B BT139B-500 BT139B-500F BT139B-500G BT139B-6 |
Octal D-Type Registers with 3-State Outputs 20-CDIP -55 to 125 500 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 Triacs high noise immunity Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
Z0107NN Z01 Z0110SN5AL2 Z0103MA Z0103MA1AA2 Z0103M |
1A TRIACS 1A双向可控 1A TRIACS A双向可控
|
http:// STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MAC4DLM-D MAC4DLM-1G |
Sensitive Gate Triacs; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
BT139 BT139-800E BT139-800G BT139-800H BT139-500 B |
Connector Adapter; Convert From:BNC Coaxial Plug; Convert To:Dual Binding Posts; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Triacs sensitive gate Triacs high noise immunity TRIAC 16A/600V
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAC9D ON0394 MAC9N MAC9M MAC9-D |
Triacs Silicon Bidirectional Thyristors 8 AMPERES RMS 400 thru 800 From old datasheet system Triacs (Silicon Bidirectional Thyristors)
|
ONSEMI[ON Semiconductor]
|
BTA216BSERIESB BTA216B-500B |
Triacs high commutation Three quadrant triacs high commutation(三象限双向高换向可控 Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V.
|
BTA208X-800B BTA208X-800C BTA208X-800F BTA208X BTA |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
http:// NXP Semiconductors PHILIPS[Philips Semiconductors]
|
T2035H-600TRG T2035H-600G-TR T2035H T2035H-600G T2 |
Snubberless?/a> high temperature 20 A Triacs Snubberless high temperature 20 A Triacs Snubberless⑩ high temperature 20 A Triacs
|
STMicroelectronics
|