PART |
Description |
Maker |
MTY100N10E ON2707 Y100N10E |
TMOS POWER FET 100 AMPERES 100 VOLTS RDS(on) = 0.011 OHM 100 A, 100 V, 0.011 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
SPP47N10L |
100-V MOS transistors in S-FET technology( 采用S-FET 技术制作的 100-V MOS 型晶体管) 47 A, 100 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET
|
SIEMENS AG
|
IPB05CN10NG |
100 A, 100 V, 0.0051 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
INFINEON TECHNOLOGIES AG
|
PSMN5R0-100PS |
N-channel 100 V 5 mΩ standard level MOSFET in TO-220 120 A, 100 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V.
|
FSR-D2-XX FSR-XX |
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
|
Adam Technologies, Inc.
|
FCS-D264SG FCS-D234SG FCS30SG FCS-D226SG FCS14SG F |
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
|
Adam Technologies, Inc.
|
MHF64SGL MHF64SGS MHF26SGL MHF26SGS |
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
|
Adam Technologies, Inc.
|
RFD14N05LSM RFP14N05L RFD14N05L |
MULTI DVI DAISY CHAINABLE RECEIVER - CATX 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA TV TO VGA/HDTV VIDEO SCALER 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 14A/ 50V/ 0.100 Ohm/ Logic Level/ N-Channel Power MOSFETs 14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs 14A 50V 0.100 Ohm Logic Level N-Channel Power MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TQD100YGE TQD100YGE-A TQD100ZGE-A TQD080Z2.0-A TQD |
DUAL OUTPUT, 100 WATT DUAL OUTPUT/ 100 WATT 2-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 240 x 320 pixel format (portrait mode), Compact LCD size 双输出,100
|
POWER-ONE[Power-One] Power-One, Inc.
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
ADL5802 ADL5802-EVALZ ADL5802ACPZ-R7 ADL580209 |
Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer Dual Channel High IP3 100 MHz – 6 GHz Active Mixer; No of Pins: 24 100 MHz - 6000 MHz RF/MICROWAVE DOUBLE BALANCED MIXER
|
Analog Devices, Inc.
|
MTW33N10E ON2695 |
TMOS POWER FET 33 AMPERES 100 VOLTS RDS(on) = 0.06 OHM 33 A, 100 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AE From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
|