PART |
Description |
Maker |
2N6437 2N6438 2N6437-D |
POWER TRANSISTORS PNP SILICON 25 A, 120 V, PNP, Si, POWER TRANSISTOR, TO-204AA High-Power PNP Silicon Transistors
|
ONSEMI[ON Semiconductor]
|
MJE5731A MJE5731 MJE5730 ON2039 |
POWER TRANSISTORS PNP SILICON 1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB 1.0 AMPERE POWER TRANSISTORS From old datasheet system
|
ON Semiconductor
|
2SB1011 |
Power Device - Power Transistors - General-Purpose power amplification Silicon PNP Transistor Silicon PNP triple diffusion planar type
|
Panasonic Corporation
|
MJW3281AG MJW3281A10 MJW1302AG |
Complementary NPN-PNP Silicon Power Bipolar Transistors 15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS 15 A, 230 V, NPN, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Silicon Power Bipolar Transistors
|
ON Semiconductor
|
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
2N4920 2N4919 2N4918 2N491-D |
Medium-Power Plastic PNP Silicon Transistors GENERAL.PURPOSE POWER TRANSISTORS
|
ONSEMI[ON Semiconductor]
|
BCY72 BCY70 BCY71 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% PNP SILICON TRANSISTORS PNP SILICON PLANAR EPITAXIAL TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
MJE2955T MJE2955TG MJE3055TG MJE3055T |
Bipolar Power TO220 PNP 10A 60V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB Complementary Silicon Plastic Power Transistors
|
ON Semiconductor
|
BC638ZL1 BC636-16ZL1 BC640 BC640ZL1 BC636 BC636-16 |
Transistor Silicon Plastic PNP High Current Transistors PNP Silicon High Current Transistors(PNP Silicon) High Current Transistors 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ONSEMI[ON Semiconductor]
|
2SA963 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
MJE15029 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|