PART |
Description |
Maker |
SY10E150 SY10E150JC SY10E150JCTR SY100E150JC SY100 |
6-BIT D LATCH 100E SERIES, LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PQCC28
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
HCF4724 HCF4724BM1 |
4000/14000/40000 SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PDSO16 8 BIT ADDRESSABLE LATCH
|
STMicroelectronics
|
74AUP1G373GF 74AUP1G373GN |
Low-power D-type transparent latch; 3-state 低功D型透明锁存器;3 Low-power D-type transparent latch; 3-state AUP/ULP/V SERIES, POSITIVE EDGE TRIGGERED D LATCH, TRUE OUTPUT, PDSO6
|
NXP Semiconductors N.V.
|
HD74AC259 HD74AC259FP HD74AC259P |
Addressable D-Type Latch 8-bit Addressable Latch Triple 3-Input Positive-AND Gates 14-CDIP -55 to 125
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
MC100E155FN MC100E155FNR2 MC10E155FN MC10E155FNR2 |
5V ECL 6−Bit 2:1 Mux−Latch 10E SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28 5V ECL 6−Bit 2:1 Mux−Latch
|
ONSEMI[ON Semiconductor]
|
DM74ALS563A DM74ALS563AWM DM74ALS563AN DM74ALS563A |
From old datasheet system Octal D-Type Transparent Latch with 3-STATE Output 8-Bit D-Type Latch RECTIFIER SBR SINGLE 2A 30V 75A-ifsm 0.42Vf 0.4mA-ir PowerDI-123 3K/REEL
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC74VHCT373A ON1751 MC74VHCT373AM MC74VHCT373ADT M |
From old datasheet system OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT Octal D-Type Latch (TTL Compatible)
|
ONSEMI[ON Semiconductor]
|
74ALVCH162373T 74ALVCH162373 74ALVCH162373TX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26?Series Resistors in Outputs Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
91804-0410 91804-0412 91804-0414 91804-0416 91804- |
LaneLink 4x Latch Receptacle LaneLink垄芒 4x Latch Receptacle
|
Molex Electronics Ltd.
|
MC74HC4511 MC74HC4511D MC74HC4511N ON1460 |
BCD-to-Seven-Segment Latch/Decoder/Display Driver BCD-TO-SEVEN-SEGMENT LATCH/DECODER/DLSPLAY DRLVER From old datasheet system
|
Motorola, Inc ON Semi
|