PART |
Description |
Maker |
100355PC 100355QC 100355QI 100355 100355DC 100355Q |
From old datasheet system Low Power Quad Multiplexer/Latch(低功耗、四锁存多路 Low Power Quad Multiplexer/Latch 100K SERIES, LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
CDP1881C CDP1881CE CDP1882 CDP1882C CDP1882CE CDP1 |
CMOS 6-Bit Latch and Decoder Memory Interfaces(CMOS 6位锁存和解码存储器接口) 的CMOS 6位锁存器和解码器存储器接口的CMOS6位锁存和解码存储器接口) CMOS 6-Bit Latch and Decoder Memory Interfaces HIGH LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PDIP20 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MC10133 MC10133L MC10133P ON0569 |
4-Bit D-type Registers with 3-State Outputs 16-CDIP -55 to 125 10K SERIES, DUAL HIGH LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PDIP16 From old datasheet system PIN ASSIGNMENT Quad Latch
|
Coilcraft, Inc. ON Semi Motorola, Inc
|
MC10H173FN MC10H173L MC10H173P ON0768 |
Quad 2-Input Multiplexer/Latch 10H SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, CDIP16 Quad 2-Input Multiplexer/Latch 10H SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PDIP16 From old datasheet system
|
Motorola Mobility Holdings, Inc.
|
A3195EU A3195LLT 3195 A3195LU A3195 A3195ELT |
PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN 保护,高温,霍尔效应锁存主动下拉 SENSOR IC CAC ANALOG OUT 8-DIP PROTECTED. HIGH-TEMPERATURE. HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN Protected,High-Temperature,Oper-Collector Hall-Effect Latch(保护型,工作于高温,霍尔效应锁存器( PROTECTED/ HIGH-TEMPERATURE/ HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN PROTECTED HIGH-TEMPERATURE HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN From old datasheet system
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
74LCXH16373 74LCXH16373MTD 74LCXH16373GX 74LCXH163 |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system 8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
70551-0043 70551-0046 70551-0037 70551-0071 70551- |
SL R/A Latch Hdr /Split Pg 15 SAu 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg 15 SAu 12Ckt 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,3 Contacts,PIN,0.1 Pitch,PC TAIL Terminal,LOCKING MECH 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg 30 SAu 2Ckt 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg Tin 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg 15 SAu 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 705510002 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg Tin 20Ckt SL R/A Latch Hdr /Split Pg 15 SAu 8Ckt
|
Molex, Inc. MOLEX INC
|
CD4043BMS CD4043BMSH CD4044BMS CD4044BMSH FN3311 C |
Single 100Mbps Digital Isolator with Enable 8-SOIC -40 to 125 CMOS Quad Clocked “DLatch R/S Latches, Tri-State, Quad, Rad-Hard, CMOS, Logic CMOS Quad Clocked “D” Latch From old datasheet system CMOS Quad 3 State R/S Latches CMOS Quad Clocked D Latch CMOS Quad Clocked “D Latch
|
INTERSIL[Intersil Corporation]
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TC4044BF TC4044BFN TC4044BP |
QUAD 3-STATE R/S LATCH (Quad NAND R/S Latch)
|
TOSHIBA
|
MC74HC4511 MC74HC4511D MC74HC4511N ON1460 |
BCD-to-Seven-Segment Latch/Decoder/Display Driver BCD-TO-SEVEN-SEGMENT LATCH/DECODER/DLSPLAY DRLVER From old datasheet system
|
Motorola, Inc ON Semi
|
74ABT16373 74ABT16373CMTD 74ABT16373CSSC 74ABT1637 |
8-Bit D-Type Latch 16-Bit Transparent D-Type Latch with 3-STATE Outputs From old datasheet system 16-Bit Transparent Latch with 3-STATE Outputs
|
锁存 Fairchild Semiconductor
|