PART |
Description |
Maker |
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
BR3199 |
BR3199.SCH
|
ETC
|
HA9P5020-5X96 |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL CORP
|
ISL6622 ISL6622CRZ-T ISL6622CBZ |
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R
|
Intersil Corporation
|
HIP600605 HIP6006CB-T HIP6006CBZ HIP6006CBZ-T HIP6 |
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R
|
INTERSIL[Intersil Corporation]
|
ELH0021CK |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R
|
|
CS82C55A-596 |
CMOS Programmable Peripheral Interface; Temperature Range: 0°C to 70°C; Package: 44-PLCC T&R 24 I/O, PIA-GENERAL PURPOSE, PQCC44
|
Intersil, Corp.
|
EL5251IYZ-T7 |
200MHz Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
Intersil, Corp.
|
NCP1423DMR2G |
400 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer 1.2 A SWITCHING REGULATOR, 600 kHz SWITCHING FREQ-MAX, PDSO10
|
ON Semiconductor
|
ISL97650BIRTZ-TK |
4-Channel Integrated LCD Supply; Temperature Range: -25°C to 85°C; Package: 36-TQFN T&R
|
INTERSIL CORP
|