PART |
Description |
Maker |
EFRQ1200480R40-026 EFRQ600240R40-026 EFRQ1200480D5 |
CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP T&R Single Event Hardened High-Speed, Dual Output PWM; Temperature Range: -55°C to 125°C; Package: 16-SBDIP General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 14-PDIP CMOS Octal Bus Transceiver; Temperature Range: -40°C to 85°C; Package: 20-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-SOIC General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-PDIP General Purpose Timers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP CMOS Programmable Interval Timer; Temperature Range: -40°C to 85°C; Package: 24-CerDIP CMOS 8-Bit/16-Bit Microprocessor; Temperature Range: -40°C to 85°C; Package: 40-PDIP CMOS Priority Interrupt Controller; Temperature Range: -40°C to 85°C; Package: 28-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP
|
Honeywell International, Inc. Air Cost Control
|
AM27512-3DC AM27512-3DCB AM27512-3DIB AM27512-4LEB |
±250V Input Range G = 1, 10, Micropower, Difference Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C x8 EPROM x8存储
|
Hammond Manufacturing Co., Ltd. Electronic Theatre Controls, Inc.
|
AL3K-67132L-70 ALS3-67132L-70 AL1K-67142L-70 ALS3- |
Push-Pull PWM Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 3-Phase, Buck Controllers for AMD CPUs; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C N-Channel MOSFET Gate Driver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Low Input Voltage, DC/DC Controller for DDR/QDR Memory Termination; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C x8 Dual-Port SRAM x8双端口SRAM
|
Qimonda AG Aeroflex, Inc. Advanced Interconnections, Corp.
|
AM21L41-15DCB AM21L41-15PCB AM21L41-20DCB AM21L41- |
250µA, 3MHz, 200V/µsOperational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1 SRAM Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifier; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 12MHz, 400V/us Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 25MHz, 600V/us Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C High Power Synchronous DC/DC Controller; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C x1的SRAM
|
RECOM Electronic GmbH
|
AM27C040-120/BUA AM27C040-120/BXA AM27C040-120LIB |
Dual PowerPath Switch Driver; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual Protected High Side Switches; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Differential Bus Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual PCMCIA Protected 3.3V/5V VCC Switches; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very Low Noise, Low Distortion Active RC Quad Universal Filter; Package: SSOP; No of Pins: 20; Temperature Range: 0°C to 70°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
Samsung Semiconductor Co., Ltd. Advanced Micro Devices, Inc.
|
TML15212 TML05112 TML15105 TML15124 TML05205 TML10 |
Encapsulated Power Supply 15 Watt, input voltage range: 85-264V, output voltage /-12V ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-15V (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 12V (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 15V (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-5V ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 15V (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-5V ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 12V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-12V ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 24V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 5V (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 3.3V (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-12V (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-15V ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 24V (625mA), encapsulated power supply
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
AM27H010 AM27H010-45DEB AM27H010-45DIB AM27H010-45 |
x8 EPROM x8存储 Low Loss PowerPath Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Differential Driver and Receiver Pair; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Negative Voltage Diode-OR Controller and Monitor; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 36V, Low Loss PowerPath Controller for Large PFETs; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
AM27C040-95DC AM27C040-95DI AM27C040-95EC AM27C040 |
x8 EPROM Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Serial 16-Bit Multiplying DACs; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Serial 16-Bit Multiplying DACs; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Active RC, 4th Order Lowpass Filter Family; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Dual Serial 12-Bit Multiplying DAC; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储
|
Amphenol, Corp.
|
LTC1758-2 LTC1758-1 LTC1758-1EMS8 LTC1758-2EMS LTC |
RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C
|
LINER[Linear Technology] Linear Technology Corporation
|
EGP08A EGP08B |
Dual Digitally Controlled Potentiometers (XDCP); Low Noise, Low Power, I2C® Bus, 128 Taps, Wiper Only; Temperature Range: Full-Range Ind Ultrafast Recovery Rectifiers 超快恢复二极
|
AME, Inc.
|
HPC16083XXX/V20 HPC16083XXX/V30 HPC26083XXX/V17 HP |
Push-on lock system, Miniature coaxial connectors; HRS No: 312-0187-8 40; Impedance (ohm): 75; Frequency Range (GHz): 0 to 1; Operating Temperature Range (degrees C): -30 to 60; General Description: Ground plate 16位微控制 16-Bit Microcontroller 16位微控制
|
Spansion, Inc. ITT, Corp. Bel Fuse, Inc.
|
|