PART |
Description |
Maker |
SC1531ACSTR SC1531CSTR SC1531 SC1531A SC1531ACS.TR |
200 mA & 250 mA smart LDOs 200mA & 500mA SmartLDOs 200mA & 250mA SmartLDOs 250mA SmartLDOs(250mA SmartLDOs线性稳压器) 200mA SmartLDOs(200mA SmartLDOs线性稳压器)
|
SEMTECH[Semtech Corporation]
|
TTB200T TTB200S TTB150T TTB150D |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|285V V(BO) MAX|200MA I(S)|TO-220AC SINGLE BIDIRECTIONAL BREAKOVER DIODE|285V V(BO) MAX|200MA I(S)|DO-214AB SINGLE BIDIRECTIONAL BREAKOVER DIODE|235V V(BO) MAX|200MA I(S)|TO-220AC SINGLE BIDIRECTIONAL BREAKOVER DIODE|235V V(BO) MAX|200MA I(S)|DO-15 单双向击穿二极管| 235V五(公报)最大| 200mA的我(县)|的DO - 15
|
ITT, Corp.
|
ASI10523 ASI1002 |
NPN Silicon RF Power Transistor Designed for General Purpose Class C Power Amplifier up to 1500 MHz(Ic: 200mA ,Vcc: 35 V)(NPN 纭??灏??????朵?绠??ㄤ????C绾ф?澶у?,棰??杈?500 MHz(Ic:200mA ,Vcc: 35 V))
|
ADVANCED SEMICONDUCTOR INC
|
PWC PWC-24S PWC-5 PWC-15 PWC-3.3E PWC-3.3S PWC-5S |
TRANS,WALL,12VDC/200mA,F2 2.5mmX5.5mm,R ANGLE,UL,CSA AP,CERM,DISC,.001uF,50V,20%, INCREMENTS of 10 TRANS,WALL,14VDC/200mA,F2, 2.1mm X 5.5mm,UL/CUL PowerBlock微小瓦电源供应器 PowerBlock Micro-Miniature 5 Watt Switching Power Supplies PowerBlock微小瓦电源供应器
|
Astrodyne, Inc.
|
2SA1541D 2SA1541C 2SA1541E 2SC3956F |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 200MA I(C) | TO-126 TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 200MA I(C) | TO-126 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 200mA的一(c)|26
|
STMicroelectronics N.V.
|
IP3M12 IP1M10 IP1M12 IP2M10 IP2M12 IP3M10 IP1M10J- |
200mA Dual H Bridge 2 CHANNEL, HALF BRIDGE BASED PRPHL DRVR, CDIP8 200mA Dual H Bridge 2 CHANNEL, HALF BRIDGE BASED PRPHL DRVR, CDIP16 200mA DUAL H-BRIDGE
|
SEMELAB LTD TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
NFW31SP407X1E4L NFW31SP206X1E4L |
FILTER LC EMI 400MHZ 200MA 1206 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER FILT, FILTER EMI 200MA 3DB CUTOFF 20MHZ 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
56P36-01-2-05S-F 56P36-01-2-05N-C 56P36-01-2-05S-C |
ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, THROUGH HOLE-STRAIGHT ROHS COMPLIANT ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, SP11T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
BLM18BD470SN1D BLM18BD470SN1J BLM18BD470SN1B BLM18 |
1 FUNCTIONS, 0.5 A, FERRITE CHIP EIA STD PACKAGE SIZE 0603, 2 PIN BDSM, FER BLM18BA100SN1D 0603 1 FUNCTIONS, 0.5 A, FERRITE CHIP EMI 120 OHM 100 MHZ 200MA 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 120 OHM 200MA 0603
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
SS0203EJ |
30V 200mA Rectifier
|
Sanyo Semicon Device
|
|