PART |
Description |
Maker |
BLM21P221SGPT BLM21P221SGPB BLM41P600SPT BLM11P300 |
FERRITE, CHIP TYPE, 0.35 OHM RESISTANCE, 220 OHM IMPEDANCE @ 100MHZ, SMT 0805 1 FUNCTIONS, 2 A, FERRITE CHIP FLT, S/M, 0805, 2000MA, FERRITE BD 1 FUNCTIONS, 2 A, FERRITE CHIP COIL, BEAD FERRITE 060 OHMS @ 100MHZ SM, 1806 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 1 A, FERRITE CHIP 1 FUNCTIONS, 3 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
LC86104A |
Liquid Crystal Display Controller/ Driver, On-chip 4K bytes ROM and On-chip 168 bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER LC86104A
|
SANYO
|
BMB0805A-110 BMB0603A-121 BMB0603A-600 BMB0603A-80 |
1 FUNCTIONS, 0.3 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
|
BI TECHNOLOGIES CORP BITECH[Bi technologies] http://
|
250R18W105ZV4E 250R18W105ZV4T 500R18Y105KV4E 6R3R1 |
Tanceram㈢ Chip Capacitors Tanceram? Chip Capacitors Tanceram庐 Chip Capacitors Tanceram垄莽 Chip Capacitors
|
List of Unclassifed Manufacturers ETC
|
LC86104C LC86108C |
Liquid Crystal Display Controller/ Driver, On-chip 4K bytes ROM or 8K Bytes ROM and On-chip 168 bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER LC86104C/LC86108C
|
SANYO
|
CR1206-FX-4531ELF CR1206-FX-45R3ELF CR1206-FX-4533 |
CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 8.2 ohm, SURFACE MOUNT, 1206 Suitable for all types of soldering processes Three layer contacting process with nickel barrier prevents leaching and provides excellent solderability CR0603/CR0805/CR1206 - Chip Resistors Tight tolerances of bottom electrode width CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 16.2 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 3.09K ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 3090 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 2.26K 1% 1/10W RESISTOR, 0.1 W, 1 %, 100 ppm, 2260 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 4.53K ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 4530 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 3.83K ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 3830 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.125 W, 5 %, 500 ppm, 2 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 500 ppm, 2.7 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 1.47K 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 1470 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 1070 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 27ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 27 ohm, SURFACE MOUNT, 0805 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W RESISTOR, 0.125 W, 1 %, 100 ppm, 68.1 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 8.2K ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 8200 ohm, SURFACE MOUNT, 0603 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W RESISTOR, 0.1 W, 1 %, 100 ppm, 33.2 ohm, SURFACE MOUNT, 0603 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W RESISTOR, 0.1 W, 1 %, 100 ppm, 4700 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 68.1K 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 68100 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 182ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 182 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 11.8 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 11.5 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 200 ppm, 8200000 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 16.5 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 34.8 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 500 ppm, 1.8 ohm, SURFACE MOUNT, 0603 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W RESISTOR, 0.1 W, 1 %, 100 ppm, 33 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 12.1 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.125 W, 5 %, 200 ppm, 1500 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 15000 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 75K 5% RESISTOR, 0.25 W, 5 %, 200 ppm, 75000 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 11ohm 5% 1/10W RESISTOR, 0.1 W, 5 %, 200 ppm, 11 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 200 ppm, 180 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 6200000 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 30 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 1500 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 200 ppm, 680 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 75K ohm 5% RESISTOR, 0.1 W, 5 %, 200 ppm, 75000 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 200 ppm, 2400 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 3900000 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 180ohm 5% RESISTOR, 0.25 W, 5 %, 200 ppm, 180 ohm, SURFACE MOUNT, 1206 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W RESISTOR, 0.1 W, 5 %, 200 ppm, 18 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 200 ppm, 56 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 51 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 180K ohm 5% RESISTOR, 0.25 W, 5 %, 200 ppm, 180000 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.1 W, 5 %, 200 ppm, 43 ohm, SURFACE MOUNT, 0603 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W RESISTOR, 0.25 W, 5 %, 200 ppm, 100 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 5 %, 200 ppm, 7500 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 97.6ohm 1% RESISTOR, 0.25 W, 1 %, 100 ppm, 97.6 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 84.5 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 1430 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 82 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 91 ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 91 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 71.5 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 64.9 ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 64.9 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 93.1 ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 93.1 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 97.6ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 97.6 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 73.2 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 76.8ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 76.8 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 84.5ohm 1% RESISTOR, 0.25 W, 1 %, 100 ppm, 84.5 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 49.9ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 49.9 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 53.6 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 35.7 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 35.7 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 53.6K 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 53600 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 53.6 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 37.4ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 37.4 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 35.7K ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 35700 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 37.4 ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 37.4 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 24.3 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 51 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 13 ohm, SURFACE MOUNT, 1206 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W RESISTOR, 0.1 W, 5 %, 200 ppm, 24 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 51.1K 1% RESISTOR, 0.25 W, 1 %, 100 ppm, 51100 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 24.3 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 12.7 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 24.9 ohm, SURFACE MOUNT, 0805 Resistor,Ruthenium Oxide,2.7Ohms,100WV,5 /-% Tol,-200,500ppm-TC,0805-Case RESISTOR, 0.125 W, 5 %, 500 ppm, 2.7 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 30.1 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 220K ohm 5% RESISTOR, 0.1 W, 5 %, 200 ppm, 220000 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 51ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 51 ohm, SURFACE MOUNT, 0805 Resistor,Ruthenium Oxide,2.4Ohms,100WV,5 /-% Tol,-200,500ppm-TC,0805-Case RESISTOR, 0.125 W, 5 %, 500 ppm, 2.4 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 30 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 19.6 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 30 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 17.8 ohm, SURFACE MOUNT, 0805 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W RESISTOR, 0.1 W, 1 %, 100 ppm, 15 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 13.3 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 24K ohm 5% RESISTOR, 0.1 W, 5 %, 200 ppm, 24000 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 13.3 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 17.8K 1% RESISTOR, 0.25 W, 1 %, 100 ppm, 17800 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 24 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 24 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 78.7 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 13 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 16.2ohm 1% RESISTOR, 0.125 W, 1 %, 100 ppm, 16.2 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 12 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 12 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 48.7 ohm 1% RESISTOR, 0.1 W, 1 %, 100 ppm, 48.7 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 19.6 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 30 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.125 W, 1 %, 100 ppm, 30.9 ohm, SURFACE MOUNT, 0805 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 30.1 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR RESISTOR, 0.1 W, 1 %, 100 ppm, 30.9 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 25.5ohm 1% RESISTOR, 0.25 W, 1 %, 100 ppm, 25.5 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 453000 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 45.3 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR RESISTOR, 0.25 W, 1 %, 100 ppm, 4530 ohm, SURFACE MOUNT, 1206
|
Bourns Electronic Solutions Bourns, Inc. Bourns Electronic Solut...
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MPSA12DA MPSA12DB MPSA12DC MPSA42DB MPSA42DC MPSA4 |
TRANSISTOR | BJT | PNP | 150V V(BR)CEO | CHIP 晶体管|晶体管|进步党| 150伏五(巴西)总裁|芯片 TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | CHIP 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁|芯片 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | CHIP 晶体管|晶体管| npn型| 140伏特五(巴西)总裁|芯片 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | CHIP TRANSISTOR | BJT | DARLINGTON | NPN | 30V V(BR)CEO | CHIP TRANSISTOR | BJT | NPN | 300V V(BR)CEO | CHIP TRANSISTOR|BJT|DARLINGTON|NPN|CHIP
TRANSISTOR|BJT|DARLINGTON|NPN|30VV(BR)CEO|CHIP
|
Zetex Semiconductor PLC Central Semiconductor, Corp. Cypress Semiconductor, Corp.
|
0907X7R104Z2FB 0907X7R104Z2F4 0907X7R104Z2F5 0907X |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, X7R, 0.1 uF, SURFACE MOUNT, 0907 CHIP CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.00082 uF, SURFACE MOUNT, 0704 CHIP CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0082 uF, SURFACE MOUNT, 1706 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.082 uF, SURFACE MOUNT, 3439 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.00068 uF, SURFACE MOUNT, 0704 CHIP CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.06 uF, SURFACE MOUNT, 2725 CHIP CAPACITOR, CERAMIC, MULTILAYER, 25 V, Y5V, 0.68 uF, SURFACE MOUNT, 1706 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BX, 0.068 uF, SURFACE MOUNT, 0907 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BX, 0.0068 uF, SURFACE MOUNT, 0704 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BX, 0.68 uF, SURFACE MOUNT, 2321 CHIP
|
Presidio Components, Inc.
|
|