PART |
Description |
Maker |
4400-094 4400-094LF |
Electrical Testing per Tusonix standard test plans and Mil-Std-202 Test Methods
|
List of Unclassifed Manufacturers
|
5523 3781 |
Connector assemblies, Hooks Test; RoHS Compliant: Yes INTERCONNECTION DEVICE Minigrabber Test Clip Patch Cord
|
Pomona Electronics
|
0040.1061 0040.1062 0040.1141 0040.1142 |
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
|
Schurter Inc.
|
IT3M-200S-BGA IT3D-200S-BGA IT3D-300S-BGA IT3M-300 |
IT3 Test Vehicle Assembly Yield Test
|
Hirose Electric
|
1N754 1N746 1N759 1N4371 1N4372 1N747 1N748 1N749 |
500mW SILICON ZENER DIODES 500mW, silicon zener diode. Zener voltage 9.1 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 12.0 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 4.3 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 3.9 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 8.2 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 3.0 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 2.4 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 2.4 V. Test current 20 mA. -2% tolerance. SIDE GRIPS, PAIR GREY LARGESIDE GRIPS, PAIR GREY LARGE; Colour:Grey; Pack size:2 surface mount silicon Zener diodes 500mW, silicon zener diode. Zener voltage 12 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 10 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 3.0 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 3.3 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 3.9 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 9.1 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 7.5 V. Test current 20 mA. -1% tolerance.
|
Jinan Gude Electronic D... JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 娴???洪??靛??ㄤ欢??????
|
C4000-VOIP C4000-IPTV C4000-VOIP-UNISTIM C4000-VOI |
T-BERD㈢/MTS-4000Multiple Services Test Platform T-BERD?/MTS-4000Multiple Services Test Platform T-BERD垄莽/MTS-4000Multiple Services Test Platform
|
JDS Uniphase Corporation
|
V23815-S1306-M931 V23814-S1306-M931 |
Test Board PAROLI?Receiver AC/DC Test Board PAROLI Transmitter AC/DC
|
Infineon
|
44242-0001 44242-0002 44242-0003 44242-0004 44242- |
Micro-Fit 3.0垄芒 Test Plugs Won隆炉t Damage Mating Contact Micro-Fit 3.0 Test Plugs Won’t Damage Mating Contact
|
Molex Electronics Ltd.
|
3787-C-18 3787-C-60 5187-K-48 |
Connector assemblies, IC clips Test; RoHS Compliant: Yes INTERCONNECTION DEVICE Connector assemblies, IC clips Test; INTERCONNECTION DEVICE
|
Pomona Electronics
|
MD6022ASC-0 |
Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20隆?C, RH=65%) Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20°C, RH=65%)
|
Knowles Electronics
|
T40-2FT-KFKM |
Test Cable
|
Mini-Circuits
|
CBL-2M-NMNM |
Test Cable
|
Mini-Circuits
|