PART |
Description |
Maker |
MAX1472AKAT MAX147210 |
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
|
http:// Maxim Integrated Products
|
MAX7044 |
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
|
Maxim Integrated Products
|
MAX704411 MAX7044AKA |
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
|
Maxim Integrated Products
|
MAX7044AKA-T MAX7044 |
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products]
|
MICRF219AYQS MICRF21911 |
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
|
Micrel Semiconductor
|
MICRF219 |
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
|
Micrel Semiconductor http://
|
MAX4269 MAX4267 MAX4265-MAX4270 |
"Dual, 450MHz, Ultra-Low- Distortion, Single-Supply Op Amp with Enable (AV> 2)" " Single, 300MHz, Ultra-Low- Distortion, Single-Supply Op Amp with Enable (AV> 5)" From old datasheet system
|
Maxim
|
HFA11XXEVAL HFA1109_04 HFA1109IB |
450MHz, Low Power, Current Feedback Video Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
LTC6400CUD-20-PBF LTC6400CUD-20-TRPBF LTC6400IUD-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology, Corp.
|
EL5263IY-T13 EL5263IY EL5263IS-T13 EL5263IS EL5263 |
300MHz Low Power Current Feedback Amplifiers with Enable
|
INTERSIL[Intersil Corporation]
|
LTC6400-8 LTC6400CUD-8-PBF LTC6400CUD-8-TRPBF LTC6 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
|
Linear Technology, Corp.
|